Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC4102C Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LC4102C
Description  LCD Dot Matrix Common Driver for STN Displays
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC4102C Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LC4102C Datasheet HTML 1Page - Sanyo Semicon Device LC4102C Datasheet HTML 2Page - Sanyo Semicon Device LC4102C Datasheet HTML 3Page - Sanyo Semicon Device LC4102C Datasheet HTML 4Page - Sanyo Semicon Device LC4102C Datasheet HTML 5Page - Sanyo Semicon Device LC4102C Datasheet HTML 6Page - Sanyo Semicon Device LC4102C Datasheet HTML 7Page - Sanyo Semicon Device LC4102C Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Electrical Characteristics at Ta = –20 to +75°C, VDD = 2.7 to 5.5 V, VSS = 0 V
Note: 1. LOAD, RS/LS, DISP, DF, DIO1, DIO160, DMIN and MODE
2. VOUT is the voltage applied by on-state outputs. V0 = VEE, V1 = 19/20 (VEE – VSSH), V4 = 1/20 (VEE – VSSH), V5 = VSSH, VSSH = VSS
3. VDD = 2.7 to 5.5 V, fCP = 50 kHz
4. fDF = 100 Hz, with no output load, VEE = 36 V, for a single data shift
Block Diagram
No. 5789-2/8
LC4102C
Parameter
Symbol
Conditions
min
typ
max
Unit
Input high-level current
IIH
VIN = VDD*1
1
µA
Input low-level current
IIL
VIN = VSS*1
–1
Output high-level voltage
VOH
IOH = –0.4 mA, DIO1, DIO160
0.8
× VDD
VDD
V
Output low-level voltage
VOL
IOL = 0.4 mA, DIO1, DIO160
VSS
0.2
× VDD
RON0
VOUT = V0 – 0.5 V *2, OUT1 to 160
1000
Output on resistance
RON1
VOUT = V1 – 0.5 V *2, OUT1 to 160
1000
RON4
VOUT = V4 + 0.5 V *2, OUT1 to 160
1000
RON5
VOUT = V5 + 0.5 V *2, OUT1 to 160
1000
Current drain 1
IDD
VDD*3
200
µA
Current drain 2
IDDH
VDD*4
500
4-Level LCD Driver CIRCUIT (160 bits)


Similar Part No. - LC4102C

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC4100 SANYO-LC4100 Datasheet
87Kb / 8P
   LCD Dot Matrix Common Driver for STN Displays
LC4100C SANYO-LC4100C Datasheet
87Kb / 8P
   LCD Dot Matrix Common Driver for STN Displays
LC4101C SANYO-LC4101C Datasheet
86Kb / 9P
   LCD Dot Matrix Segment Driver for STN Displays
LC4103C SANYO-LC4103C Datasheet
240Kb / 11P
   STN LCD Dot Matrix Common Driver
LC4103TAB-01 SANYO-LC4103TAB-01 Datasheet
240Kb / 11P
   STN LCD Dot Matrix Common Driver
More results

Similar Description - LC4102C

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC4131C SANYO-LC4131C Datasheet
74Kb / 7P
   LCD Dot Matrix Common Driver for STN Displays
LC4100C SANYO-LC4100C Datasheet
87Kb / 8P
   LCD Dot Matrix Common Driver for STN Displays
LC4104C SANYO-LC4104C Datasheet
86Kb / 9P
   LCD Dot Matrix Segment Driver for STN Displays
LC4101C SANYO-LC4101C Datasheet
86Kb / 9P
   LCD Dot Matrix Segment Driver for STN Displays
LC4103TAB-01 SANYO-LC4103TAB-01 Datasheet
240Kb / 11P
   STN LCD Dot Matrix Common Driver
logo
Hitachi Semiconductor
HD66137 HITACHI-HD66137 Datasheet
99Kb / 19P
   High-Voltage Durable 240-Channel Common Driver for Dot-Matrix STN LCD
logo
List of Unclassifed Man...
FEDL9460-01 ETC2-FEDL9460-01 Datasheet
259Kb / 27P
   Common Driver for Dot Matrix STN Liquid Crystal Display
logo
NXP Semiconductors
PCF8579 NXP-PCF8579 Datasheet
260Kb / 41P
   LCD column driver for dot matrix graphic displays
Rev. 05-11 May 2009
logo
Texas Instruments
MPT57202 TI1-MPT57202 Datasheet
156Kb / 11P
[Old version datasheet]   160-CHANNEL LCD GATE DRIVER FOR DOT MATRIX STN
logo
NXP Semiconductors
PCF8579 PHILIPS-PCF8579 Datasheet
287Kb / 40P
   LCD column driver for dot matrix graphic displays
1997 Apr 01
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com