Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2315214 Datasheet(PDF) 6 Page - PHOENIX CONTACT

Part # 2315214
Description  VIP-2/SC/FLK14/PLC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2315214 Datasheet(HTML) 6 Page - PHOENIX CONTACT

  2315214 Datasheet HTML 1Page - PHOENIX CONTACT 2315214 Datasheet HTML 2Page - PHOENIX CONTACT 2315214 Datasheet HTML 3Page - PHOENIX CONTACT 2315214 Datasheet HTML 4Page - PHOENIX CONTACT 2315214 Datasheet HTML 5Page - PHOENIX CONTACT 2315214 Datasheet HTML 6Page - PHOENIX CONTACT 2315214 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
VIP-2/SC/FLK14/PLC Order No.: 2315214
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=2315214
PHOENIX CONTACT Deutschland GmbH
Page 6 / 7
http://www.phoenixcontact.de
Mar 15, 2010
Marking
0818111
UC-TM 4
UniCard sheets, for labeling terminal blocks using a Zack marker
strip groove, 120-section, can be labeled with BLUEMARK X1 and
CMS-P1-PLOTTER, color: White
0818085
UC-TM 6
UniCard sheets, for labeling terminal blocks using Zack marker
strip groove,80-section, labeling with BLUEMARK X1 and CMS-
P1-PLOTTER, color: White
0811862
ZB 22:UNBEDRUCKT
Zack marker strip, unprinted: 4-section, for individual labeling with
M-PEN, ZB-T or CMS system, sufficient for 100 terminal blocks,
for a terminal width of 22 mm, color: White
0809793
ZB 5,08:UNBEDRUCKT
Zack strip, unprinted: 10-section, for individual labeling with M-
PEN, ZB-T or CMS system, sufficient for 100 terminal blocks per
pack
Diagrams/Drawings
Circuit diagram
VIP-2/SC/FLK14/PLC connection scheme


Similar Part No. - 2315214

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2315214 PHOENIX-2315214 Datasheet
210Kb / 3P
   VARIOFACE Professional for system cabling applications
2014-08-08
More results

Similar Description - 2315214

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2322249 PHOENIX-2322249 Datasheet
119Kb / 4P
   VIP-2/SC/FLK14/LED/PLC
2322294 PHOENIX-2322294 Datasheet
118Kb / 4P
   VIP-2/SC/FLK14/8P/PLC
2322281 PHOENIX-2322281 Datasheet
69Kb / 6P
   Passive module - VIP-2/SC/FLK14/8M/PLC
2315023 PHOENIX-2315023 Datasheet
137Kb / 7P
   VIP-2/SC/FLK14
2905855 PHOENIX-2905855 Datasheet
55Kb / 3P
   Passive module - VIP-2/SC/FLK14/8M/PLC SO
2322278 PHOENIX-2322278 Datasheet
71Kb / 7P
   Passive module - VIP-3/SC/FLK14/8IM/PLC
2322265 PHOENIX-2322265 Datasheet
74Kb / 6P
   Passive module - VIP-3/SC/FLK14/8IM/LED/PLC
2315227 PHOENIX-2315227 Datasheet
141Kb / 7P
   VIP-2/SC/FLK50/PLC
2322058 PHOENIX-2322058 Datasheet
56Kb / 3P
   Interface module - VIP-2/SC/FLK14/LED
2322252 PHOENIX-2322252 Datasheet
125Kb / 4P
   VIP-2/SC/FLK50/LED/PLC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com