Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2315201 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2315201
Description  VIP-3/SC/D50SUB/F
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2315201 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2315201 Datasheet HTML 1Page - PHOENIX CONTACT 2315201 Datasheet HTML 2Page - PHOENIX CONTACT 2315201 Datasheet HTML 3Page - PHOENIX CONTACT 2315201 Datasheet HTML 4Page - PHOENIX CONTACT 2315201 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PHOENIX CONTACT Deutschland GmbH
Page 1 / 5
http://www.phoenixcontact.de
Mar 15, 2010
Extract from the online
catalog
 
VIP-3/SC/D50SUB/F
Order No.: 2315201
The illustration shows version VIP-3/SC/D50SUB/M
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=2315201
 
 
VARIOFACE module, with screw connection and female D-
Subminiature pin strip, for mounting on NS 35/7.5 or NS 32, 50-pos.
 
Commercial data
EAN
4046356312950
Pack
1 pcs.
Customs tariff
85369010
Weight/Piece
0.26 KG
Catalog page information
Page 285 (IF-2009)
Product notes
WEEE/RoHS-compliant since:
09/02/2008
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
General data
Nominal voltage UN
125 V AC/DC
Max. current carrying capacity per branch
2 A
Number of positions
50
Width
98.2 mm
Height
62 mm


Similar Part No. - 2315201

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2315201 PHOENIX-2315201 Datasheet
212Kb / 3P
   VARIOFACE Professional for D-subminiature plug connectors
05/2009
More results

Similar Description - 2315201

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2322236 PHOENIX-2322236 Datasheet
184Kb / 5P
   VIP-3/SC/D50SUB/F/LED
2315159 PHOENIX-2315159 Datasheet
109Kb / 5P
   VIP-3/SC/D50SUB/M
2322184 PHOENIX-2322184 Datasheet
184Kb / 5P
   VIP-3/SC/D50SUB/M/LED
2904267 PHOENIX-2904267 Datasheet
63Kb / 4P
   Interface module - VIP-3/PT/D50SUB/F/LED
2322427 PHOENIX-2322427 Datasheet
132Kb / 4P
   VIP-3/SC/HD44SUB/F
2322430 PHOENIX-2322430 Datasheet
133Kb / 4P
   VIP-3/SC/HD62SUB/F
2322414 PHOENIX-2322414 Datasheet
133Kb / 4P
   VIP-3/SC/HD26SUB/F
2315188 PHOENIX-2315188 Datasheet
109Kb / 5P
   VIP-3/SC/D25SUB/F
2315191 PHOENIX-2315191 Datasheet
108Kb / 5P
   VIP-3/SC/D37SUB/F
2322223 PHOENIX-2322223 Datasheet
184Kb / 5P
   VIP-3/SC/D37SUB/F/LED
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com