Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIR880DP Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SIR880DP
Description  N-Channel 80 V (D-S) MOSFET 100 % UIS Tested
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIR880DP Datasheet(HTML) 1 Page - Vishay Siliconix

  SIR880DP Datasheet HTML 1Page - Vishay Siliconix SIR880DP Datasheet HTML 2Page - Vishay Siliconix SIR880DP Datasheet HTML 3Page - Vishay Siliconix SIR880DP Datasheet HTML 4Page - Vishay Siliconix SIR880DP Datasheet HTML 5Page - Vishay Siliconix SIR880DP Datasheet HTML 6Page - Vishay Siliconix SIR880DP Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Vishay Siliconix
SiR880DP
New Product
Document Number: 65702
S10-0635-Rev. A, 22-Mar-10
www.vishay.com
1
N-Channel 80 V (D-S) MOSFET
FEATURES
Halogen-free According to IEC 61249-2-21
Definition
TrenchFET® Power MOSFET
100 % Rg Tested
100 % UIS Tested
Compliant to RoHS Directive 2002/95/EC
APPLICATIONS
Fixed Telecom
POL
DC/DC Converter
Primary Side Switch
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)
ID (A)
a
Qg (Typ.)
80
0.0059 at VGS = 10 V
60
23 nC
0.0067 at VGS = 7.5 V
60
0.0085 at VGS = 4.5 V
60
Ordering Information: SiR880DP-T1-GE3 (Lead (Pb)-free and Halogen-free)
1
2
3
4
5
6
7
8
S
S
S
G
D
D
D
D
6.15 mm
5.15 mm
PowerPAK® SO-8
Bottom View
N-Channel MOSFET
G
D
S
Notes:
a. Package limited.
b. Surface Mounted on 1" x 1" FR4 board.
c. t = 10 s.
d. See Solder Profile (www.vishay.com/ppg?73257). The PowerPAK SO-8 is a leadless package. The end of the lead terminal is exposed copper
(not plated) as a result of the singulation process in manufacturing. A solder fillet at the exposed copper tip cannot be guaranteed and is not
required to ensure adequate bottom side solder interconnection.
e. Rework Conditions: manual soldering with a soldering iron is not recommended for leadless components.
f. Maximum under Steady State conditions is 54 °C/W.
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
80
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
60a
A
TC = 70 °C
60a
TA = 25 °C
23b, c
TA = 70 °C
18.4b, c
Pulsed Drain Current
IDM
100
Continuous Source-Drain Diode Current
TC = 25 °C
IS
60a
TA = 25 °C
5.6b, c
Single Pulse Avalanche Current
L = 0.1 mH
IAS
35
Single Pulse Avalanche Energy
EAS
61
mJ
Maximum Power Dissipation
TC = 25 °C
PD
104
W
TC = 70 °C
66.6
TA = 25 °C
6.25b, c
TA = 70 °C
4.0b, c
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
Soldering Recommendations (Peak Temperature)d, e
260
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambientb, f
t
≤ 10 s
RthJA
15
20
°C/W
Maximum Junction-to-Case (Drain)
Steady State
RthJC
0.9
1.2


Similar Part No. - SIR880DP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIR880DP VISHAY-SIR880DP Datasheet
504Kb / 13P
   N-Channel 80 V (D-S) MOSFET
Rev. B, 22-Nov-10
SIR880DP VISHAY-SIR880DP Datasheet
504Kb / 13P
   N-Channel 80 V (D-S) MOSFET
Rev. B, 22-Nov-10
logo
Vishay Telefunken
SIR880DP TFUNK-SIR880DP Datasheet
334Kb / 13P
   N-Channel 80 V (D-S) MOSFET
logo
Vishay Siliconix
SIR880DP-T1-GE3 VISHAY-SIR880DP-T1-GE3 Datasheet
369Kb / 13P
   N-Channel 80 V (D-S) MOSFET
01-Jan-2022
SIR880DP_1011 VISHAY-SIR880DP_1011 Datasheet
504Kb / 13P
   N-Channel 80 V (D-S) MOSFET
Rev. B, 22-Nov-10
More results

Similar Description - SIR880DP

ManufacturerPart #DatasheetDescription
logo
DinTek Semiconductor Co...
DTM4410 DINTEK-DTM4410_13 Datasheet
1Mb / 9P
   N-Channel 30-V (D-S) MOSFET 100 % Rg and UIS Tested
logo
Taiwan Semiconductor Co...
TSM4NC50CP TSC-TSM4NC50CP Datasheet
436Kb / 6P
   100% UIS and Rg tested
logo
Vishay Siliconix
SIR880DP_1209 VISHAY-SIR880DP_1209 Datasheet
504Kb / 13P
   N-Channel 80 V (D-S) MOSFET
Rev. B, 22-Nov-10
logo
DinTek Semiconductor Co...
DTM4830 DINTEK-DTM4830 Datasheet
311Kb / 8P
   N-Channel 80 V (D-S) MOSFET
logo
Analog Power
AM30N08-80D ANALOGPOWER-AM30N08-80D Datasheet
79Kb / 3P
   N-Channel 80-V (D-S) MOSFET
logo
Vishay Siliconix
SI7852DP VISHAY-SI7852DP Datasheet
40Kb / 5P
   N-Channel 80-V (D-S) MOSFET
Rev. A, 28-May-01
logo
Analog Power
AM90N08-05P ANALOGPOWER-AM90N08-05P Datasheet
369Kb / 5P
   N-Channel 80-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
60N75 VBSEMI-60N75 Datasheet
1Mb / 9P
   N-Channel 80 V (D-S) MOSFET
logo
Vishay Siliconix
SI4896DY VISHAY-SI4896DY_17 Datasheet
182Kb / 8P
   N-Channel 80-V (D-S) MOSFET
Rev. C, 18-May-09
logo
VBsemi Electronics Co.,...
AOB470L VBSEMI-AOB470L Datasheet
1Mb / 9P
   N-Channel 80 V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com