Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIHB16N50C-E3 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # SIHB16N50C-E3
Description  Gate Charge Improved Compliant to RoHS Directive 2002/95/EC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIHB16N50C-E3 Datasheet(HTML) 7 Page - Vishay Siliconix

  SIHB16N50C-E3 Datasheet HTML 1Page - Vishay Siliconix SIHB16N50C-E3 Datasheet HTML 2Page - Vishay Siliconix SIHB16N50C-E3 Datasheet HTML 3Page - Vishay Siliconix SIHB16N50C-E3 Datasheet HTML 4Page - Vishay Siliconix SIHB16N50C-E3 Datasheet HTML 5Page - Vishay Siliconix SIHB16N50C-E3 Datasheet HTML 6Page - Vishay Siliconix SIHB16N50C-E3 Datasheet HTML 7Page - Vishay Siliconix SIHB16N50C-E3 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Document Number: 91401
www.vishay.com
S10-0811-Rev. A, 12-Apr-10
7
SiHP16N50C, SiHB16N50C, SiHF16N50C
Vishay Siliconix
Fig. 15 - For N-Channel
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon
Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and
reliability data, see www.vishay.com/ppg?91401.
P.W.
Period
dI/dt
Diode recovery
dV/dt
Ripple
≤ 5 %
Body diode
forward drop
Re-applied
voltage
Reverse
recovery
current
Body diode forward
current
VGS = 10 V*
VDD
ISD
Driver gate drive
D.U.T. ISD waveform
D.U.T. VDS waveform
Inductor current
D =
P.W.
Period
+
-
+
+
+
-
-
-
* VGS = 5 V for logic level devices
Peak Diode Recovery dV/dt Test Circuit
RG
VDD
• dV/dt controlled by RG
• Driver same type as D.U.T.
• ISD controlled by duty factor "D"
• D.U.T. - device under test
D.U.T.
Circuit layout considerations
• Low stray inductance
• Ground plane
• Low leakage inductance
current transformer


Similar Part No. - SIHB16N50C-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIHB16N50C-E3 VISHAY-SIHB16N50C-E3 Datasheet
271Kb / 13P
   Power MOSFET
01-Jan-2022
More results

Similar Description - SIHB16N50C-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-MBR1045PBF VISHAY-VS-MBR1045PBF Datasheet
154Kb / 7P
   Compliant to RoHS Directive 2002/95/EC
Revision: 29-Aug-11
VS-30EPH06PBF VISHAY-VS-30EPH06PBF Datasheet
160Kb / 8P
   Compliant to RoHS Directive 2002/95/EC
Revision: 12-Aug-11
logo
Lineage Power Corporati...
JNC350R41TZ LINEAGEPOWER-JNC350R41TZ Datasheet
707Kb / 16P
   Compliant to RoHS EU Directive 2002/95/EC (-Zversions)
logo
Vishay Siliconix
SIHP12N50C VISHAY-SIHP12N50C Datasheet
153Kb / 8P
   100 % Avalanche Tested Compliant to RoHS Directive 2002/95/EC
Rev. B, 26-Apr-10
logo
E-SWITCH
B400006 E-SWITCH-B400006 Datasheet
121Kb / 1P
   2002/95/EC (RoHS) COMPLIANT.
B400012 E-SWITCH-B400012 Datasheet
80Kb / 1P
   2002/95/EC (RoHS) COMPLIANT.
B400014 E-SWITCH-B400014 Datasheet
193Kb / 1P
   2002/95/EC (RoHS) COMPLIANT.
B400005 E-SWITCH-B400005 Datasheet
108Kb / 1P
   2002/95/EC (RoHS) COMPLIANT.
B400008 E-SWITCH-B400008 Datasheet
105Kb / 1P
   2002/95/EC (RoHS) COMPLIANT.
B400009 E-SWITCH-B400009 Datasheet
106Kb / 1P
   2002/95/EC (RoHS) COMPLIANT.
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com