Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D55307 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # D55307
Description  QPL MIL-PRF-55342 Qualified Thin Film Resistor Surface Mount Chip
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

D55307 Datasheet(HTML) 3 Page - Vishay Siliconix

  D55307 Datasheet HTML 1Page - Vishay Siliconix D55307 Datasheet HTML 2Page - Vishay Siliconix D55307 Datasheet HTML 3Page - Vishay Siliconix D55307 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.vishay.com
For technical questions, contact: thinfilm@vishay.com
Document Number: 60060
3
Revision: 28-Jul-10
E/H (T-Level) (Military M/D55342)
Vishay Thin Film
QPL MIL-PRF-55342 Qualified Thin Film Resistor,
Surface Mount Chip
Notes
(1) For K and M TCR
≥ 1 % tolerance add a V at end of part number to specify Vishay Thin Film vs. Dale Thick Film. E.g.:
M55342K06B1F00TWSV
• Consult factory for additional case size qualification pending
GLOBAL PART NUMBER INFORMATION
Global Part Numbering: M55342E06B1C00TTS
MODEL
TCR
CHARACTERISTIC
CASE
SIZE
TERMINATION
OHMIC VALUE
PRODUCT
LEVEL
DESIGNATOR
PACKAGING
VENDOR
M55342
or
D55342
(/07 size
only)
E = 25 ppm/°C
> 100
Ω
H = 50 ppm/°C
K = 100 ppm/°C (1)
M = 300 ppm/°C (1)
02 = 0505
03 = 1005
04 = 1505
06 = 0705
07 = 1206
10 = 1010
B = Solderable
Three digits and a letter. Letter
identifies tolerance, acts as
multiplier and decimal locator.
T =
Space level
BS =BULK
1 min., 1 mult
WAFFLE PACK
WS =WAFFLE
25 min., 1 mult
WI = 25 min., 1 mult
(item single lot date code)
WP = 25 min., 1 mult
(package unit single lot
date code)
TAPE AND REEL
T0 = 100 min., 100 mult
T1 = 1000 min., 1000 mult
T3 = 300 min., 300 mult
T5 = 500 min., 500 mult
TF = Full reel
TS = 100 min., 1 mult
TI = 100 min., 1 mult
(item single lot date code)
TP = 100 min., 1 mult
(package unit single lot
date code)
V =
Vishay
Thin
Film (1)
MULTIPLIER
Tolerance
1
Ω 1 kΩ 1 MΩ
0.1 %
A
B
C
1 %
D
E
F
2 %
G
H
T
5 %
J
K
L
10 %
M
N
P
5342
06
B
E
M5
1C
0
T
T
0
S
V


Similar Part No. - D55307

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
D55342 VISHAY-D55342 Datasheet
87Kb / 4P
   QPL MIL-PRF-55342 Qualified Thin Film Resistor, Surface Mount Chip
Revision: 13-Mar-13
D55342/07 VISHAY-D55342/07 Datasheet
123Kb / 2P
   QPL MIL-PRF-55342 Qualified Thin Film Resistor Chips
Revision 08-Oct-04
logo
IRC - a TT electronics ...
D55342E04B1E00C IRCTT-D55342E04B1E00C Datasheet
302Kb / 3P
   Precision Military Qualified Chip Resistors
D55342E04B1E00M IRCTT-D55342E04B1E00M Datasheet
302Kb / 3P
   Precision Military Qualified Chip Resistors
D55342E04B1E00P IRCTT-D55342E04B1E00P Datasheet
302Kb / 3P
   Precision Military Qualified Chip Resistors
More results

Similar Description - D55307

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
D55342E07B271BRT5 VISHAY-D55342E07B271BRT5 Datasheet
87Kb / 4P
   QPL MIL-PRF-55342 Qualified Thin Film Resistor, Surface Mount Chip
Revision: 13-Mar-13
EH VISHAY-EH Datasheet
90Kb / 4P
   QPL MIL-PRF-55342 Qualified Thin Film Resistor, Surface Mount Chip
Revision: 04-Nov-14
M55342K03B10E0R VISHAY-M55342K03B10E0R Datasheet
87Kb / 4P
   QPL MIL-PRF-55342 Qualified Thin Film Resistor, Surface Mount Chip
Revision: 13-Mar-13
M55342 VISHAY-M55342 Datasheet
123Kb / 2P
   QPL MIL-PRF-55342 Qualified Thin Film Resistor Chips
Revision 08-Oct-04
M55342E01B1C100MBSV VISHAY-M55342E01B1C100MBSV Datasheet
119Kb / 4P
   QPL MIL-PRF-55342 Qualified Thin Film Resistor Chips
Revision: 04-Nov-14
RCWPM VISHAY-RCWPM_15 Datasheet
372Kb / 5P
   Thick Film Chip Resistors, Military/Established Reliability MIL-PRF-55342 Qualified, Type RM
Revision: 15-Oct-15
M55342K06B15E0RS3 VISHAY-M55342K06B15E0RS3 Datasheet
109Kb / 4P
   Thick Film Chip Resistors, Military/Established Reliability MIL-PRF-55342 Qualified, Type RM
Revision: 22-Nov-12
RCWPM VISHAY-RCWPM Datasheet
92Kb / 2P
   Thick Film Chip Resistors, Military/Established Reliability MIL-PRF-55342 Qualified, Type RM
Revision: 15-Oct-15
RCWPM-07 VISHAY-RCWPM-07 Datasheet
59Kb / 3P
   Thick Film Chip Resistors, Military/Established Reliability MIL-PRF-55342 Qualified, Type RM
Revision: 30-Aug-06
RCWPM VISHAY-RCWPM_08 Datasheet
106Kb / 4P
   Thick Film Chip Resistors, Military/Established Reliability MIL-PRF-55342 Qualified, Type RM
Revision: 25-Jul-08
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com