Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RCL0612 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # RCL0612
Description  Long Side Termination Thick Film Chip Resistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RCL0612 Datasheet(HTML) 3 Page - Vishay Siliconix

  RCL0612 Datasheet HTML 1Page - Vishay Siliconix RCL0612 Datasheet HTML 2Page - Vishay Siliconix RCL0612 Datasheet HTML 3Page - Vishay Siliconix RCL0612 Datasheet HTML 4Page - Vishay Siliconix RCL0612 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
www.vishay.com
For technical questions, contact: thickfilmchip@vishay.com
Document Number: 20046
3
Revision: 04-Mar-10
RCL e3
Vishay
Long Side Termination Thick Film Chip Resistors
FUNCTIONAL PERFORMANCE
TEST PROCEDURES AND REQUIREMENTS
EN
60115-1
CLAUSE
IEC
60068-2
TEST
METHOD
TEST
PROCEDURE
REQUIREMENTS
PERMISSIBLE CHANGE (
ΔR)
STABILITY CLASS 2 OR BETTER
Stability for product types:
RCL e3
1
Ω to 1 MΩ
4.5
-
Resistance
-
± 1 %
± 5 %
4.7
-
Voltage proof
U = 1.4 x Uins; 60 s
No flashover or breakdown
4.13
-
Short time overload
U = 2.5 x
≤ 2 x Umax.;
Duration acc. to style
±
(0.25 % R + 0.05 Ω)± (0.5 % R + 0.05 Ω)
4.17.2
58 (Td)
Solderability
Solder bath method;
Sn60Pb40
non activated flux;
(235 ± 5) °C
(2 ± 0.2) s
Good tinning (
≥ 95 % covered);
no visible damage
Solder bath method;
Sn96.5Ag3Cu0.5
non-activated flux;
(245 ± 5)
°C
(3 ± 0.3) s
Good tinning (
≥ 95 % covered);
no visible damage
4.8.4.2
-
Temperature
coefficient
(20/- 55/20)
°C and
(20/125/20)
°C
± 100 ppm/K
± 200 ppm/K
4.32
21 (Uu3)
Shear
(adhesion)
45N
No visible damage
4.33
21 (Uu1)
Substrate bending
Depth 2 mm;
3 times
No visible damage, no open circuit in bent position
± (0.25 %
R + 0.05
Ω)
4.19
14 (Na)
Rapid change of
temperature
30 min at - 55 °C;
30 min at 125 °C
5 cycles
± (0.25 %
R + 0.05
Ω)
± (0.5 %
R + 0.05
Ω)
1000 cycles
± (1 %
R + 0.05
Ω)± (1 % R + 0.05 Ω)
- 55
- 25
0
25
50
75
100
125
155 175
120
100
80
60
40
20
0
70
Derating
Ambient Temperature in °C
P
70 x R


Similar Part No. - RCL0612

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RCL0612 VISHAY-RCL0612 Datasheet
113Kb / 6P
   Long Side Termination Thick Film Chip Resistors
Revision: 15-Apr-13
logo
Infineon Technologies A...
RCL06121M00JNEA INFINEON-RCL06121M00JNEA Datasheet
967Kb / 30P
   iMOTION Modular Application Design Kit
Revision 1.2 2018-09-23
More results

Similar Description - RCL0612

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RCLE3 VISHAY-RCLE3 Datasheet
95Kb / 6P
   Long Side Termination Thick Film Chip Resistors
Revision: 21-Aug-14
RCLE3 VISHAY-RCLE3_V01 Datasheet
161Kb / 9P
   Long Side Termination Thick Film Chip Resistors
01-Jan-2022
RCL1218100RFKEK VISHAY-RCL1218100RFKEK Datasheet
113Kb / 6P
   Long Side Termination Thick Film Chip Resistors
Revision: 15-Apr-13
RCL1225 VISHAY-RCL1225 Datasheet
113Kb / 6P
   Long Side Termination Thick Film Chip Resistors
Revision: 15-Apr-13
RCA-LSE3 VISHAY-RCA-LSE3 Datasheet
155Kb / 10P
   Sulfur Resistant, Long Side Termination Thick Film Chip Resistors
RCA-LSE3 VISHAY-RCA-LSE3_V01 Datasheet
155Kb / 10P
   Sulfur Resistant, Long Side Termination Thick Film Chip Resistors
01-Jan-2022
logo
Rohm
MCR03EZPFX1002 ROHM-MCR03EZPFX1002 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR03EZPJ133 ROHM-MCR03EZPJ133 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR01MZPF1000 ROHM-MCR01MZPF1000 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR18EZPF56R0 ROHM-MCR18EZPF56R0 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com