Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D55342 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # D55342
Description  QPL MIL-PRF-55342 Qualified Thin Film Resistor Surface Mount Chip
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

D55342 Datasheet(HTML) 1 Page - Vishay Siliconix

  D55342 Datasheet HTML 1Page - Vishay Siliconix D55342 Datasheet HTML 2Page - Vishay Siliconix D55342 Datasheet HTML 3Page - Vishay Siliconix D55342 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
QPL MIL-PRF-55342 Qualified Thin Film Resistor,
Surface Mount Chip
www.vishay.com
For technical questions, contact: thinfilm@vishay.com
Document Number: 60060
1
Revision: 28-Jul-10
E/H (T-Level) (Military M/D55342)
Vishay Thin Film
Thin Film MIL-PRF-55342 established reliability “T” level
chip resistors feature a thin film resistor element and with all
sputtered wraparound terminations that provide excellent
adhesion and dimensional uniformanity. They are ideal in
applications requiring stringent performance requirements.
Established reliability is assured through 100 % screening
and extensive environmental testing for every lot that
includes complete 100 % group A, power conditioning and
group B lot testing performed for T-level product assurance.
FEATURES
• T-level (space) qualified
• Passes
outgassing
requirements
of
ASTM-E595
requirements
• TCR to ± 25 ppm/°C
• Tolerances to ± 0.1 %
• 100 % power conditioning
TYPICAL PERFORMANCE
ABSOLUTE
TCR
25
TOL.
0.1
STANDARD ELECTRICAL SPECIFICATIONS
TEST
SPECIFICATIONS
CONDITIONS
Material
Passivated nichrome
-
Resistance Range
100
Ω to 1.5 MΩ
-
TCR: Absolute
25 ppm/°C (E), 50 ppm/°C (H)
- 55 °C to + 125 °C
Tolerance: Absolute
± 0.1 %
+ 25 °C
Stability: Absolute
ΔR ± 0.02 %
2000 h at + 70 °C
Voltage Coefficient
< 0.1 ppm/V
-
Working Voltage
40 V to 125 V
-
Operating Temperature Range
- 55 °C to + 125 °C
-
Storage Temperature Range
- 55 °C to + 150 °C
-
Noise
< - 25 dB
-
Thermal EMF
< 0.1 μV/°C
-
Shelf Life Stability: Absolute
ΔR ± 0.01 %
1 year at + 25 °C
COMPONENT RATINGS
CASE SIZE
MAX.
WORKING
VOLTAGE
(V)
POWER
RATING
(mW)
RESISTANCE RANGE (
Ω) BY CHARACTERISTICS TOLERANCE
E
(0.1 %)
E
(1 %, 2 %, 5 %)
H, K, M
(0.1 %)
H, K, M
(1 %, 2 %, 5 %)
M55342/02
40
125
49.9 to 301K
49.9 to 301K
20 to 301K
20 to 301K
M55342/03
75
200
49.9 to 649K
49.9 to 649K
10 to 649K
10 to 649K
M55342/04
125
150
49.9 to 1.69M
49.9 to 1.69M
10 to 1.69M
10 to 1.69M
M55342/06
50
150
49.9 to 475K
49.9 to 475K
10 to 475K
10 to 475K
D55342/07
100
250
49.9 to 1.5M
49.9 to 1.5M
10 to 1.5M
10 to 1.5M
M55342/10
75
500
49.9 to 1M
49.9 to 1M
49.9 to 1M
49.9 to 1M


Similar Part No. - D55342

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
D55342 VISHAY-D55342 Datasheet
87Kb / 4P
   QPL MIL-PRF-55342 Qualified Thin Film Resistor, Surface Mount Chip
Revision: 13-Mar-13
D55342/07 VISHAY-D55342/07 Datasheet
123Kb / 2P
   QPL MIL-PRF-55342 Qualified Thin Film Resistor Chips
Revision 08-Oct-04
logo
IRC - a TT electronics ...
D55342E04B1E00C IRCTT-D55342E04B1E00C Datasheet
302Kb / 3P
   Precision Military Qualified Chip Resistors
D55342E04B1E00M IRCTT-D55342E04B1E00M Datasheet
302Kb / 3P
   Precision Military Qualified Chip Resistors
D55342E04B1E00P IRCTT-D55342E04B1E00P Datasheet
302Kb / 3P
   Precision Military Qualified Chip Resistors
More results

Similar Description - D55342

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
D55342E07B271BRT5 VISHAY-D55342E07B271BRT5 Datasheet
87Kb / 4P
   QPL MIL-PRF-55342 Qualified Thin Film Resistor, Surface Mount Chip
Revision: 13-Mar-13
EH VISHAY-EH Datasheet
90Kb / 4P
   QPL MIL-PRF-55342 Qualified Thin Film Resistor, Surface Mount Chip
Revision: 04-Nov-14
M55342K03B10E0R VISHAY-M55342K03B10E0R Datasheet
87Kb / 4P
   QPL MIL-PRF-55342 Qualified Thin Film Resistor, Surface Mount Chip
Revision: 13-Mar-13
M55342 VISHAY-M55342 Datasheet
123Kb / 2P
   QPL MIL-PRF-55342 Qualified Thin Film Resistor Chips
Revision 08-Oct-04
M55342E01B1C100MBSV VISHAY-M55342E01B1C100MBSV Datasheet
119Kb / 4P
   QPL MIL-PRF-55342 Qualified Thin Film Resistor Chips
Revision: 04-Nov-14
RCWPM VISHAY-RCWPM_15 Datasheet
372Kb / 5P
   Thick Film Chip Resistors, Military/Established Reliability MIL-PRF-55342 Qualified, Type RM
Revision: 15-Oct-15
M55342K06B15E0RS3 VISHAY-M55342K06B15E0RS3 Datasheet
109Kb / 4P
   Thick Film Chip Resistors, Military/Established Reliability MIL-PRF-55342 Qualified, Type RM
Revision: 22-Nov-12
RCWPM VISHAY-RCWPM Datasheet
92Kb / 2P
   Thick Film Chip Resistors, Military/Established Reliability MIL-PRF-55342 Qualified, Type RM
Revision: 15-Oct-15
RCWPM-07 VISHAY-RCWPM-07 Datasheet
59Kb / 3P
   Thick Film Chip Resistors, Military/Established Reliability MIL-PRF-55342 Qualified, Type RM
Revision: 30-Aug-06
RCWPM VISHAY-RCWPM_08 Datasheet
106Kb / 4P
   Thick Film Chip Resistors, Military/Established Reliability MIL-PRF-55342 Qualified, Type RM
Revision: 25-Jul-08
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com