Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZTX756 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZTX756
Description  PNP SILICON PLANAR MEDIUM POWER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZTX756 Datasheet(HTML) 1 Page - Diodes Incorporated

  ZTX756 Datasheet HTML 1Page - Diodes Incorporated ZTX756 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PNP SILICON PLANAR MEDIUM POWER
HIGH VOLTAGE TRANSISTORS
ISSUE 2 – JULY 94
FEATURES
* 300 Volt VCEO
* 0.5 Amp continuous current
*Ptot= 1 Watt
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
ZTX756
ZTX757
UNIT
Collector-Base Voltage
VCBO
-200
-300
V
Collector-Emitter Voltage
VCEO
-200
-300
V
Emitter-Base Voltage
VEBO
-5
V
Peak Pulse Current
ICM
-1
A
Continuous Collector Current
IC
-0.5
A
Power Dissipation at Tamb=25°C
Ptot
1W
Operating and Storage Temperature
Range
Tj:Tstg
-55 to +200
°C
ELECTRICAL CHARACTERISTICS (at Tamb= 25°C unless otherwise stated).
PARAMETER
SYMBOL
ZTX756
ZTX757
UNIT CONDITIONS.
MIN.
MAX. MIN.
MAX.
Collector-Base
Breakdown Voltage
V(BR)CBO
-200
-300
V
IC=-100µA, IE=0
Collector-Emitter
Breakdown Voltage
V(BR)CEO
-200
-300
V
IC=-10mA, IB=0*
Emitter-Base
Breakdown Voltage
V(BR)EBO
-5
-5
V
IE=-100µA, IC=0
Collector Cut-Off
Current
ICBO
-100
-100
nA
nA
VCB=-160V, IE=0
VCB=-200V, IE=0
Emitter Cut-Off
Current
IEBO
-100
-100
nA
VEB=-3V, IC=0
Collector-Emitter
Saturation Voltage
VCE(sat)
-0.5
-0.5
V
IC=-100mA,
IB=-10mA*
Base-Emitter
Saturation Voltage
VBE(sat)
-1.0
-1.0
V
IC=-100mA,
IB=-10mA*
Base-Emitter
Turn-On Voltage
VBE(on)
-1.0
-1.0
V
IC=-100mA, VCE=-5V*
Static Forward
Current Transfer
Ratio
hFE
50
40
50
40
IC=-100mA, VCE=-5V*
IC=-10mA, VCE=-5V*
Transition
Frequency
fT
30
30
MHz
IC=-10mA, VCE=-20V
f=20MHz
Output Capacitance
Cobo
20
20
pF
VCB=-20V, f=1MHz
E-Line
TO92 Compatible
ZTX756
ZTX757
3-265
C
B
E
TYPICAL CHARACTERISTICS
VCE(sat) v IC
IC - Collector Current (Amps)
IC - Collector Current (Amps)
IC - Collector Current (Amps)
hFE v IC
VBE(sat) v IC
IC - Collector Current (Amps)
VBE(on) v IC
VCE - Collector Voltage (Volts)
Safe Operating Area
11000
10
100
0.001
0.01
0.1
1.0
Single Pulse Test at Tamb=25°C
D.C.
1s
100ms
10ms
1.0ms
300µs
20
40
60
80
100
100
1
150
200
250
Switching Speeds
IC - Collector Current (Amps)
0.0001
0.001
0.01
0.1
IC/IB=10
0.0001
0.001
1
0.01
0.1
0.1
1
IB1=IB2=IC/10
0.01
ts
tf
td
tr
ZTX756
ZTX757
0.0001
0.001
1
0.01
0.1
ts
µs
2
1
3
4
td
tr
tf
µs
0.8
0.4
1.2
1.6
0
1.4
1.0
0.6
0.2
VCE=5V
0
1
0.0001
0.001
0.01
0.1
IC/IB=10
VCE=5V
VCE=10V
td
ts
tr
0.6
1.0
1.2
0.8
0.4
0.6
1.0
1.2
0.8
0.4
tf
ZTX756
ZTX757
3-266


Similar Part No. - ZTX756

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZTX756 ZETEX-ZTX756 Datasheet
50Kb / 2P
   PNP SILICON PLANAR MEDIUM POWER HIGH VOLTAGE TRANSISTORS
logo
Diodes Incorporated
ZTX756 DIODES-ZTX756_15 Datasheet
59Kb / 2P
   PNP SILICON PLANAR MEDIUM POWER HIGH VOLTAGE TRANSISTORS
More results

Similar Description - ZTX756

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZTX758 DIODES-ZTX758 Datasheet
69Kb / 3P
   PNP SILICON PLANAR MEDIUM POWER
ZTX795A DIODES-ZTX795A Datasheet
72Kb / 3P
   PNP SILICON PLANAR MEDIUM POWER
FZT1147A DIODES-FZT1147A Datasheet
105Kb / 4P
   PNP SILICON PLANAR MEDIUM POWER
logo
Zetex Semiconductors
FZT591 ZETEX-FZT591 Datasheet
41Kb / 1P
   PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Diodes Incorporated
ZTX550 DIODES-ZTX550 Datasheet
96Kb / 2P
   PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
ZTX552 DIODES-ZTX552 Datasheet
59Kb / 2P
   PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
ZTX749 DIODES-ZTX749 Datasheet
70Kb / 3P
   PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Zetex Semiconductors
ZTX749 ZETEX-ZTX749 Datasheet
59Kb / 3P
   PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
BCW68 ZETEX-BCW68 Datasheet
39Kb / 2P
   PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
BSR30 ZETEX-BSR30 Datasheet
13Kb / 1P
   PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com