Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRF8S8260HSR3 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MRF8S8260HSR3
Description  RF Power Field Effect Transistors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF8S8260HSR3 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MRF8S8260HSR3 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRF8S8260HSR3 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF8S8260HSR3 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF8S8260HSR3 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF8S8260HSR3 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF8S8260HSR3 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF8S8260HSR3 Datasheet HTML 9Page - Freescale Semiconductor, Inc MRF8S8260HSR3 Datasheet HTML 10Page - Freescale Semiconductor, Inc MRF8S8260HSR3 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
MRF8S8260HR3 MRF8S8260HSR3
7
RF Device Data
Freescale Semiconductor
VDD =28 Vdc,IDQ = 1500 mA, Pout =70 W Avg.
f
MHz
Zsource
Zload
820
3.19 -- j1.47
1.38 -- j0.80
840
2.98 -- j1.61
1.37 -- j0.52
860
2.78 -- j1.75
1.38 -- j0.29
880
2.50 -- j1.87
1.44 -- j0.14
900
2.20 -- j1.92
1.48 -- j0.01
920
1.96 -- j1.79
1.52 + j0.12
940
1.82 -- j1.58
1.59 + j0.32
960
1.74 -- j1.35
1.68 + j0.51
980
1.68 -- j1.12
1.77 + j0.61
Zsource = Test circuit impedance as measured from
gate to ground.
Zload
= Test circuit impedance as measured from
drain to ground.
Figure 9. Series Equivalent Source and Load Impedance
Z source
Z load
Input
Matching
Network
Device
Under
Test
Output
Matching
Network


Similar Part No. - MRF8S8260HSR3

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF8S8260HSR3 FREESCALE-MRF8S8260HSR3 Datasheet
452Kb / 14P
   RF Power Field Effect Transistors
More results

Similar Description - MRF8S8260HSR3

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF19045R3 MOTOROLA-MRF19045R3 Datasheet
326Kb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
logo
Freescale Semiconductor...
MRF1535NT1 FREESCALE-MRF1535NT1_06 Datasheet
486Kb / 14P
   RF Power Field Effect Transistors
MRF5S9100NR1 FREESCALE-MRF5S9100NR1 Datasheet
525Kb / 16P
   RF Power Field Effect Transistors
MRF7S21170HR3 FREESCALE-MRF7S21170HR3_12 Datasheet
452Kb / 17P
   RF Power Field Effect Transistors
MRF8P18265H FREESCALE-MRF8P18265H Datasheet
616Kb / 14P
   RF Power Field Effect Transistors
MRF8S18210WHS FREESCALE-MRF8S18210WHS Datasheet
756Kb / 18P
   RF Power Field Effect Transistors
MRF6S23140H_V2 FREESCALE-MRF6S23140H_V2 Datasheet
437Kb / 12P
   RF Power Field Effect Transistors
logo
Motorola, Inc
MRF373R1 MOTOROLA-MRF373R1 Datasheet
1Mb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
MRF21125 MOTOROLA-MRF21125 Datasheet
381Kb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
MRF9120 MOTOROLA-MRF9120 Datasheet
316Kb / 12P
   RF Power Field Effect Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com