Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC374100ST Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LC374100ST
Description  4 MEG (524288 words x 8 bits) Mask ROM Internal Clocked Silicon Gate
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC374100ST Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LC374100ST Datasheet HTML 1Page - Sanyo Semicon Device LC374100ST Datasheet HTML 2Page - Sanyo Semicon Device LC374100ST Datasheet HTML 3Page - Sanyo Semicon Device LC374100ST Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
No. 5609-3/4
LC374100SM, ST
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC
*1
–0.3 to +7.0
V
Supply input voltage
VIN
*1, 2
–0.3*2 to VCC + 0.3
V
Supply output voltage
VOUT
*1
–0.3 to VCC + 0.3
V
Allowable power dissipation
Pd max
*1 Ta = 25°C; Reference values for the SANYO DIP package
1.0
W
Operating temperature
Topr
*1
0 to +70
°C
Storage temperature
Tstg
*1
–55 to +125
°C
Specifications
Absolute Maximum Ratings
Note: 1. Permanent device damage may occur if Absolute Maximum Ratings are exceeded. Functional operation should be restricted to Recommended
Operating Conditions.
2. VIN (min) = –3.0 V (pulse width ≤ 30 ns)
Note: 1. tOD is measured from the earlier edge of the CE or OE’s going high impedance.
This parameter is periodically sampled and not 100% tested.
2. Guaranteed at VCC = 4.5 to 5.5 V
Note: * This parameter is periodically sampled and not 100% tested.
Note: * Guaranteed at Ta = 25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Input capacitance
CIN
VIN = 0 V; Reference values for the SANYO DIP package
8
pF
Output capacitance
COUT
VOUT = 0 V; Reference values for the SANYO DIP package
10
pF
Input/Output Capacitance* at Ta = 25°C, f = 1.0 MHz
3 V Operation
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Supply voltage
VCC
2.6
5.0
5.5
V
Input high level voltage
VIH
2.2
VCC + 0.3
V
Input low level voltage
VIL
–0.3
+0.6
V
DC Recommended Operating Ranges at Ta = –10 to +70°C, VCC = 2.6 to 5.5 V
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Operating supply current
ICCA1
CE = 0.2 V, VI = VCC – 0.2 V/0.2 V
30
mA
ICCA2
CE = VIL, IO = 0 mA, VI = VIH/VIL, f = 10 MHz
55
mA
Standby supply current
ICCS1
CE = VCC – 0.2 V
30 (1.0)
µA
ICCS2
CE = VIH
1.0 (300)
mA(µA)
Input leakage current
ILI
VIN = 0 to VCC
±1.0
µA
Output leakage current
ILO
CE or OE = VIH, VOUT = 0 to VCC
±1.0
µA
Output high level voltage
VOH
IOH = –0.5 mA
0.8 VCC
V
Output low level voltage
VOL
IOL = 0.5 mA
0.2
V
DC Electrical Characteristics at Ta = –10 to +70°C, VCC = 2.6 to 5.5 V
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Cycle time
tCYC
200 (120*2)
ns
Address access time
tAA
200 (120*2)
ns
CE access time
tCA
200 (100*2)
ns
OE access time
tOA
80 (40*2)
ns
Output hold time
tOH
20
ns
Output disable time*1
tOD*1
100
ns
AC Characteristics at Ta = –10 to +70°C, VCC = 2.6 to 5.5 V


Similar Part No. - LC374100ST

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC374500ST SANYO-LC374500ST Datasheet
46Kb / 4P
   Internal Synchronization Silicon Gate 4M (524288-word x 8-bit) mask ROM Pin Compatible with Flash Memory
logo
Marktech Corporate
LC374TWN1-25G-A1 MARKTECH-LC374TWN1-25G-A1 Datasheet
49Kb / 2P
   Ultra Bright White 3mm LED
LC374TWN1-25H-A1 MARKTECH-LC374TWN1-25H-A1 Datasheet
24Kb / 2P
   Ultra Bright White 3mm LED
logo
Cree, Inc
LC374TWN1-25P-A1 CREE-LC374TWN1-25P-A1 Datasheet
347Kb / 6P
   3-mm Round LED
LC374TWN1-25Q-A1 CREE-LC374TWN1-25Q-A1 Datasheet
354Kb / 6P
   3-mm Round LED
More results

Similar Description - LC374100ST

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC378100QM SANYO-LC378100QM Datasheet
64Kb / 4P
   8 MEG (1048576 words x 8 bits) Mask ROM Internal Clocked Silicon Gate
LC371100SP SANYO-LC371100SP Datasheet
80Kb / 5P
   1 MEG (131072 words x 8 bits) Mask ROM Internal Clocked Silicon Gate
LC372100PP SANYO-LC372100PP Datasheet
79Kb / 5P
   2 MEG (262144 words x 8 bits) Mask ROM Internal Clocked Silicon Gate
LE28F4001M SANYO-LE28F4001M Datasheet
219Kb / 14P
   4 MEG (524288 words x 8 bits) Flash Memory
LC374500ST SANYO-LC374500ST Datasheet
46Kb / 4P
   Internal Synchronization Silicon Gate 4M (524288-word x 8-bit) mask ROM Pin Compatible with Flash Memory
LC361000AMLL SANYO-LC361000AMLL Datasheet
158Kb / 8P
   1 MEG (131072 words X 8 bits) SRAM
logo
Hitachi Semiconductor
HN62334B HITACHI-HN62334B Datasheet
822Kb / 7P
   524288-word x 8-bit CMOS Mask Programmable ROM
logo
Sanyo Semicon Device
LC35W1000BM SANYO-LC35W1000BM Datasheet
165Kb / 9P
   Asynchronous Silicon Gate 1M (131,072 words x 8 bits) SRAM
LC35V1000BM SANYO-LC35V1000BM Datasheet
178Kb / 9P
   Asynchronous Silicon Gate 1M (131,072 words x 8 bits) SRAM
logo
List of Unclassifed Man...
HM23C256A ETC1-HM23C256A Datasheet
74Kb / 1P
   32K x 8 MASK ROM
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com