Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

YSF-232+ Datasheet(PDF) 3 Page - Mini-Circuits

Part # YSF-232+
Description  Flat Gain Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

YSF-232+ Datasheet(HTML) 3 Page - Mini-Circuits

  YSF-232+ Datasheet HTML 1Page - Mini-Circuits YSF-232+ Datasheet HTML 2Page - Mini-Circuits YSF-232+ Datasheet HTML 3Page - Mini-Circuits YSF-232+ Datasheet HTML 4Page - Mini-Circuits YSF-232+ Datasheet HTML 5Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ISO 9001 ISO 14001 AS 9100 CERTIFIED
Mini-Circuits®
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 The Design Engineers Search Engine
Provides ACTUAL Data Instantly at
®
Notes: 1. Performance and quality attributes and conditions not expressly stated in this specification sheet are intended to be excluded and do not form a part of this specification sheet. 2. Electrical specifications
and performance data contained herein are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions. 3. The parts covered by this specification sheet are subject to
Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled to the rights and benefits contained therein. For a full statement of the Standard
Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp.
For detailed performance specs
& shopping online see web site
minicircuits.com
IF/RF MICROWAVE COMPONENTS
Page 3
Flat Gain Amplifier
Electrical Specifications(1) at 25°C, Zo=50
Ω unless noted
YSF-232+
Parameter
Condition (MHz)
Min.
Typ.
Max.
Units
Frequency Range
1700
2300
MHz
Gain
1700
17.8
19.8
22.0
dB
2000
18.0
20.0
22.0
2300
17.6
19.5
21.5
Gain Flatness
± 0.2
dB
Input Return Loss
1700
10.0
dB
2000
8.0
10.8
2300
12.6
Output Return Loss
1700
23.5
dB
2000
18.0
23.0
2300
19.0
Reverse Isolation
30.0
dB
Output Power @1 dB compression
1700
20.0
dBm
2000
20.0
2300
18.0
20.0
Output Power @3 dB compression
21.0
dBm
Output IP3
1700
35.0
dBm
2000
31.0
35.0
2300
35.0
Noise Figure
1700
3.0
dB
2000
2.8
3.8
2300
2.5
Device Operating Voltage
5
V
Device Operating Current
118
145
mA
Device Current Variation vs. Temperature(2)
2
µA/°C
Device Current Variation vs Voltage
0.002
mA/mV
Thermal Resistance, junction-to-ground lead(3)
56
°C/W
Absolute Maximum Ratings
Parameter
Ratings
Units
Operating Temperature(4)
-40 to 85
°C
Storage Temperature
-65 to 150
°C
DC Voltage on Pad 4
7
V
Power Dissipation
1.5
W
Input Power
21
dBm
Note: Permanent damage may occur if any of these limits are exceeded.
These ratings are not intended for continuous normal operation.
(4)
Case is defined as ground paddle.
(1)
Measured on Mini-Circuits Characterization test board TB-589+. See Characterization Test Circuit (Fig. 1)
(2)
D(+85°C to -45°C)
(3)
Thermal Resistance= Hot spot temperature - Ground lead temperature
Power Dissipation
DC Current Histogram
DC Current (mA)
USL
USL=Upper Spec Limit


Similar Part No. - YSF-232+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
YSF-2151 MINI-YSF-2151 Datasheet
1Mb / 5P
   Flat Gain Amplifier
YSF-2151++ MINI-YSF-2151+ Datasheet
1Mb / 5P
   Flat Gain Amplifier
YSF-272 MINI-YSF-272 Datasheet
1Mb / 5P
   Flat Gain Amplifier
YSF-272++ MINI-YSF-272+ Datasheet
1Mb / 5P
   Flat Gain Amplifier
More results

Similar Description - YSF-232+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
YSF-122 MINI-YSF-122 Datasheet
1Mb / 5P
   Flat Gain Amplifier
YSF-272 MINI-YSF-272 Datasheet
1Mb / 5P
   Flat Gain Amplifier
YSF-2151 MINI-YSF-2151 Datasheet
1Mb / 5P
   Flat Gain Amplifier
YSF-382 MINI-YSF-382 Datasheet
1Mb / 5P
   Flat Gain Amplifier
logo
Qorvo, Inc
QPL9057 QORVO-QPL9057 Datasheet
1Mb / 12P
   Ultra-Low Noise Flat Gain Amplifier
Sept 20, 2020
logo
AVAGO TECHNOLOGIES LIMI...
MGA-30889-BLKG AVAGO-MGA-30889-BLKG Datasheet
650Kb / 15P
   Flat Gain High Linearity Gain Block
MGA-30889 AVAGO-MGA-30889 Datasheet
710Kb / 15P
   Flat Gain High Linearity Gain Block
MGA-30689 AVAGO-MGA-30689_15 Datasheet
733Kb / 16P
   Flat Gain High Linearity Gain Block
MGA-30689 AVAGO-MGA-30689 Datasheet
722Kb / 16P
   40MHz - 3000MHz Flat Gain High Linearity Gain Block
logo
Broadcom Corporation.
MGA-30889 BOARDCOM-MGA-30889 Datasheet
710Kb / 15P
   40MHz - 2600MHz Flat Gain High Linearity Gain Block
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com