Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZTX605 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZTX605
Description  NPN SILICON PLANAR MEDIUM POWER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZTX605 Datasheet(HTML) 2 Page - Diodes Incorporated

  ZTX605 Datasheet HTML 1Page - Diodes Incorporated ZTX605 Datasheet HTML 2Page - Diodes Incorporated ZTX605 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
NPN SILICON PLANAR MEDIUM POWER
DARLINGTON TRANSISTORS
ISSUE 1 – MARCH 94
FEATURES
* 120 Volt VCEO
* 1 Amp continuous current
* Gain of 2K at IC=1 Amp
*Ptot= 1 Watt
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
ZTX604
ZTX605
UNIT
Collector-Base Voltage
VCBO
120
140
V
Collector-Emitter Voltage
VCEO
100
120
V
Emitter-Base Voltage
VEBO
10
V
Peak Pulse Current
ICM
4A
Continuous Collector Current
IC
1A
Power Dissipation at Tamb=25°C
derate above 25°C
Ptot
1
5.7
W
mW/ °C
Operating and Storage Temperature Range
Tj:Tstg
-55 to +200
°C
ELECTRICAL CHARACTERISTICS (at Tamb= 25°C unless otherwise stated).
PARAMETER
SYMBOL
ZTX604
ZTX605
UNIT
CONDITIONS.
MIN.
MAX. MIN.
MAX.
Collector-Base
Breakdown Voltage
V(BR)CBO
120
140
V
IC=100µA
Collector-Emitter
Breakdown Voltage
V(BR)CEO
100
120
V
IC=10mA*
Emitter-Base
Breakdown Voltage
V(BR)EBO
10
10
V
IE=100µA
Collector Cut-Off
Current
ICBO
0.01
10
0.01
10
µ
A
µ
A
µ
A
µ
A
VCB=100V
VCB=120V
VCB=100V,Tamb=100°C
VCB=120V,Tamb=100°C
Emitter Cut-Off
Current
IEBO
0.1
0.1
µ
A
VEB=8V
Colllector-Emitter
Cut-Off Current
ICES
10
10
µ
A
VCES=100V
VCES=120V
Collector-Emitter
Saturation Voltage
VCE(sat)
1.0
1.5
1.0
1.5
V
V
IC=250mA, IB=0.25mA*
IC=1A, IB=1mA*
Base-Emitter
Saturation Voltage
VBE(sat)
1.8
1.8
V
IC=1A, IB=1mA*
Base-Emitter
Turn-On Voltage
VBE(on)
1.7
1.7
V
IC=1A, VCE=5V*
ZTX604
ZTX605
3-212
ELECTRICAL CHARACTERISTICS (at Tamb= 25°C unless otherwise stated).
PARAMETER
SYMBOL
ZTX604
ZTX605
UNIT CONDITIONS.
MIN.
MAX. MIN.
MAX.
Static Forward
Current Transfer Ratio
hFE
2K
5K
2K
0.5K
100K
2K
5K
2K
0.5K
100K
IC=50mA, VCE=5V
IC=500mA, VCE=5V*
IC=1A, VCE=5V*
IC=2A, VCE=5V*
Transition Frequency
fT
150
150
MHz
IC=100mA, VCE=10V
f=20MHz
Input Capacitance
Cibo
90 Typical
pF
VEB=500mV, f=1MHz
Output Capacitance
Cobo
15 Typical
pF
VCB=10V, f=1MHz
Switching Times
ton
0.5 Typical
µ
s
IC=500mA, VCE=10V
IB1=IB2=0.5mA
toff
1.6 Typical
µ
s
*Measured under pulsed conditions. Pulse width=300µs. Duty cycle ≤2%
The maximum permissible operational temperature can be obtained from this graph using the
following equation
Tamb(max) =
Power(max) − Power(act)
0.0057
+25°C
Tamb(max)= Maximum operating ambient temperature
Power(max) = Maximum power dissipation figure, obtained from the above graph for a given VCE
and source resistance (RS)
Power(actual)= Actual power dissipation in users circuit
C
B
E
E-Line
TO92 Compatible
ZTX604
ZTX605
Voltage Derating Graph
VCE - Collector-Emitter Voltage (Volts)
1.0
0.8
0.6
0.4
0
0.2
1
10
100
DC Conditions
R5 = 100KΩ
R5 = ∞
200
R5 = 1MΩ
R5 = 20KΩ
ZTX605
ZTX604
3-213


Similar Part No. - ZTX605

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZTX605 ZETEX-ZTX605 Datasheet
75Kb / 3P
   NPN SILICON PLANAR MEDIUM POWER(DARLINGTON TRANSISTORS)
logo
Inchange Semiconductor ...
ZTX605 ISC-ZTX605 Datasheet
311Kb / 3P
   Silicon NPN Power Transistor
More results

Similar Description - ZTX605

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZTX600 DIODES-ZTX600 Datasheet
80Kb / 3P
   NPN SILICON PLANAR MEDIUM POWER
ZTX692B DIODES-ZTX692B_15 Datasheet
73Kb / 3P
   NPN SILICON PLANAR MEDIUM POWER
ZTX853 DIODES-ZTX853 Datasheet
72Kb / 3P
   NPN SILICON PLANAR MEDIUM POWER
ZTX849 DIODES-ZTX849 Datasheet
72Kb / 3P
   NPN SILICON PLANAR MEDIUM POWER
FZT1048A DIODES-FZT1048A Datasheet
143Kb / 3P
   NPN SILICON PLANAR MEDIUM POWER
logo
Zetex Semiconductors
FZT755 ZETEX-FZT755 Datasheet
88Kb / 2P
   NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Diodes Incorporated
ZTX452 DIODES-ZTX452 Datasheet
56Kb / 2P
   NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
logo
Seme LAB
2N3053 SEME-LAB-2N3053_02 Datasheet
41Kb / 2P
   MEDIUM POWER SILICON NPN PLANAR TRANSISTOR
logo
Zetex Semiconductors
ZTX650 ZETEX-ZTX650 Datasheet
64Kb / 3P
   NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
BCW66 ZETEX-BCW66 Datasheet
39Kb / 2P
   NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com