Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZMM55-C27 Datasheet(PDF) 3 Page - Pan Jit International Inc.

Part # ZMM55-C27
Description  SURFACE MOUNT ZENER DIODES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

ZMM55-C27 Datasheet(HTML) 3 Page - Pan Jit International Inc.

  ZMM55-C27 Datasheet HTML 1Page - Pan Jit International Inc. ZMM55-C27 Datasheet HTML 2Page - Pan Jit International Inc. ZMM55-C27 Datasheet HTML 3Page - Pan Jit International Inc. ZMM55-C27 Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PAGE . 3
STAD-JAN.21.2009
1
ZMM55-C2V4 SERIES
FIG. 1 POWER DERATING CURVE
50
0
100
200
300
400
500
100
150
200
250
AMBIENT TEMPERATURE, C
O
0
Vz (V)
10
20
30
40
50
5
10
15
20
25
30
Test Current
Iz=5mA
Fig.2 BREAKDOWN CHARACTERISTICS
RATING AND CHARACTERISTIC CURVES


Similar Part No. - ZMM55-C27

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
ZMM55-C27 JGD-ZMM55-C27 Datasheet
169Kb / 2P
   SURFACE MOUNT ZENER DIODES/MINI - MELF
logo
Pan Jit International I...
ZMM55-C27 PANJIT-ZMM55-C27 Datasheet
103Kb / 4P
   SURFACE MOUNT ZENER DIODES
logo
Galaxy Semi-Conductor H...
ZMM55-C27 BILIN-ZMM55-C27 Datasheet
192Kb / 2P
   ZENER DIODES
logo
Diotech Company.
ZMM55-C27 DIOTECH-ZMM55-C27 Datasheet
1Mb / 3P
   500mW SUFACE MOUNT ZENER DIODE
logo
Frontier Electronics.
ZMM55-C27 FRONTIER-ZMM55-C27 Datasheet
118Kb / 2P
   500mW MINI MELF ZENER DIODE
More results

Similar Description - ZMM55-C27

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CZRW5221 COMCHIP-CZRW5221 Datasheet
77Kb / 4P
   Surface Mount Zener Diodes
CZRL47 COMCHIP-CZRL47 Datasheet
62Kb / 3P
   Surface Mount Zener Diodes
CZRB5926 COMCHIP-CZRB5926 Datasheet
73Kb / 3P
   Surface Mount Zener Diodes
logo
Formosa MS
MM3Z FORMOSA-MM3Z Datasheet
543Kb / 5P
   Surface Mount Zener Diodes
logo
Pan Jit International I...
BZM55-C2V4 PANJIT-BZM55-C2V4 Datasheet
75Kb / 3P
   SURFACE MOUNT ZENER DIODES
GLZ2.0 PANJIT-GLZ2.0 Datasheet
111Kb / 4P
   SURFACE MOUNT ZENER DIODES
GLZJ2.0 PANJIT-GLZJ2.0 Datasheet
151Kb / 5P
   SURFACE MOUNT ZENER DIODES
GMZJ2.0 PANJIT-GMZJ2.0 Datasheet
159Kb / 5P
   SURFACE MOUNT ZENER DIODES
logo
Weitron Technology
BZT52C2V4 WEITRON-BZT52C2V4 Datasheet
106Kb / 3P
   Surface Mount Zener Diodes
ZS4728A WEITRON-ZS4728A Datasheet
337Kb / 3P
   Surface Mount Zener Diodes
ZMM55C WEITRON-ZMM55C Datasheet
332Kb / 4P
   Surface Mount Zener Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com