Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

YSF-322+ Datasheet(PDF) 4 Page - Mini-Circuits

Part # YSF-322+
Description  Wideband Gain Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

YSF-322+ Datasheet(HTML) 4 Page - Mini-Circuits

  YSF-322+ Datasheet HTML 1Page - Mini-Circuits YSF-322+ Datasheet HTML 2Page - Mini-Circuits YSF-322+ Datasheet HTML 3Page - Mini-Circuits YSF-322+ Datasheet HTML 4Page - Mini-Circuits YSF-322+ Datasheet HTML 5Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
ISO 9001 ISO 14001 AS 9100 CERTIFIED
Mini-Circuits®
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 The Design Engineers Search Engine
Provides ACTUAL Data Instantly at
®
Notes: 1. Performance and quality attributes and conditions not expressly stated in this specification sheet are intended to be excluded and do not form a part of this specification sheet. 2. Electrical specifications
and performance data contained herein are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions. 3. The parts covered by this specification sheet are subject to
Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled to the rights and benefits contained therein. For a full statement of the Standard
Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp.
For detailed performance specs
& shopping online see web site
minicircuits.com
IF/RF MICROWAVE COMPONENTS
Page 4
Wideband Amplifier
Fig 1.BlockDiagramofTestCircuitusedforcharacterization.(DUTsolderedonMini-CircuitsCharacterizationTestFixtureTB-589+)
Gain, Return loss, Output power at 1dB compression (P1 dB), Output IP3 (OIP3) and Noise Figure measured using Agilent’s N5242A
PNA-X microwave network analyzer.
Conditions:
1. Gain: Pin= -25dBm
2. Output IP3 (OIP3): Two tones, spaced 1 MHz apart, 0 dBm/tone at output.
Characterization Test Circuit
Recommended Application Circuit
(refer to evaluation board for PCB Layout and component values)
Fig 2. Recommended Application Circuit
YSF-322+
Product Marking
YSF
index over pin 1
RF-IN
RF-OUT
Vs (Supply Voltage)
5
4
3
TB-589+
RF-IN
RF-OUT
Vs
5
4
3
C1
Paddle


Similar Part No. - YSF-322+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
YSF-382 MINI-YSF-382 Datasheet
1Mb / 5P
   Flat Gain Amplifier
YSF-382++ MINI-YSF-382+ Datasheet
1Mb / 5P
   Flat Gain Amplifier
More results

Similar Description - YSF-322+

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC522 NSC-CLC522 Datasheet
281Kb / 8P
   Wideband Variable-Gain Amplifier
logo
NXP Semiconductors
NE5209 PHILIPS-NE5209 Datasheet
306Kb / 15P
   Wideband variable gain amplifier
1990 Aug 20
logo
Texas Instruments
THS4302 TI1-THS4302_14 Datasheet
1Mb / 28P
[Old version datasheet]   WIDEBAND FIXED-GAIN AMPLIFIER
logo
NXP Semiconductors
SA5209 PHILIPS-SA5209 Datasheet
202Kb / 17P
   Wideband variable gain amplifier
1997 Nov 07
logo
Texas Instruments
THS4303 TI1-THS4303_14 Datasheet
1Mb / 30P
[Old version datasheet]   WIDEBAND FIXED-GAIN AMPLIFIER
THS4302 TI-THS4302 Datasheet
602Kb / 23P
[Old version datasheet]   WIDEBAND FIXED-GAIN AMPLIFIER
logo
NXP Semiconductors
SA5219 PHILIPS-SA5219 Datasheet
236Kb / 18P
   Wideband variable gain amplifier
1997 Nov 07
logo
Texas Instruments
THS4303 TI-THS4303 Datasheet
611Kb / 24P
[Old version datasheet]   WIDEBAND FIXED-GAIN AMPLIFIER
logo
Elantec Semiconductor
EL4451C ELANTEC-EL4451C Datasheet
302Kb / 12P
   Wideband Variable-Gain Amplifier, Gain of 2
logo
Intersil Corporation
EL4451 INTERSIL-EL4451 Datasheet
186Kb / 10P
   Wideband Variable-Gain Amplifier, Gain of 2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com