Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZSR1200GTA Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZSR1200GTA
Description  3.0 to 12 volt fixed positive local voltage regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZSR1200GTA Datasheet(HTML) 2 Page - Diodes Incorporated

  ZSR1200GTA Datasheet HTML 1Page - Diodes Incorporated ZSR1200GTA Datasheet HTML 2Page - Diodes Incorporated ZSR1200GTA Datasheet HTML 3Page - Diodes Incorporated ZSR1200GTA Datasheet HTML 4Page - Diodes Incorporated ZSR1200GTA Datasheet HTML 5Page - Diodes Incorporated ZSR1200GTA Datasheet HTML 6Page - Diodes Incorporated ZSR1200GTA Datasheet HTML 7Page - Diodes Incorporated ZSR1200GTA Datasheet HTML 8Page - Diodes Incorporated ZSR1200GTA Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
ZSR SERIES
Issue 9 - October 2007
2
www.zetex.com
© Zetex Semiconductors plc 2007
Recommended operating conditions
Absolute maximum rating
Input voltage
20V
Output current (IO)
200mA
Operating temperature
-55 to 125°C
Storage temperature
-65 to 150°C
Power Dissipation (Tamb=25°C)
SOT223
2W
Maximum power dissipation for the SOT223 is calculated
assuming that the device is mounted on a PCB measuring
2 inches square.
Parameter
Products
Min
Max
Units
Vin Input Voltage
ZSR300
5
20
V
ZSR330
5.3
20
V
ZSR500
7
20
V
ZSR800
10
20
V
ZSR1000
12
20
V
ZSR1200
14
20
V
Notes:
The maximum operating input voltage and
output current of the device will be
governed
by
the
maximum
power
dissipation
of
the
selected
package.
Maximum package power dissipation is
specified at 25°C and must be linearly
derated to zero at Tamb=125°C.
The following data represents pulse test
conditions with junction temperatures as
indicated at the initiation of the test.
Continuous operation of the devices with
the stated conditions might exceed the
power
dissipation limits of the chosen
package.
The shut down feature of the device operates
if its temperature exceeds its design limit as
might occur during external faults, short
circuits etc. If the regulator is supplied from
an inductive source then a large voltage
transient, on the regulator input, can result
should the shut down circuit operate. It is
advised that a capacitor (1 F or greater)
should be applied across the regulator input
to ensure that the maximum voltage rating of
the device is not exceeded under shutdown
conditions.


Similar Part No. - ZSR1200GTA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZSR1200GTA ZETEX-ZSR1200GTA Datasheet
615Kb / 18P
   3.0 to 12 volt fixed positive local voltage regulator
logo
Diodes Incorporated
ZSR1200GTA DIODES-ZSR1200GTA Datasheet
615Kb / 18P
   ZSR SERIES 3.0 to 12 volt fixed positive local voltage regulator
More results

Similar Description - ZSR1200GTA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZSR300CSTZ ZETEX-ZSR300CSTZ Datasheet
615Kb / 18P
   3.0 to 12 volt fixed positive local voltage regulator
logo
Diodes Incorporated
ZSR DIODES-ZSR Datasheet
615Kb / 18P
   ZSR SERIES 3.0 to 12 volt fixed positive local voltage regulator
logo
Zetex Semiconductors
ZSR ZETEX-ZSR Datasheet
421Kb / 18P
   2.85 TO 12 VOLT FIXED POSITIVE LOCAL VOLTAGE REGULATOR
ZSR ZETEX-ZSR_06 Datasheet
653Kb / 17P
   2.85 TO 12 VOLT FIXED POSITIVE LOCAL VOLTAGE REGULATOR
ZR78L ZETEX-ZR78L Datasheet
203Kb / 18P
   2.85 TO 12 VOLT FIXED POSITIVE LOCAL VOLTAGE REGULATOR
ZR78L ZETEX-ZR78L_06 Datasheet
418Kb / 18P
   2.85 TO 12 VOLT FIXED POSITIVE LOCAL VOLTAGE REGULATOR
logo
Diodes Incorporated
ZR78L05GTA DIODES-ZR78L05GTA Datasheet
207Kb / 18P
   2.85 TO 12 VOLT FIXED POSITIVE LOCAL VOLTAGE REGULATOR
logo
Sensitron
SHD526154 SENSITRON-SHD526154 Datasheet
53Kb / 3P
   POSITIVE FIXED 3.3 VOLT 3.0 AMP VOLTAGE REGULATOR
logo
Zetex Semiconductors
ZSAT500 ZETEX-ZSAT500 Datasheet
85Kb / 6P
   5 VOLT ENHANCED POSITIVE LOCAL VOLTAGE REGULATOR
ZSAT600 ZETEX-ZSAT600 Datasheet
85Kb / 6P
   6 VOLT ENHANCED POSITIVE LOCAL VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com