Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPC8358E Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # MPC8358E
Description  PowerQUICC II Pro Processor Revision 2.1 PBGA Silicon
Download  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8358E Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MPC8358E_11 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC8358E_11 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC8358E_11 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8358E_11 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8358E_11 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8358E_11 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC8358E_11 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC8358E_11 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC8358E_11 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 95 page
background image
MPC8358E PowerQUICC II Pro Processor Revision 2.1 PBGA Silicon Hardware Specifications, Rev. 3
8
Freescale Semiconductor
Electrical Characteristics
2.1
Overall DC Electrical Characteristics
This section covers the ratings, conditions, and other characteristics.
2.1.1
Absolute Maximum Ratings
Table 1 provides the absolute maximum ratings.
Table 1. Absolute Maximum Ratings1
Characteristic
Symbol
Max Value
Unit
Notes
Core supply voltage
VDD
– 0.3 to 1.32
V—
PLL supply voltage
AVDD
– 0.3 to 1.32
V—
DDR and DDR2 DRAM I/O voltage
DDR
DDR2
GVDD
– 0.3 to 2.75
– 0.3 to 1.89
V—
Three-speed Ethernet I/O, MII management voltage
LVDD
– 0.3 to 3.63
V
PCI, local bus, DUART, system control and power management, I2C,
SPI, and JTAG I/O voltage
OVDD
– 0.3 to 3.63
V
Input voltage
DDR DRAM signals
MVIN
– 0.3 to (GVDD + 0.3)
V
2, 5
DDR DRAM reference
MVREF
– 0.3 to (GVDD + 0.3)
V
2, 5
Three-speed Ethernet signals
LVIN
– 0.3 to (LVDD + 0.3)
V
4, 5
Local bus, DUART, CLKIN, system control
and power management, I2C, SPI, and
JTAG signals
OVIN
– 0.3 to (OVDD + 0.3)
V
3, 5
PCI
OVIN
– 0.3 to (OVDD + 0.3)
V
6
Storage temperature range
TSTG
– 55 to 150
°C—
Notes:
1. Functional and tested operating conditions are given in Table 2. Absolute maximum ratings are stress ratings only, and
functional operation at the maximums is not guaranteed. Stresses beyond those listed may affect device reliability or cause
permanent damage to the device.
2. Caution: MVIN must not exceed GVDD by more than 0.3 V. This limit may be exceeded for a maximum of 100 ms during
power-on reset and power-down sequences.
3. Caution: OVIN must not exceed OVDD by more than 0.3 V. This limit may be exceeded for a maximum of 100 ms during
power-on reset and power-down sequences.
4. Caution: LVIN must not exceed LVDD by more than 0.3 V. This limit may be exceeded for a maximum of 100 ms during
power-on reset and power-down sequences.
5. (M,L,O)VIN and MVREF may overshoot/undershoot to a voltage and for a maximum duration as shown in Figure 2.
6. OVIN on the PCI interface may overshoot/undershoot according to the PCI Electrical Specification for 3.3-V operation, as
shown in Figure 3.


Similar Part No. - MPC8358E_11

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC8358ECVRADDDA FREESCALE-MPC8358ECVRADDDA Datasheet
617Kb / 102P
   MPC8360E/MPC8358E PowerQUICC II Pro Processor
logo
NXP Semiconductors
MPC8358ECVRADDDA NXP-MPC8358ECVRADDDA Datasheet
1Mb / 95P
   PowerQUICC II Pro Processor Revision 2.1 PBGA Silicon Hardware Specifications
Rev. 3, 01/2011
MPC8358ECVRADDGA NXP-MPC8358ECVRADDGA Datasheet
1Mb / 95P
   PowerQUICC II Pro Processor Revision 2.1 PBGA Silicon Hardware Specifications
Rev. 3, 01/2011
MPC8358ECVRAGDDA NXP-MPC8358ECVRAGDDA Datasheet
1Mb / 95P
   PowerQUICC II Pro Processor Revision 2.1 PBGA Silicon Hardware Specifications
Rev. 3, 01/2011
MPC8358ECVRAGDGA NXP-MPC8358ECVRAGDGA Datasheet
1Mb / 95P
   PowerQUICC II Pro Processor Revision 2.1 PBGA Silicon Hardware Specifications
Rev. 3, 01/2011
More results

Similar Description - MPC8358E_11

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC8358E FREESCALE-MPC8358E Datasheet
1Mb / 96P
   PowerQUICC??II Pro Processor Revision 2.1 PBGA Silicon Hardware Specifications
logo
NXP Semiconductors
MPC8358EEC NXP-MPC8358EEC Datasheet
1Mb / 95P
   PowerQUICC II Pro Processor Revision 2.1 PBGA Silicon Hardware Specifications
Rev. 3, 01/2011
logo
Freescale Semiconductor...
MPC8377E FREESCALE-MPC8377E_12 Datasheet
2Mb / 127P
   PowerQUICC II Pro Processor
MPC8379E FREESCALE-MPC8379E_12 Datasheet
2Mb / 117P
   PowerQUICC II Pro Processor
MPC8378E FREESCALE-MPC8378E_12 Datasheet
2Mb / 128P
   PowerQUICC II Pro Processor
MPC8309 FREESCALE-MPC8309 Datasheet
311Kb / 2P
   PowerQUICC II Pro Processor
MPC8360CVVAJDGA FREESCALE-MPC8360CVVAJDGA Datasheet
616Kb / 102P
   PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications
MPC8360E FREESCALE-MPC8360E_11 Datasheet
1Mb / 108P
   PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications
logo
NXP Semiconductors
MPC8360EEC NXP-MPC8360EEC Datasheet
1Mb / 102P
   PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications
Rev. 5, 09/2011
logo
Freescale Semiconductor...
MPC8360E FREESCALE-MPC8360E Datasheet
1Mb / 112P
   PowerQUICC??II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com