Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UF804F Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # UF804F
Description  ULTRAFAST RECOCVEY RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

UF804F Datasheet(HTML) 2 Page - Pan Jit International Inc.

  UF804F Datasheet HTML 1Page - Pan Jit International Inc. UF804F Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PAGE . 2
STAD-MAR.05.2009
UF800F~UF806F
Fig.2 FORWARD CHARACTERISTICS
Fig.1 FORWARD CURRENT DERATING CURVE
Fig.3 PEAK FORWARD SURGE CURRENT
Fig.4 TYPICAL REVERSE CHARACTERISTICS
FORWARD VOLTAGE, VOLTS
NO. OF CYCLES AT 60Hz
CASE TEMPERATURE, C
O
RATING AND CHARACTERISTIC CURVES
10
1
0.1
0.01
.4
.6
.8
1.0
1.2
1.6
1.8
1.4
100
2.0
600V
300-400V
50-200V
0
50
100
150
0
2.0
4.0
6.0
8.0
10.0
100
50
25
1
10
100
75
175
125
150
1000
100
1.0
20
40
60
80
100
120
T= 25 C
J
O
T= 1 25 C
J
O
1
0.1
10
40
PERCENTAGE OF PEAK REVERSE VOLTAGE,%
50
N o nind u ctive
W
10
N onindu ctive
W
1
No n
in d u ctive
W
(+)
25Vdc
(approx)
(-)
(-)
(+)
PU LS E
G E NE RA T O R
NO T E 2
OS C ILLOS C O P E
NO T E 1
D
.U .T.
NO T E S
:1.R ise Tim e=70ns max.
Input Im pedance=1megohm
.22pF
2.R ise Tim e=10ns max.
Source Im pedance = 5
0Ohm s
0.5A
0
-0.25
-1.0
1cm
t
rr
SE T TIM E
BA SE F O R
10ns/cm
Fig.5 REVERSE RECOVERY TIME CHARACTERISTIC
AND TEST CIRCUIT DIAGRAM
Fig.6 TYPICAL JUNCTION CHARACTERISTICS
REVERSE VOLTAGE, VOLTS
240
200
160
120
80
40
0
1
2
5
1020
50100
T= 25 C
J
O
T= 25 C
J
O


Similar Part No. - UF804F

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
UF804F PANJIT-UF804F Datasheet
74Kb / 2P
   ISOLATION ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 8.0 Amperes)
logo
Won-Top Electronics
UF804F WTE-UF804F Datasheet
47Kb / 3P
   8.0A ISOLATION ULTRAFAST GLASS PASSIVATED RECTIFIER
UF804F WTE-UF804F Datasheet
49Kb / 4P
   8.0A GLASS PASSIVATED ULTRAFAST RECTIFIER
logo
Pan Jit International I...
UF804F PANJIT-UF804F Datasheet
430Kb / 2P
   ISOLATION ULTRAFAST RECOCVEY RECTIFIERS
logo
CHENG-YI ELECTRONIC CO....
UF804F CHENG-YI-UF804F Datasheet
171Kb / 2P
   ISOLATION ULTRAFAST SWITCHING RECTIFIERS
More results

Similar Description - UF804F

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
UF800 PANJIT-UF800_09 Datasheet
95Kb / 2P
   ULTRAFAST RECOCVEY RECTIFIERS
UF800 PANJIT-UF800_03 Datasheet
41Kb / 2P
   ULTRAFAST RECOCVEY RECTIFIERS
UF800F PANJIT-UF800F_05 Datasheet
430Kb / 2P
   ISOLATION ULTRAFAST RECOCVEY RECTIFIERS
logo
Sangdest Microelectroni...
MUR460AX SMC-MUR460AX Datasheet
163Kb / 5P
   ULTRAFAST RECTIFIERS
MUR640AX SMC-MUR640AX Datasheet
155Kb / 4P
   ULTRAFAST RECTIFIERS
logo
Leshan Radio Company
UF4004 LRC-UF4004_15 Datasheet
201Kb / 7P
   Ultrafast Rectifiers
UF4005 LRC-UF4005_15 Datasheet
201Kb / 7P
   Ultrafast Rectifiers
UF5402 LRC-UF5402_15 Datasheet
195Kb / 7P
   Ultrafast Rectifiers
logo
EIC discrete Semiconduc...
MUR1620CT EIC-MUR1620CT Datasheet
49Kb / 2P
   ULTRAFAST RECTIFIERS
logo
Motorola, Inc
MUR1650CT MOTOROLA-MUR1650CT Datasheet
314Kb / 5P
   ULTRAFAST RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com