Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7443630550 Datasheet(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 7443630550
Description  POWER-CHOKE WE-HCF 2013
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

7443630550 Datasheet(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  7443630550 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 7443630550 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 7443630550 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 7443630550 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Bezeichnung :
description :
Marking = part number
Eigenschaften /
properties
Wert / value
Einheit / unit
tol.
Lerrlaufinduktivität/
initial inductance
DC-Widerstand /
DC-resistance
Nennstrom /
rated current
Sättigungsstrom/
saturation current
Eigenres.-Frequenz
self-res.-frequency
33%
Umgebungstemperatur / temperature:
+20°C
Ferrite
Umgebungstemp. / ambient temperature: -40°C - +85°C
Rst
09-07-07
Name
Datum / date
Änderung / modification
Version 1
C Lötpad / soldering spec.:
Luftfeuchtigkeit / humidity:
@ 20° C
µH
RDC
m
WAYNE KERR 3260B für/for L0; ISAT
D Prüfgeräte / test equipment:
E Testbedingungen / test conditions:
It is recommended that the temperature of the part does
HP 34401 A & Fluke 54II für/for IDC;
typ.
MHz
A Mechanische Abmessungen / dimensions:
100 kHz / 10mA
L0
5,50
B Elektrische Eigenschaften / electrical properties:
Kunde / customer :
SPEICHERDROSSEL WE-HCF 2013
POWER-CHOKE WE-HCF 2013
Artikelnummer / part number :
7443630550
Spezifikation für Freigabe / specification for release
DATUM / DATE : 2009-07-07
± 10%
A
Testbedingungen /
test conditions
22,0
typ.
4,00
± 15%
Basismaterial / base material:
Metra HIT 27I für/for RDC
Arbeitstemperatur / operating temperature: -40°C - +125°C
D-74638 Waldenburg · Max-Eyth-Strasse 1 - 3 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400
Geprüft / checked
...................................................
..............................................
33,0
SRF
21,0
Isat
A
IN
Kunde / customer
F Werkstoffe & Zulassungen / material & approvals:
G Eigenschaften / general specifications:
not exceed 125°C under worst case operating conditions.
Draht / wire:
Class F
T= 50 K
Würth Elektronik
..................................................................................
L/L0= 30 %
typ.
Freigabe erteilt / general release:
http://www.we-online.de
Datum / date
..................................................................................
Unterschrift / signature
Kontrolliert / approved
Würth Elektronik eiSos GmbH & Co. KG
S
F
2
1
1
2
SEITE 1 VON 4


Similar Part No. - 7443630550

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
7443630550 WURTH-7443630550 Datasheet
859Kb / 9P
   WE-HCF SMT High Current Inductor
004.000
7443630550 WURTH-7443630550_V01 Datasheet
859Kb / 9P
   WE-HCF SMT High Current Inductor
004.000
More results

Similar Description - 7443630550

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
7443634700 WURTH-7443634700 Datasheet
317Kb / 4P
   POWER-CHOKE WE-HCF 2013
7443630070 WURTH-7443630070 Datasheet
305Kb / 4P
   POWER-CHOKE WE-HCF 2013
7443633300 WURTH-7443633300 Datasheet
317Kb / 4P
   POWER-CHOKE WE-HCF 2013
7443630860 WURTH-7443630860 Datasheet
304Kb / 4P
   POWER-CHOKE WE-HCF 2013
7443630700 WURTH-7443630700 Datasheet
304Kb / 4P
   POWER-CHOKE WE-HCF 2013
7443631500 WURTH-7443631500 Datasheet
319Kb / 4P
   POWER-CHOKE WE-HCF 2013
7443630140 WURTH-7443630140 Datasheet
305Kb / 4P
   POWER-CHOKE WE-HCF 2013
7443630220 WURTH-7443630220 Datasheet
304Kb / 4P
   POWER-CHOKE WE-HCF 2013
7443630310 WURTH-7443630310 Datasheet
304Kb / 4P
   POWER-CHOKE WE-HCF 2013
7443630420 WURTH-7443630420 Datasheet
305Kb / 4P
   POWER-CHOKE WE-HCF 2013
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com