Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MD8IC970NR1 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MD8IC970NR1
Description  RF LDMOS Wideband Integrated Power Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MD8IC970NR1 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MD8IC970NR1 Datasheet HTML 1Page - Freescale Semiconductor, Inc MD8IC970NR1 Datasheet HTML 2Page - Freescale Semiconductor, Inc MD8IC970NR1 Datasheet HTML 3Page - Freescale Semiconductor, Inc MD8IC970NR1 Datasheet HTML 4Page - Freescale Semiconductor, Inc MD8IC970NR1 Datasheet HTML 5Page - Freescale Semiconductor, Inc MD8IC970NR1 Datasheet HTML 6Page - Freescale Semiconductor, Inc MD8IC970NR1 Datasheet HTML 7Page - Freescale Semiconductor, Inc MD8IC970NR1 Datasheet HTML 8Page - Freescale Semiconductor, Inc MD8IC970NR1 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
MD8IC970NR1
5
RF Device Data
Freescale Semiconductor
TYPICAL CHARACTERISTICS
820
Gps
IMD
f, FREQUENCY (MHz)
Figure 4. Two--Tone Broadband Performance
@Pout = 35 Watts Avg.
26
36
35
34
--32
44
42
40
38
--27
--28
--29
--30
33
32
31
30
29
28
27
840
860
880
900
920
940
960
980
36
--31
VDD1 =28 Vdc,VDD2 =25 Vdc,IDQ1(A+B) =60 mA
IDQ2(A+B) = 550 mA, Pout =35 W (Avg.)
200 kHz Tone Spacing
Figure 5. Intermodulation Distortion Products
versus Two--Tone Spacing
TWO--TONE SPACING (MHz)
10
--60
--10
--20
--30
--50
1
100
--40
IM3--U
IM3--L
IM5--U
IM5--L
IM7--L
IM7--U
PAE
Figure 6. Power Gain, Power Added Efficiency and
Intermodulation Distortion Products versus
Average Output Power
35
Pout, OUTPUT POWER (WATTS)
33
31
29
20
34
32
30
10
30
40
60
0
60
50
40
30
20
10
50
IMD
--60
0
--10
--20
--40
--30
--50
Gps
PAE
VDD1 =28 Vdc,VDD2 =25 Vdc,IDQ1(A+B) =60 mA
IDQ2(A+B) = 550 mA, f1 = 939.9 MHz, f2 = 940.1 MHz
VDD1 =28 Vdc,VDD2 =25 Vdc,Pout = 71 W (PEP)
IDQ1(A+B) =60 mA, IDQ2(A+B) = 550 mA
Two--Tone Measurements
(f1 + f2)/2 = Center Frequency of 900 MHz


Similar Part No. - MD8IC970NR1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MD8IC970NR1 FREESCALE-MD8IC970NR1 Datasheet
512Kb / 17P
   RF LDMOS Wideband Integrated Power Amplifiers
MD8IC970NR1 FREESCALE-MD8IC970NR1_1 Datasheet
512Kb / 17P
   RF LDMOS Wideband Integrated Power Amplifiers
More results

Similar Description - MD8IC970NR1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MHV5IC2215NR2 FREESCALE-MHV5IC2215NR2_07 Datasheet
829Kb / 19P
   RF LDMOS Wideband Integrated Power Amplifier
MW4IC001MR4 FREESCALE-MW4IC001MR4_06 Datasheet
662Kb / 16P
   RF LDMOS Wideband Integrated Power Amplifier
logo
NXP Semiconductors
MHV5IC2215N NXP-MHV5IC2215N Datasheet
904Kb / 19P
   RF LDMOS Wideband Integrated Power Amplifier
Rev. 3, 1/2007
MHVIC915NR2 NXP-MHVIC915NR2 Datasheet
556Kb / 16P
   RF LDMOS Wideband Integrated Power Amplifier
Rev. 9, 5/2006
logo
Freescale Semiconductor...
MHVIC2114R2 FREESCALE-MHVIC2114R2 Datasheet
464Kb / 9P
   RF LDMOS Wideband Integrated Power Amplifier
MHVIC2115R2 FREESCALE-MHVIC2115R2 Datasheet
394Kb / 9P
   RF LDMOS Wideband Integrated Power Amplifier
logo
Motorola, Inc
MHVIC2115R2 MOTOROLA-MHVIC2115R2 Datasheet
587Kb / 8P
   RF LDMOS Wideband Integrated Power Amplifier
logo
NXP Semiconductors
AFIC901N NXP-AFIC901N Datasheet
1Mb / 20P
   RF LDMOS Wideband Integrated Power Amplifier
Rev. 0, 1/2016
MW4IC001MR4 NXP-MW4IC001MR4 Datasheet
670Kb / 16P
   RF LDMOS Wideband Integrated Power Amplifier
Rev. 4, 5/2006
MW7IC915N NXP-MW7IC915N Datasheet
672Kb / 17P
   RF LDMOS Wideband Integrated Power Amplifier
Rev. 2, 12/2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com