Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

35XS3400 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # 35XS3400
Description  Quad High Side Switch
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

35XS3400 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  35XS3400 Datasheet HTML 1Page - Freescale Semiconductor, Inc 35XS3400 Datasheet HTML 2Page - Freescale Semiconductor, Inc 35XS3400 Datasheet HTML 3Page - Freescale Semiconductor, Inc 35XS3400 Datasheet HTML 4Page - Freescale Semiconductor, Inc 35XS3400 Datasheet HTML 5Page - Freescale Semiconductor, Inc 35XS3400 Datasheet HTML 6Page - Freescale Semiconductor, Inc 35XS3400 Datasheet HTML 7Page - Freescale Semiconductor, Inc 35XS3400 Datasheet HTML 8Page - Freescale Semiconductor, Inc 35XS3400 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
3
35XS3400
INTERNAL BLOCK DIAGRAM
INTERNAL BLOCK DIAGRAM
GND
Programmable
Watchdog
Over-temperature
Detection
Logic
Severe Short-circuit
Selectable Over-current
Internal
Regulator
Selectable Slew Rate
Gate Driver
Over/Under-voltage
Protections
HS0
VPWR
VDD
CS
SCLK
SO
SI
RST
WAKE
FS
IN0
FSI
IN3
HS1
HS0
HS1
HS2
HS3
HS2
HS3
IN1
IN2
Detection
Selectable Output
CSNS
VREG
IDWN
IUP
IDWN
RDWN
Open-load
Detections
Detection
Temperature
Feedback
VREG
Short to VPWR
Detection
Charge
VDD Failure
Detection
Calibratable
Oscillator
PWM
Module
VPWR
Voltage Clamp
RDWN
Current Recopy
Analog MUX
Over-temperature
Prewarning
VDD
Pump
POR
Figure 2. 35XS3400 Simplified Internal Block Diagram


Similar Part No. - 35XS3400

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
35XS3400 FREESCALE-35XS3400 Datasheet
1Mb / 48P
   Quad High Side Switch (Quad 35 mOhm)
35XS3400 FREESCALE-35XS3400 Datasheet
1Mb / 46P
   Quad High Side Switch (Quad 35 mOhm)
35XS3400 FREESCALE-35XS3400_12 Datasheet
1Mb / 46P
   Quad High Side Switch (Quad 35 mOhm)
More results

Similar Description - 35XS3400

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
33874 FREESCALE-33874_08 Datasheet
1Mb / 38P
   Quad High Side Switch
logo
International Rectifier
IR8400P IRF-IR8400P Datasheet
763Kb / 16P
   QUAD HIGH SIDE SWITCH
logo
Freescale Semiconductor...
10XSC425 FREESCALE-10XSC425 Datasheet
826Kb / 56P
   Quad High Side Switch
33894 FREESCALE-33894 Datasheet
1Mb / 28P
   Quad High-Side Switch
logo
Rohm
MC33874 ROHM-MC33874 Datasheet
1Mb / 38P
   Quad High Side Switch (Quad 35mOHM)
logo
Maxim Integrated Produc...
MAX625 MAXIM-MAX625 Datasheet
251Kb / 7P
   Quad, High-Side Power Switch
Rev 1; 10/94
logo
Freescale Semiconductor...
33892 FREESCALE-33892 Datasheet
847Kb / 28P
   Quad Intelligent High-Side Switch
35XS3400 FREESCALE-35XS3400_12 Datasheet
1Mb / 46P
   Quad High Side Switch (Quad 35 mOhm)
35XS3400 FREESCALE-35XS3400 Datasheet
1Mb / 48P
   Quad High Side Switch (Quad 35 mOhm)
15XS3400 FREESCALE-15XS3400_12 Datasheet
1Mb / 52P
   Quad High Side Switch (Quad 15 mOhm)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com