Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

35XS3400 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # 35XS3400
Description  Quad High Side Switch
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

35XS3400 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  35XS3400_11 Datasheet HTML 1Page - Freescale Semiconductor, Inc 35XS3400_11 Datasheet HTML 2Page - Freescale Semiconductor, Inc 35XS3400_11 Datasheet HTML 3Page - Freescale Semiconductor, Inc 35XS3400_11 Datasheet HTML 4Page - Freescale Semiconductor, Inc 35XS3400_11 Datasheet HTML 5Page - Freescale Semiconductor, Inc 35XS3400_11 Datasheet HTML 6Page - Freescale Semiconductor, Inc 35XS3400_11 Datasheet HTML 7Page - Freescale Semiconductor, Inc 35XS3400_11 Datasheet HTML 8Page - Freescale Semiconductor, Inc 35XS3400_11 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
Analog Integrated Circuit Device Data
4
Freescale Semiconductor
35XS3400
PIN CONNECTIONS
PIN CONNECTIONS
Transparent Top View of Package
13
24
12
10 9
8
7
6
5
4
321
11
23
22
19
20
21
16
17
18
15
14
SO
GND
HS3
HS1
NC
HS0
HS2
GND
FSI
GND
VPWR
Figure 3. 35XS3400 Pin Connections
Table 2. 35XS3400 Pin Definitions
A functional description of each pin can be found in the Functional Pin Description section beginning on page 19.
Pin
Number
Pin Name
Pin
Function
Formal Name
Definition
1
CSNS
Output
Output Current
Monitoring
This pin reports an analog value proportional to the designated HS[0:3] output
current or the temperature of the GND flag (pin 14). It is used externally to
generate a ground-referenced voltage for the microcontroller (MCU) . Current
recopy and temperature feedback is SPI programmable.
2
3
5
6
IN0
IN1
IN2
IN3
Input
Direct Inputs
Each direct input controls the device mode. The IN[0:3] high side input pins
are used to directly control HS0:HS3 high side output pins.
The PWM frequency can be generated from IN0 pin to PWM module in case
the external clock is set.
7
FS
Output
Fault Status
(Active Low)
This pin is an open drain configured output requiring an external pull-up
resistor to VDD for fault reporting.
8
WAKE
Input
Wake
This input pin controls the device mode.
9
RST
Input
Reset
This input pin is used to initialize the device configuration and fault registers,
as well as place the device in a low-current Sleep mode.
10
CS
Input
Chip Select
(Active Low)
This input pin is connected to a chip select output of a master microcontroller
(MCU).
11
SCLK
Input
Serial Clock
This input pin is connected to the MCU providing the required bit shift clock for
SPI communication.
12
SI
Input
Serial Input
This pin is a command data input pin connected to the SPI serial data output
of the MCU or to the SO pin of the previous device of a daisy
-chain of devices.


Similar Part No. - 35XS3400_11

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
35XS3400 FREESCALE-35XS3400_12 Datasheet
1Mb / 46P
   Quad High Side Switch (Quad 35 mOhm)
More results

Similar Description - 35XS3400_11

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
33874 FREESCALE-33874_08 Datasheet
1Mb / 38P
   Quad High Side Switch
logo
International Rectifier
IR8400P IRF-IR8400P Datasheet
763Kb / 16P
   QUAD HIGH SIDE SWITCH
logo
Freescale Semiconductor...
10XSC425 FREESCALE-10XSC425 Datasheet
826Kb / 56P
   Quad High Side Switch
33894 FREESCALE-33894 Datasheet
1Mb / 28P
   Quad High-Side Switch
logo
Rohm
MC33874 ROHM-MC33874 Datasheet
1Mb / 38P
   Quad High Side Switch (Quad 35mOHM)
logo
Maxim Integrated Produc...
MAX625 MAXIM-MAX625 Datasheet
251Kb / 7P
   Quad, High-Side Power Switch
Rev 1; 10/94
logo
Freescale Semiconductor...
33892 FREESCALE-33892 Datasheet
847Kb / 28P
   Quad Intelligent High-Side Switch
35XS3400 FREESCALE-35XS3400_12 Datasheet
1Mb / 46P
   Quad High Side Switch (Quad 35 mOhm)
35XS3400 FREESCALE-35XS3400 Datasheet
1Mb / 48P
   Quad High Side Switch (Quad 35 mOhm)
15XS3400 FREESCALE-15XS3400_12 Datasheet
1Mb / 52P
   Quad High Side Switch (Quad 15 mOhm)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com