Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAG3110FCR2 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MAG3110FCR2
Description  3-Axis, Digital Magnetometer
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAG3110FCR2 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MAG3110FCR2 Datasheet HTML 1Page - Freescale Semiconductor, Inc MAG3110FCR2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MAG3110FCR2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MAG3110FCR2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MAG3110FCR2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MAG3110FCR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MAG3110FCR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MAG3110FCR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MAG3110FCR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Sensors
3
Freescale Semiconductor
MAG3110
1.3
Application Circuit
The device power is supplied through VDD line. Power supply decoupling capacitors (100 nF ceramic) should be placed as
near as possible to pins 1 and 2 of the device. VDDIO supplies power for the I/O pins SCL, SDA, and INT1.
The control signals SCL and SDA, are not tolerant of voltages more than VDDIO + 0.3 volts. If VDDIO is removed, the control
signals SCL and SDA will clamp any logic signals with their internal ESD protection diodes.
Figure 4. Electrical Connection
Table 1. Pin Description
Pin
Name
Function
1
Cap-A
Bypass Cap for Internal Regulator
2
VDD
Power Supply, 1.95V – 3.6V
3
NC
No Connect – do not connect
4
Cap-R
Cap for Reset Pulse
5
GND
GND
6
SDA
I2C Serial Data (Write = 0x1C; Read = 0x1D)
7
SCL
I2C Serial Clock
8
VDDIO
Power for I/O Buffers, 1.65V - VDD
9
INT1
Interrupt - Active High Output
10
GND
GND
SDA
VDDIO
1
2
3
4
5
10
9
8
7
6
MAG3110
(Top View)
100 nF
1
μF
VDD
100 nF
100 nF
SCL
INT1
4.7K
100 nF
4.7K


Similar Part No. - MAG3110FCR2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MAG3110FCR2 FREESCALE-MAG3110FCR2 Datasheet
369Kb / 28P
   Three-Axis, Digital Magnetometer
More results

Similar Description - MAG3110FCR2

ManufacturerPart #DatasheetDescription
logo
Rohm
BM1422AGMV ROHM-BM1422AGMV Datasheet
2Mb / 29P
   3-Axis Digital Magnetometer IC
logo
Freescale Semiconductor...
MAG3110 FREESCALE-MAG3110_12 Datasheet
369Kb / 28P
   Three-Axis, Digital Magnetometer
logo
STMicroelectronics
LSM303DLM STMICROELECTRONICS-LSM303DLM Datasheet
512Kb / 38P
   Sensor module:3-axis accelerometer and 3-axis magnetometer
LSM303DLHTR STMICROELECTRONICS-LSM303DLHTR Datasheet
608Kb / 47P
   Sensor module: 3-axis accelerometer and 3-axis magnetometer
LSM303DLH STMICROELECTRONICS-LSM303DLH Datasheet
591Kb / 47P
   Sensor module: 3-axis accelerometer and 3-axis magnetometer
logo
NXP Semiconductors
MAG3110 NXP-MAG3110 Datasheet
470Kb / 30P
   Xtrinsic MAG3110 Three-Axis, Digital Magnetometer
Rev. 9.2, 02/2013
logo
Asahi Kasei Microsystem...
AK09940 AKM-AK09940 Datasheet
210Kb / 3P
   Ultrahigh precision 3-axis Electronic Magnetometer
logo
STMicroelectronics
IIS2MDC STMICROELECTRONICS-IIS2MDC Datasheet
1Mb / 40P
   High-accuracy, ultra-low-power, 3-axis digital output magnetometer
September 2017 Rev 1
logo
Honeywell Solid State E...
HMR2300R HONEYWELL-HMR2300R Datasheet
156Kb / 8P
   THREE-AXIS STRAPDOWN MAGNETOMETER
logo
STMicroelectronics
LIS3MDL STMICROELECTRONICS-LIS3MDL Datasheet
1Mb / 33P
   Digital output magnetic sensor: ultra-low-power, high-performance 3-axis magnetometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com