Part Name
         Description
LC35256D-10

 Dual Control Pins: OE and CE 256K (32768-word X 8-bit) SRAM ( 8 Page)


SANYO
100% 
Zoom Out Zoom In
   
 6 page
background image
No. 5823-6/8
LC35256D-10, LC35256DM, DT-70/10
LC35256D, DM, DT
Parameter
Symbol
-70*
-10
Unit
min
max
min
max
Write cycle time
tWC
200
500
ns
Address setup time
tAS
0
0
ns
Write pulse width
tWP
140
200
ns
CE setup time
tCW
150
250
ns
Write recovery time
tWR
0
0
ns
CE write recovery time
tWR1
0
0
ns
Data setup time
tDS
130
180
ns
Data hold time
tDH
0
0
ns
CE data hold time
tDH1
0
0
ns
WE output enable time
tWOE
10
10
ns
WE output disable time
tWOD
60
120
ns
Write Cycle
Note *: Specification values for the LC35256DM and LC35256DT.
Timing Charts
Read Cycle *1
*5



Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LC35V256EM256K 32K words x 8 bits SRAM Control pins: OE and CE 1 2 3 4 5 MoreSanyo Semicon Device
LC35W256EM256K 32K words x 8 bits SRAM Control pins: OE and CE 1 2 3 4 5 MoreSanyo Semicon Device
LC35256FM256K 32768 words 8 bits SRAM Control Pins: OE and CE 1 2 3 4 5 MoreSanyo Semicon Device
LC35256FT256K 32768 words X 8 bits SRAM Control Pins: OE and CE 1 2 3 4 5 MoreSanyo Semicon Device
M36DR432A32 Mbit 2Mb x16 Dual Bank Page Flash Memory and 4 Mbit 256K x16 SRAM Multiple Memory Product 1 2 3 4 5 MoreSTMicroelectronics
M36DR432C32 Mbit 2Mb x16 Dual Bank Page Flash Memory and 4 Mbit 256K x16 SRAM Multiple Memory Product 1 2 3 4 5 MoreSTMicroelectronics
LC3564CM64K 8192-word x 8-bit SRAM with OE CE1 and CE2 Control Pins 1 2 3 4 5 MoreSanyo Semicon Device
PSD834F2VFlash PSD 3.3V Supply for 8-bit MCUs 2 Mbit 256 Kbit Dual Flash Memories and 64 Kbit SRAM 1 2 3 4 5 MoreSTMicroelectronics
LC3564B64K 8192-word ´ 8-bit SRAM with OE CE1 and CE2 Control Pins 1 2 3 4 5 MoreSanyo Semicon Device
HN58V256A256k EEPROM 32-kword x 8-bit Ready/Busy and RES function HN58V257A 1 2 3 4 5 MoreHitachi Semiconductor

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl