Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSN-2050A-119+ Datasheet(PDF) 9 Page - Mini-Circuits

Part # DSN-2050A-119+
Description  Frequency Synthesizer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

DSN-2050A-119+ Datasheet(HTML) 9 Page - Mini-Circuits

Back Button DSN-2050A-119+ Datasheet HTML 3Page - Mini-Circuits DSN-2050A-119+ Datasheet HTML 4Page - Mini-Circuits DSN-2050A-119+ Datasheet HTML 5Page - Mini-Circuits DSN-2050A-119+ Datasheet HTML 6Page - Mini-Circuits DSN-2050A-119+ Datasheet HTML 7Page - Mini-Circuits DSN-2050A-119+ Datasheet HTML 8Page - Mini-Circuits DSN-2050A-119+ Datasheet HTML 9Page - Mini-Circuits DSN-2050A-119+ Datasheet HTML 10Page - Mini-Circuits DSN-2050A-119+ Datasheet HTML 11Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Page 9 of 11
DSN-2050A-119+
®
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
o
RoHS compliant
IF/RF MICROWAVE COMPONENTS������ 9001 ISO 14001 AS 9100 CERTIFIED
Notes: 1. Performance and quality attributes and conditions not expressly stated in this specification sheet are intended to be excluded and do not form a part of this specification sheet. 2. Electrical specifications and
performance data contained herein are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions. 3. The parts covered by this specification sheet are subject to Mini-Circuits
standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled to the rights and benefits contained therein. For a full statement of the Standard Terms and the
exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp.
The Design Engineers Search Engine
finds the model you need, Instantly • For detailed performance specs & shopping online see
TM
Frequency Synthesizer
COMPARISON SPURIOUS
Vs FREQ. OFFSET @ Fcar = 1130MHz
-110
-100
-90
-80
-70
-60
-50
1129.9375 1129.9625 1129.9875 1130.0125 1130.0375 1130.0625
FREQUENCY OFFSET (MHz)
-45°C
+25°C
+85°C
COMPARISON SPURIOUS
Vs FREQ. OFFSET @ Fcar = 1615MHz
-110
-100
-90
-80
-70
-60
-50
1614.9375 1614.9625 1614.9875 1615.0125 1615.0375 1615.0625
FREQUENCY OFFSET (MHz)
-45°C
+25°C
+85°C
REFERENCE SPURIOUS
Vs FREQ. OFFSET @ Fcar = 1615MHz
-145
-135
-125
-115
-105
-95
-85
-75
1550
1576
1602
1628
1654
1680
FREQUENCY OFFSET (MHz)
-45°C
+25°C
+85°C
COMPARISON SPURIOUS
Vs FREQ. OFFSET @ Fcar = 2100MHz
-110
-100
-90
-80
-70
-60
-50
2099.9375 2099.9625 2099.9875 2100.0125 2100.0375 2100.0625
FREQUENCY OFFSET (MHz)
-45°C
+25°C
+85°C
REFERENCE SPURIOUS
Vs FREQ. OFFSET @ Fcar = 2100MHz
-145
-135
-125
-115
-105
-95
-85
-75
2035
2061
2087
2113
2139
2165
FREQUENCY OFFSET (MHz)
-45°C
+25°C
+85°C
REFERENCE SPURIOUS
Vs FREQ. OFFSET @ Fcar = 1130MHz
-145
-135
-125
-115
-105
-95
-85
-75
1065
1091
1117
1143
1169
1195
FREQUENCY OFFSET (MHz)
-45°C
+25°C
+85°C


Similar Part No. - DSN-2050A-119+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
DSN-2000A-219++ MINI-DSN-2000A-219+ Datasheet
806Kb / 11P
   50廓 1200 to 2200 MHz
DSN-2000A-419 MINI-DSN-2000A-419 Datasheet
823Kb / 11P
   Frequency Synthesizer
DSN-2000A-419++ MINI-DSN-2000A-419+ Datasheet
823Kb / 11P
   Frequency Synthesizer
DSN-2036A-119 MINI-DSN-2036A-119 Datasheet
891Kb / 13P
   Frequency Synthesizer
DSN-2036A-119++ MINI-DSN-2036A-119+ Datasheet
891Kb / 13P
   Frequency Synthesizer
More results

Similar Description - DSN-2050A-119+

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4750V PHILIPS-HEF4750V Datasheet
173Kb / 17P
   Frequency synthesizer
January 1995
logo
API Technologies Corp
455050 APITECH-455050 Datasheet
180Kb / 1P
   FREQUENCY SYNTHESIZER
453017 APITECH-453017 Datasheet
182Kb / 1P
   FREQUENCY SYNTHESIZER
453014 APITECH-453014 Datasheet
181Kb / 1P
   FREQUENCY SYNTHESIZER
451018 APITECH-451018 Datasheet
181Kb / 1P
   FREQUENCY SYNTHESIZER
442070 APITECH-442070 Datasheet
182Kb / 1P
   FREQUENCY SYNTHESIZER
logo
Mini-Circuits
SSN-3132A-119 MINI-SSN-3132A-119 Datasheet
902Kb / 13P
   Frequency Synthesizer
SSN-2685A-119 MINI-SSN-2685A-119 Datasheet
889Kb / 13P
   Frequency Synthesizer
SSN-2222A-119 MINI-SSN-2222A-119 Datasheet
897Kb / 13P
   Frequency Synthesizer
KSN-2065A-119 MINI-KSN-2065A-119 Datasheet
786Kb / 11P
   Frequency Synthesizer
KSN-2060A-119 MINI-KSN-2060A-119 Datasheet
784Kb / 11P
   Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com