Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMHN3.3A Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # SMHN3.3A
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR POWER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SMHN3.3A Datasheet(HTML) 1 Page - Pan Jit International Inc.

  SMHN3.3A Datasheet HTML 1Page - Pan Jit International Inc. SMHN3.3A Datasheet HTML 2Page - Pan Jit International Inc. SMHN3.3A Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PAGE . 1
November 04.2010-REV.01
SMHN3.3A / SMHN5.0A
FEATURES
• For surface mounted applications in order to optimize board space.
• Low profile package
• Built-in strain relief
• Low inductance
• Plastic package has Underwriters Laboratory Flammability
Classification 94V-O
• In compliance with EU RoHS 2002/95/EC directives
MECHANICAL DATA
• Case: SOD-123HE
• Terminals: Solder plated,solderable per MIL-STD-750, Method 2026
• Polarity: Color band denotes positive end (cathode)
• Apporx.Weight: 0.0006 ounce, 0.0172 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
NOTES:
1. Non-repetitive current pulse, per Fig.3 and derated above T
A = 25
OC per Fig. 2.
2. Mounted on 5.0mm2 copper pads to each terminal.
3. 8.3ms single half sine-wave, or equivalent square wave, duty cycle = 4 pulses per minutes maximum.
4. Peak pulse power waveform is 10/1000
μS.
0.114(2.90)
0.106(2.70)
0.012(0.30)
0.007(0.20)
0.154(3.90)
0.137(3.50)
0.091(2.30)
0.074(1.90)
0.048(1.20)
0.031(0.80)
0.040(1.00)
0.031(0.80)
Rating
Symbol
Value
Units
Peak Pulse Power Dissipation on T
A = 25
OC (Notes 1,2,4, Fig.1)
P
PPM
400
Watts
Peak Forward Surge Current per Fig.5 (Note 3)
I
FSM
40
Amps
Peak Pulse Current on 10/1000
μs waveform(Note 1)Fig.2
I
PPM
see Table 1
Amps
Typical Thermal Resistance Junction to Air (NOTE 2)
R
θJA
107
OC / W
Operating Junction and Storage Temperature Range
T
J,TSTG
-55 to +150
OC
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR POWER 400 Watts
STAND-OFF VOLTAGE
3.3 / 5.0 Volts
1
2
Cathode
Anode
Part Number
Reverse
Stand-off
Voltage
Breakdown Voltage
Test Current
Reverse
Leakage
Max. Clamp
Voltage
Peak Pulse
Current
Marking Code
VRWM
VBR @ I T
IT
I R @ VRWM
VC @ I PP
I PP
Mi n.
Max.
UNI
UNI
V
V
V
mA
μA
V
A
UNI
400W Transient Voltage Suppressor
SMHN3.3A
3.3
5.32
5.88
100
500
7.5
55
HDA
SMHN5.0A
5
6.4
7.25
100
200
9.2
43.5
HEA


Similar Part No. - SMHN3.3A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SMH ETC2-SMH Datasheet
95Kb / 3P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
logo
Illinois Capacitor, Inc...
SMH ILLINOISCAPACITOR-SMH Datasheet
218Kb / 2P
   Small size ??Extended Life ??Low cost
logo
Sanyou Corporation Limi...
SMH SANYOU-SMH Datasheet
115Kb / 4P
   Miniature High Power Relay
logo
Stackpole Electronics, ...
SMH SEI-SMH Datasheet
267Kb / 4P
   Surface Mount Wirewound Resistor
8/31/2022
logo
Japan Automatic Machine...
SMH JAM-SMH Datasheet
454Kb / 6P
   Connector Header Through Hole 3 position 0.098" (2.50mm)
More results

Similar Description - SMHN3.3A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P6SMBJ PANJIT-P6SMBJ_09 Datasheet
145Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR POWER
P6SMB PANJIT-P6SMB_09 Datasheet
146Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR POWER
SMH5.0A PANJIT-SMH5.0A Datasheet
68Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR POWER
PJ6.6K48A PANJIT-PJ6.6K48A Datasheet
207Kb / 3P
   POWER SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
P6SMA6.8A PANJIT-P6SMA6.8A Datasheet
85Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR POWER
P4SMAJ PANJIT-P4SMAJ_08 Datasheet
179Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR POWER
PJ66K48A PANJIT-PJ66K48A Datasheet
210Kb / 3P
   POWER SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
P4SMA PANJIT-P4SMA_08 Datasheet
173Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR POWER
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com