Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZNBG4000 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # ZNBG4000
Description  FET BIAS CONTROLLER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZNBG4000 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button ZNBG4000 Datasheet HTML 2Page - Diodes Incorporated ZNBG4000 Datasheet HTML 3Page - Diodes Incorporated ZNBG4000 Datasheet HTML 4Page - Diodes Incorporated ZNBG4000 Datasheet HTML 5Page - Diodes Incorporated ZNBG4000 Datasheet HTML 6Page - Diodes Incorporated ZNBG4000 Datasheet HTML 7Page - Diodes Incorporated ZNBG4000 Datasheet HTML 8Page - Diodes Incorporated ZNBG4000 Datasheet HTML 9Page - Diodes Incorporated ZNBG4000 Datasheet HTML 10Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
PACKAGE DIMENSIONS
PIN No.1
IDENTIFICATION
RECESS
FOR PIN 1
A
B
D
C
K
QSOP16
PIN
Millimetres
Inches
MIN
MAX
MIN
MAX
A
4.80
4.90
0.033
0.039
B
0.635
0.025 NOM
C
0.177
0.267
0.007
0.011
D
0.20
0.30
0.008
0.012
E
3.81
3.99
0.15
0.157
F
1.35
1.75
0.053
0.069
G
0.10
0.25
0.004
0.01
J
5.79
6.20
0.228
0.244
K
0°8°0°8°
Zetex plc.
Fields New Road, Chadderton, Oldham, OL9-8NP, United Kingdom.
Telephone: (44)161 622 4422 (Sales), (44)161 622 4444 (General Enquiries)
Fax: (44)161 622 4420
Zetex GmbH
Zetex Inc.
Zetex (Asia) Ltd.
These are supported by
Streitfeldstraße 19
47 Mall Drive, Unit 4
3510 Metroplaza, Tower 2
agents and distributors in
D-81673 München
Commack NY 11725
Hing Fong Road,
major countries world-wide
Germany
USA
Kwai Fong, Hong Kong
©Zetex plc 1998
Telefon: (49) 89 45 49 49 0
Telephone: (516) 543-7100
Telephone:(852) 26100 611
Fax: (49) 89 45 49 49 49
Fax: (516) 864-7630
Fax: (852) 24250 494
Internet:http://www.zetex.com
This publication is issued to provide outline information only which (unless agreed by the Company in writing) may not be used, applied
or reproduced for any purpose or form part of any order or contract or be regarded as a representation relating to the products or
services concerned. The Company reserves the right to alter without notice the specification, design, price or conditions of supply of
any product or service.
QSOP20
PIN
Millimetres
Inches
MIN
MAX
MIN
MAX
A
8.55
8.74
0.337
0.344
B
0.635
0.025 NOM
C
1.42
1.52
0.056
0.06
D
0.20
0.30
0.008
0.012
E
3.81
3.99
0.15
0.157
F
1.35
1.75
0.053
0.069
G
0.10
0.25
0.004
0.01
J
5.79
6.20
0.228
0.244
K
8°0°8°
ZNBG4000
ZNBG4000 ZNBG4001
ZNBG6000 ZNBG6001
Page Number


Similar Part No. - ZNBG4000

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZNBG4000 ZETEX-ZNBG4000 Datasheet
406Kb / 10P
   FET BIAS CONTROLLER
ZNBG4000 ZETEX-ZNBG4000 Datasheet
409Kb / 10P
   FET BIAS CONTROLLER
ZNBG4000Q16 ZETEX-ZNBG4000Q16 Datasheet
406Kb / 10P
   FET BIAS CONTROLLER
ZNBG4000Q16 ZETEX-ZNBG4000Q16 Datasheet
409Kb / 10P
   FET BIAS CONTROLLER
logo
Diodes Incorporated
ZNBG4000Q16 DIODES-ZNBG4000Q16 Datasheet
419Kb / 10P
   ABSOLUTE MAXIMUM RATINGS
More results

Similar Description - ZNBG4000

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZNBG3000 DIODES-ZNBG3000 Datasheet
216Kb / 9P
   FET BIAS CONTROLLER
logo
Aimtron Technology
AT1504 AIMTRON-AT1504 Datasheet
237Kb / 6P
   FET BIAS CONTROLLER
AT1506 AIMTRON-AT1506 Datasheet
237Kb / 6P
   FET BIAS CONTROLLER
logo
Unisonic Technologies
L8401 UTC-L8401_15 Datasheet
231Kb / 5P
   FET BIAS CONTROLLER
logo
Zetex Semiconductors
ZNBG4000 ZETEX-ZNBG4000 Datasheet
406Kb / 10P
   FET BIAS CONTROLLER
ZNBR4000 ZETEX-ZNBR4000 Datasheet
183Kb / 10P
   FET BIAS CONTROLLER
ZNBG2000 ZETEX-ZNBG2000 Datasheet
516Kb / 7P
   FET BIAS CONTROLLER
logo
Unisonic Technologies
L8001 UTC-L8001_17 Datasheet
181Kb / 6P
   FET BIAS CONTROLLER
L8002 UTC-L8002 Datasheet
176Kb / 6P
   FET BIAS CONTROLLER
logo
Diodes Incorporated
ZNBG2000 DIODES-ZNBG2000 Datasheet
525Kb / 7P
   FET BIAS CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com