Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZNBG3115 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # ZNBG3115
Description  FET BIAS CONTROLLER WITH POLARISATION
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZNBG3115 Datasheet(HTML) 4 Page - Diodes Incorporated

  ZNBG3115 Datasheet HTML 1Page - Diodes Incorporated ZNBG3115 Datasheet HTML 2Page - Diodes Incorporated ZNBG3115 Datasheet HTML 3Page - Diodes Incorporated ZNBG3115 Datasheet HTML 4Page - Diodes Incorporated ZNBG3115 Datasheet HTML 5Page - Diodes Incorporated ZNBG3115 Datasheet HTML 6Page - Diodes Incorporated ZNBG3115 Datasheet HTML 7Page - Diodes Incorporated ZNBG3115 Datasheet HTML 8Page - Diodes Incorporated ZNBG3115 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
ZNBG3115
ZNBG3116
ISSUE 2 - JUNE 2006
4
SYMBOL
PARAMETER
CONDITIONS
LIMITS
UNITS
MIN.
TYP.
MAX.
TONE DETECTION CHARACTERISTICS
VOUT
Filter Amplifier
Bias Voltage
5
Ifin=0
1.75
1.95
2.15
V
Finz
Input Impedance
VFIN=100mV p/p
150
AG
Amplifier Gain
VFIN=100mV p/p
30
V/mA
FVT
V Threshold
5
100
170
350
mV p/p
VLOV
Output Stage
LOV Volt. Range
6
IL=50mA(LB or HB)
-0.5
VCC-1.8 V
ILOV
LOV Bias Current
VLOV=0
0.02
0.15
1.0
µA
VLBL
LB Output Low
VLOV=0
IL=0
Enabled
6
Rlb-Csub=1M
-3.05
-2.80
-2.55
V
VLOV=3V IL=0mA
Enabled
6
Rlb-Csub=1M
-0.01
0
0.1
V
VLBH
LB Output High
VLOV=0
IL=10mA
Disabled
6
VLOV=3V IL=50mA
Disabled
6
-0.025
2.9
0
3.0
0.025
3.1
V
V
VHBL
HB Output Low
VLOV=0
IL=0
Disabled
6
Rhb-Csub=1M
-3.05
-2.80
-2.55
V
VLOV=3V IL=0
Disabled
6
Rhb-Gnd=1M
-0.01
0
0.1
V
V
VHBH
HB Output High
VLOV=0
IL=10mA
Enabled
6
VLOV=3V IL=50mA
Enabled
6
-0.025
2.9
0
3.0
0.025
3.1
V
V
POLARITY SWITCH CHARACTERISTICS
IPOL
Input Current
VPOL=25V (Applied via RPOL=2k
Ω)
10
25
40
µA
VTPOL
Threshold Voltage
VPOL=25V (Applied via RPOL=2k
Ω)
14
14.75
15.5
V
TSPOL
Switching Speed
VPOL=25V (Applied via RPOL=2k
Ω)
100
ms
NOTES:
1. The negative bias voltages specified are generated on-chip using an internal oscillator. Two external capacitors, CNB and CSUB, of 47nF are required for this
purpose.
2. The characteristics are measured using an external reference resistor RCAL of value 33k wired from pins RCAL to ground.
3. Noise voltage is not measured in production.
4. Noise voltage measurement is made with FETs and gate and drain capacitors in place on all outputs. CG, 4.7nF, are connected between gate outputs and
ground, CD, 10nF, are connected between drain outputs and ground.
5 . These parameters are linearly related to VCC
6. These parameters are measured using Test Circuit 1


Similar Part No. - ZNBG3115

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZNBG3115 ZETEX-ZNBG3115 Datasheet
1Mb / 14P
   FET BIAS CONTROLLER WITH POLARISATION SWITCH AND TONE DETECTION
ZNBG3115 ZETEX-ZNBG3115 Datasheet
606Kb / 15P
   FET BIAS CONTROLLER WITH POLARISATION SWITCH AND TONE DETECTION
ZNBG3115Q16 ZETEX-ZNBG3115Q16 Datasheet
1Mb / 14P
   FET BIAS CONTROLLER WITH POLARISATION SWITCH AND TONE DETECTION
ZNBG3115Q20 ZETEX-ZNBG3115Q20 Datasheet
1Mb / 14P
   FET BIAS CONTROLLER WITH POLARISATION SWITCH AND TONE DETECTION
ZNBG3115 ZETEX-ZNBG3115_06 Datasheet
606Kb / 15P
   FET BIAS CONTROLLER WITH POLARISATION SWITCH AND TONE DETECTION
More results

Similar Description - ZNBG3115

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZNBG3113 DIODES-ZNBG3113 Datasheet
698Kb / 17P
   FET BIAS CONTROLLER WITH POLARISATION
ZNBG3210 DIODES-ZNBG3210 Datasheet
399Kb / 16P
   FET BIAS CONTROLLER WITH POLARISATION
logo
Zetex Semiconductors
ZNBG3115 ZETEX-ZNBG3115 Datasheet
1Mb / 14P
   FET BIAS CONTROLLER WITH POLARISATION SWITCH AND TONE DETECTION
logo
Unisonic Technologies
UTCL8115 UTC-UTCL8115 Datasheet
174Kb / 13P
   FET BIAS CONTROLLER WITH POLARISATION SWITCH AND TONE DETECTION
logo
Zetex Semiconductors
ZNBG3110 ZETEX-ZNBG3110 Datasheet
657Kb / 16P
   FET BIAS CONTROLLER WITH POLARISATION SWITCH AND TONE DETECTION
ZNBG3115 ZETEX-ZNBG3115_06 Datasheet
606Kb / 15P
   FET BIAS CONTROLLER WITH POLARISATION SWITCH AND TONE DETECTION
ZNBG3113 ZETEX-ZNBG3113 Datasheet
684Kb / 17P
   FET BIAS CONTROLLER WITH POLARISATION SWITCH AND TONE DETECTION
ZNBG3210 ZETEX-ZNBG3210 Datasheet
387Kb / 16P
   FET BIAS CONTROLLER WITH POLARISATION SWITCH AND TONE DETECTION
logo
Diodes Incorporated
ZNBG3211Q20TC DIODES-ZNBG3211Q20TC Datasheet
399Kb / 16P
   FET BIAS CONTROLLER WITH POLARISATION SWITCH AND TONE DETECTION ISSUE 2 - FEBRUARY 2000
ZNBG3000 DIODES-ZNBG3000 Datasheet
216Kb / 9P
   FET BIAS CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com