Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZNBG3010 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # ZNBG3010
Description  FET BIAS CONTROLLER AND POLARITY SWITCH
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZNBG3010 Datasheet(HTML) 4 Page - Diodes Incorporated

  ZNBG3010 Datasheet HTML 1Page - Diodes Incorporated ZNBG3010 Datasheet HTML 2Page - Diodes Incorporated ZNBG3010 Datasheet HTML 3Page - Diodes Incorporated ZNBG3010 Datasheet HTML 4Page - Diodes Incorporated ZNBG3010 Datasheet HTML 5Page - Diodes Incorporated ZNBG3010 Datasheet HTML 6Page - Diodes Incorporated ZNBG3010 Datasheet HTML 7Page - Diodes Incorporated ZNBG3010 Datasheet HTML 8Page - Diodes Incorporated ZNBG3010 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
JFET Drain Current v Rcal
020
40
60
100
0
2
4
6
8
10
Rcal (k)
80
12
14
16
JFET Drain Voltage v Drain Current
24
6
8
16
2.0
2.1
2.2
Drain Current (mA)
10
2.3
2.4
12
14
Vsub v External Load
0
0.2
0.4
0.6
1.0
-3.0
-2.5
-2.0
-1.5
-1.0
External Vsub Load (mA)
0.8
-0.5
0.0
TYPICAL CHARACTERISTICS
Vcc = 5V
Vcc = 5V
6V
8V
10V
Vcc = 5V
6V
8V
10V
Note:- Operation with loads > 200µA
is not guaranteed.
ZNBG3010
ZNBG3011
4-117


Similar Part No. - ZNBG3010

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZNBG3010 ZETEX-ZNBG3010 Datasheet
375Kb / 10P
   FET BIAS CONTROLLER AND POLARITY SWITCH
ZNBG3010Q16 ZETEX-ZNBG3010Q16 Datasheet
375Kb / 10P
   FET BIAS CONTROLLER AND POLARITY SWITCH
More results

Similar Description - ZNBG3010

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZNBG3010 ZETEX-ZNBG3010 Datasheet
375Kb / 10P
   FET BIAS CONTROLLER AND POLARITY SWITCH
ZNBG3115 ZETEX-ZNBG3115 Datasheet
1Mb / 14P
   FET BIAS CONTROLLER WITH POLARISATION SWITCH AND TONE DETECTION
ZNBG3110 ZETEX-ZNBG3110 Datasheet
657Kb / 16P
   FET BIAS CONTROLLER WITH POLARISATION SWITCH AND TONE DETECTION
ZNBG3115 ZETEX-ZNBG3115_06 Datasheet
606Kb / 15P
   FET BIAS CONTROLLER WITH POLARISATION SWITCH AND TONE DETECTION
logo
Unisonic Technologies
UTCL8115 UTC-UTCL8115 Datasheet
174Kb / 13P
   FET BIAS CONTROLLER WITH POLARISATION SWITCH AND TONE DETECTION
logo
Zetex Semiconductors
ZNBG3113 ZETEX-ZNBG3113 Datasheet
684Kb / 17P
   FET BIAS CONTROLLER WITH POLARISATION SWITCH AND TONE DETECTION
ZNBG3210 ZETEX-ZNBG3210 Datasheet
387Kb / 16P
   FET BIAS CONTROLLER WITH POLARISATION SWITCH AND TONE DETECTION
logo
Diodes Incorporated
ZNBG3000 DIODES-ZNBG3000 Datasheet
216Kb / 9P
   FET BIAS CONTROLLER
logo
Aimtron Technology
AT1504 AIMTRON-AT1504 Datasheet
237Kb / 6P
   FET BIAS CONTROLLER
AT1506 AIMTRON-AT1506 Datasheet
237Kb / 6P
   FET BIAS CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com