Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZM331643G Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZM331643G
Description  SUPPLY VOLTAGE MONITOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZM331643G Datasheet(HTML) 2 Page - Diodes Incorporated

  ZM331643G Datasheet HTML 1Page - Diodes Incorporated ZM331643G Datasheet HTML 2Page - Diodes Incorporated ZM331643G Datasheet HTML 3Page - Diodes Incorporated ZM331643G Datasheet HTML 4Page - Diodes Incorporated ZM331643G Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Issue
4 - July 2006
www.zetex.com
© Zetex Semiconductors plc 2006
0
2468
10
-40 °C
25 °C 85 °C
100
200
400
300
500
01
00.8
1.6
2.0
0.4
1.2
0
20
40
50
-40 °C
25 °C
85 °C
00.4
2.0
0.8
1.2
1.6
0
40
60
80
20
-40 °C
85 °C
25 °C
Vin = 0V
2
345
1
2
3
4
5
0
01
2
3
4
2
4
0
2.4
3.0
-40
-20
0
20
40
60
80
2.69
2.67
Temperature ( °C)
Forward Voltage (V)
Input Voltage (V)
Upper Threshold
Lower Threshold
Input Current vs. Input Voltage
Output Voltage vs. Input Voltage
Output Saturation Voltage vs. Sink Current
Reset Delay Time
Clamp Diode Forward Current vs. Voltage
Threshold Voltage vs. Temperature
Input Voltage (V)
Output Saturation Voltage (V)
Time (
µs)
0
30
10
100
100
2.71
2.73
2.75
2.77
2.65
R L=10K
T A=25 °C
R L=10K

Vin=2.4V
ZM33164-3
TYPICAL CHARACTERISTICS
4-101


Similar Part No. - ZM331643G

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZM331643G ZETEX-ZM331643G Datasheet
109Kb / 5P
   SUPPLY VOLTAGE MONITOR
More results

Similar Description - ZM331643G

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZM33164-3 ZETEX-ZM33164-3 Datasheet
109Kb / 5P
   SUPPLY VOLTAGE MONITOR
ZSM530 ZETEX-ZSM530_06 Datasheet
143Kb / 5P
   SUPPLY VOLTAGE MONITOR
logo
Diodes Incorporated
ZSM330GTA DIODES-ZSM330GTA Datasheet
416Kb / 5P
   SUPPLY VOLTAGE MONITOR
logo
Zetex Semiconductors
ZSM330 ZETEX-ZSM330 Datasheet
139Kb / 5P
   SUPPLY VOLTAGE MONITOR
ZM33164 ZETEX-ZM33164_06 Datasheet
144Kb / 5P
   SUPPLY VOLTAGE MONITOR
ZM33164 ZETEX-ZM33164 Datasheet
131Kb / 5P
   SUPPLY VOLTAGE MONITOR
ZSM530 ZETEX-ZSM530 Datasheet
140Kb / 5P
   SUPPLY VOLTAGE MONITOR
ZSM560 ZETEX-ZSM560 Datasheet
136Kb / 5P
   SUPPLY VOLTAGE MONITOR
ZM33064 ZETEX-ZM33064 Datasheet
139Kb / 5P
   SUPPLY VOLTAGE MONITOR
ZSH560 ZETEX-ZSH560_03 Datasheet
92Kb / 5P
   SUPPLY VOLTAGE MONITOR
ZSM330 ZETEX-ZSM330_06 Datasheet
415Kb / 5P
   SUPPLY VOLTAGE MONITOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com