Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZLNB2006 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # ZLNB2006
Description  DUAL TONE AND POLARITY SWITCH LNB MULTIPLEX CONTROLLER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZLNB2006 Datasheet(HTML) 4 Page - Diodes Incorporated

  ZLNB2006 Datasheet HTML 1Page - Diodes Incorporated ZLNB2006 Datasheet HTML 2Page - Diodes Incorporated ZLNB2006 Datasheet HTML 3Page - Diodes Incorporated ZLNB2006 Datasheet HTML 4Page - Diodes Incorporated ZLNB2006 Datasheet HTML 5Page - Diodes Incorporated ZLNB2006 Datasheet HTML 6Page - Diodes Incorporated ZLNB2006 Datasheet HTML 7Page - Diodes Incorporated ZLNB2006 Datasheet HTML 8Page - Diodes Incorporated ZLNB2006 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
ZLNB2006
ZLNB2009
ZLNB2010
ISSUE 1 - APRIL 2002
4
R2
150k
C2
68pF
C1
470pF
R1
10k
R4
150k
C4
68pF
C3
470pF
R3
10k
V2
(See Note 1)
Note 1: V2 Characteristics
Type:-
AC source
Frequency:- 22kHz
Voltage:-
300mVp/p Enabled
100mVp/p Disabled
V1
5V
Y22
Y01
Y02
Vcc
Fout2
Y11
Y12
Y31
Gnd
Fin1
Fout1
Vpol2
Vpol1
Y21
Y32
1
Fin2
TEST CIRCUIT 1
R2
150k
C2
68pF
C1
470pF
R1
10k
R4
150k
C4
68pF
C3
470pF
R3
10k
V2
(See Note 1)
Note 1: V2 Characteristics
Type:-
AC source
Frequency:- 22kHz
Voltage:-
300mVp/p Enabled
100mVp/p Disabled
V1
5V
NC
CR2
CR1
NC
Y11
Y12
Y31
Gnd
Fin1
Fout1
Vpol1
Y32
Y22
Y01
Y02
Vcc
Fout2
Vpol2
Y21
Fin2
R6
1M
C6
100nF
C5
100nF
R5
1M
TEST CIRCUIT 2


Similar Part No. - ZLNB2006

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZLNB2006 ZETEX-ZLNB2006 Datasheet
120Kb / 11P
   DUAL TONE AND POLARITY SWITCH LNB MULTIPLEX CONTROLLER
ZLNB2006Q20 ZETEX-ZLNB2006Q20 Datasheet
120Kb / 11P
   DUAL TONE AND POLARITY SWITCH LNB MULTIPLEX CONTROLLER
More results

Similar Description - ZLNB2006

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZLNB2006 ZETEX-ZLNB2006 Datasheet
120Kb / 11P
   DUAL TONE AND POLARITY SWITCH LNB MULTIPLEX CONTROLLER
logo
Diodes Incorporated
ZLNB2013 DIODES-ZLNB2013 Datasheet
179Kb / 8P
   DUAL TONE AND POLARITY SWITCH LNB MULTIPLEX CONTROLLER
logo
Zetex Semiconductors
ZLNB2001 ZETEX-ZLNB2001 Datasheet
168Kb / 12P
   DUAL TONE and POLARITY SWITCH LNB MULTIPLEX CONTROLLER
ZLNB2012 ZETEX-ZLNB2012 Datasheet
97Kb / 8P
   DUAL TONE AND POLARITY SWITCH LNB MULTIPLEX CONTROLLER
ZLNB2013 ZETEX-ZLNB2013 Datasheet
165Kb / 8P
   DUAL TONE AND POLARITY SWITCH LNB MULTIPLEX CONTROLLER
logo
Diodes Incorporated
ZLNB2001 DIODES-ZLNB2001 Datasheet
158Kb / 12P
   DUAL TONE and POLARITY SWITCH LNB MULTIPLEX CONTROLLER
ZLNB2012 DIODES-ZLNB2012 Datasheet
110Kb / 8P
   DUAL TONE AND POLARITY SWITCH LNB MULTIPLEX CONTROLLER
logo
Zetex Semiconductors
ZLNB1001 ZETEX-ZLNB1001 Datasheet
138Kb / 4P
   DBS tone and polarity multiplex controller
logo
Diodes Incorporated
ZLNB1001 DIODES-ZLNB1001 Datasheet
149Kb / 4P
   DBS tone and polarity multiplex controller
logo
Zetex Semiconductors
ZLNB101 ZETEX-ZLNB101 Datasheet
77Kb / 5P
   DUAL POLARISATION SWITCH TWIN LNB MULTIPLEX CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com