Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FMP3216DAX Datasheet(PDF) 10 Page - FIDELIX

Part # FMP3216DAX
Description  2M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FIDELIX [FIDELIX]
Direct Link  http://www.fidelix.co.kr
Logo FIDELIX - FIDELIX

FMP3216DAX Datasheet(HTML) 10 Page - FIDELIX

Back Button FMP3216DAX Datasheet HTML 3Page - FIDELIX FMP3216DAX Datasheet HTML 4Page - FIDELIX FMP3216DAX Datasheet HTML 5Page - FIDELIX FMP3216DAX Datasheet HTML 6Page - FIDELIX FMP3216DAX Datasheet HTML 7Page - FIDELIX FMP3216DAX Datasheet HTML 8Page - FIDELIX FMP3216DAX Datasheet HTML 9Page - FIDELIX FMP3216DAX Datasheet HTML 10Page - FIDELIX FMP3216DAX Datasheet HTML 11Page - FIDELIX  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
FMP3216DAx
CMOS LPRAM
3D
P
D
M d E t /E it
3. Deep Power Down Mode Entry/Exit
A4
/CS
/UB, /LB
tWC
tWR(4)
tBW
tCW(2)
tAS(3)
tAW
tZZmin
tR
/WE
tWP(1)
/ZZ
tZZWE
Register
Write(DPD)
Deep Power
down start
Deep Power
down exit
Next
Cycle
Parameter
Description
Min
Max
Units
tZZWE
ZZ low to Write Enable Low
0
1
us
tR(Deep Power Down Mode only)
Operation Recovery Time
150
-
us
tZZmin
Low Power Mode Time
10
-
us
Write(DPD)
down start
down exit
Partial Array Refresh Mode (A3=0, A4=1)
4. Address Information
A2
A1,A0
Refresh Section
Address
Size
Density
0
11
1/4
000000h-7FFFFh
512Kbx16
8Mb
0
10
1/2
000000h-FFFFFh
1Mbx16
16Mb
X
00
Fll
000000h 1FFFFFh
2Mb 16
32Mb
Reduced Memory Size Mode (A3=1, A4=1)
X
00
Full
000000h-1FFFFFh
2Mbx16
32Mb
1
11
1/4
180000h-1FFFFFh
512Kbx16
8Mb
1
10
1/2
100000h-1FFFFFh
1Mbx16
16Mb
A2
A1,A0
Refresh Section
Address
Size
Density
0
11
1/4
000000h-7FFFFh
512Kbx16
8Mb
0
10
1/2
000000h-FFFFFh
1Mbx16
16Mb
1
11
1/4
180000h-1FFFFFh
512Kbx16
8Mb
1
10
1/2
100000h-1FFFFFh
1Mbx16
16Mb
Revision 0.1
Jul. 2010
10


Similar Part No. - FMP3216DAX

ManufacturerPart #DatasheetDescription
logo
FIDELIX
FMP3217BA0 FIDELIX-FMP3217BA0 Datasheet
140Kb / 10P
   2M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
FMP3217BA0-FXXX FIDELIX-FMP3217BA0-FXXX Datasheet
140Kb / 10P
   2M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
FMP3217BA0-GXXX FIDELIX-FMP3217BA0-GXXX Datasheet
140Kb / 10P
   2M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
FMP3217BA0-H60E FIDELIX-FMP3217BA0-H60E Datasheet
140Kb / 10P
   2M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
FMP3217BA0-H70E FIDELIX-FMP3217BA0-H70E Datasheet
140Kb / 10P
   2M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
More results

Similar Description - FMP3216DAX

ManufacturerPart #DatasheetDescription
logo
FIDELIX
FMP3217BAX FIDELIX-FMP3217BAX Datasheet
152Kb / 12P
   2M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
FMP3217BA0 FIDELIX-FMP3217BA0 Datasheet
140Kb / 10P
   2M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
FMP1617DAX FIDELIX-FMP1617DAX Datasheet
163Kb / 11P
   1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
CMP0817BA8-I FIDELIX-CMP0817BA8-I Datasheet
188Kb / 9P
   512K x 16 bit Super Low Power and Low Voltage Full CMOS RAM
FMP1617CC0 FIDELIX-FMP1617CC0 Datasheet
207Kb / 10P
   1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
CMP1617BAX-E FIDELIX-CMP1617BAX-E Datasheet
220Kb / 12P
   1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
CMP0417AA8-I FIDELIX-CMP0417AA8-I Datasheet
188Kb / 9P
   256K x 16 bit Super Low Power and Low Voltage Full CMOS RAM
FMP1216ACX FIDELIX-FMP1216ACX Datasheet
206Kb / 12P
   8M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
CMP0817BA0-I FIDELIX-CMP0817BA0-I Datasheet
192Kb / 10P
   512K x 16 bit Super Low Power and Low Voltage Full CMOS RAM
FMP1617CA0 FIDELIX-FMP1617CA0 Datasheet
207Kb / 10P
   1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com