Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FMP3216DAX Datasheet(PDF) 9 Page - FIDELIX

Part # FMP3216DAX
Description  2M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FIDELIX [FIDELIX]
Direct Link  http://www.fidelix.co.kr
Logo FIDELIX - FIDELIX

FMP3216DAX Datasheet(HTML) 9 Page - FIDELIX

Back Button FMP3216DAX Datasheet HTML 3Page - FIDELIX FMP3216DAX Datasheet HTML 4Page - FIDELIX FMP3216DAX Datasheet HTML 5Page - FIDELIX FMP3216DAX Datasheet HTML 6Page - FIDELIX FMP3216DAX Datasheet HTML 7Page - FIDELIX FMP3216DAX Datasheet HTML 8Page - FIDELIX FMP3216DAX Datasheet HTML 9Page - FIDELIX FMP3216DAX Datasheet HTML 10Page - FIDELIX FMP3216DAX Datasheet HTML 11Page - FIDELIX  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
FMP3216DAx
CMOS LPRAM
LOW POWER MODES
1. Mode Register Set
A20 ~ A5
A4
A3
A2
A1
A0
0
ZZ
Enable/Disable
Array On/Off
on /ZZ
Half Selection
Array Refresh Area
/ZZ Enable/Disable
A4
Type
0
Deep Power Down Enable
1
DPD Disable (Default)
Array On/Off on /ZZ
A3
Type
0
Partial Array Refresh Mode (Default)
1
Reduced Memory Size Mode
N t If th
i t
i
itt
t
bl th D
Nt Th RMS(Rd
d M
Si )
d i
bld ft
Note: If the register is written to enable the Deep
Power Down, the part will go into Deep Power Down
during the following time that /ZZ is driven low and
there is no MRS update. When /ZZ is driven high, all
of the register settings will return to default state for
the part (i.e. full array refresh, Deep Power Down
Disabled).
Note: The RMS(Reduced Memory Size) mode is enabled after
/ZZ goes high and remains enabled after /ZZ goes high. To
change to a different mode, the mode register will have to be
rewritten.
Half Selection (Top / Bottom)
A2
Type
Array Refresh Area
A1
A0
Type
0
Bottom (Default)
1
Top
0
0
Full Array (Default)
01
RFU
10
½ Array
11
¼ Array
2. MRS Update
Address
/CS
/UB, /LB
tWC
tWR(4)
tBW
tWP(1)
tCW(2)
tAS(3)
tAW
/WE
tWP(1)
/ZZ
tZZWE
Register Write Start
Register Write
Complete
Register Update
Complete
Revision 0.1
Jul. 2010
9
The register update take place on the rising eDAe of /ZZ. Once the register is updated, the next time /ZZ goes low, without any
updates to the register starting within the tZZWE max time of 1us, the part will refresh the array selected. The data bus is a
don’t care When /ZZ is low during the register updates.


Similar Part No. - FMP3216DAX

ManufacturerPart #DatasheetDescription
logo
FIDELIX
FMP3217BA0 FIDELIX-FMP3217BA0 Datasheet
140Kb / 10P
   2M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
FMP3217BA0-FXXX FIDELIX-FMP3217BA0-FXXX Datasheet
140Kb / 10P
   2M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
FMP3217BA0-GXXX FIDELIX-FMP3217BA0-GXXX Datasheet
140Kb / 10P
   2M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
FMP3217BA0-H60E FIDELIX-FMP3217BA0-H60E Datasheet
140Kb / 10P
   2M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
FMP3217BA0-H70E FIDELIX-FMP3217BA0-H70E Datasheet
140Kb / 10P
   2M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
More results

Similar Description - FMP3216DAX

ManufacturerPart #DatasheetDescription
logo
FIDELIX
FMP3217BAX FIDELIX-FMP3217BAX Datasheet
152Kb / 12P
   2M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
FMP3217BA0 FIDELIX-FMP3217BA0 Datasheet
140Kb / 10P
   2M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
FMP1617DAX FIDELIX-FMP1617DAX Datasheet
163Kb / 11P
   1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
CMP0817BA8-I FIDELIX-CMP0817BA8-I Datasheet
188Kb / 9P
   512K x 16 bit Super Low Power and Low Voltage Full CMOS RAM
FMP1617CC0 FIDELIX-FMP1617CC0 Datasheet
207Kb / 10P
   1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
CMP1617BAX-E FIDELIX-CMP1617BAX-E Datasheet
220Kb / 12P
   1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
CMP0417AA8-I FIDELIX-CMP0417AA8-I Datasheet
188Kb / 9P
   256K x 16 bit Super Low Power and Low Voltage Full CMOS RAM
FMP1216ACX FIDELIX-FMP1216ACX Datasheet
206Kb / 12P
   8M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
CMP0817BA0-I FIDELIX-CMP0817BA0-I Datasheet
192Kb / 10P
   512K x 16 bit Super Low Power and Low Voltage Full CMOS RAM
FMP1617CA0 FIDELIX-FMP1617CA0 Datasheet
207Kb / 10P
   1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com