Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VF-S320-05A Datasheet(PDF) 5 Page - CUI INC

Part # VF-S320-05A
Description  switching power supply
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VF-S320-05A Datasheet(HTML) 5 Page - CUI INC

  VF-S320-05A Datasheet HTML 1Page - CUI INC VF-S320-05A Datasheet HTML 2Page - CUI INC VF-S320-05A Datasheet HTML 3Page - CUI INC VF-S320-05A Datasheet HTML 4Page - CUI INC VF-S320-05A Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
3.000
76.20
(2 PLCS)
101.60 4.000
(2 PLCS)
NOTE: MOUNTING HOLE MAX DEPTH 4.00mm
REV.
DESCRIPTION
DATE
A
NEW DRAWING
6/26/2008
A
±0.3mm UNLESS OTHERWISE
SPECIFIED
TOLERANCE:
Website: www.cui.com
20050 SW 112th Ave.
Tualatin, OR 97062
Phone: 503-612-2300
800-275-4899
Fax: 503-612-2383
RoHS
VF-S320-XXA Series
VF-S320-XXA Series
PC FILE NAME:
APPROVED BY:
DRAWN BY:
UNITS:
PART NO.
SCALE:
ZRJ
1:2
SWITCHING POWER SUPPLY
COPYRIGHT 2008 BY CUI INC.
TITLE:
MM [INCHES]
REV:
25.40 1.000
4.000
101.60
25.40 1.000
(2 PLCS)
SCALE: 1:3
L
N
G
VO+
VO-
L
N
G
VO-
UNC 8-32
(6 PLCS)
VO+
7pins 9.5mm center
M3.5 screw
terminal block option
(5 pins, 3 used)
JS-1120-05
connector part no.
(10 pins)
JS-1120-10
connector part no.
A
101.60 4.000
1.500
38.10
152.40 6.000
DETAIL A
SCALE 2 : 1
PG
FAN2
+
-
FF
RTN
CN1


Similar Part No. - VF-S320-05A

ManufacturerPart #DatasheetDescription
logo
CUI INC
VF-S320-05A CUI-VF-S320-05A Datasheet
462Kb / 5P
   AC-DC POWER SUPPLY
VF-S320-05A CUI-VF-S320-05A Datasheet
510Kb / 5P
   AC-DC POWER SUPPLY
04/22/2021
VF-S320-05A-CFS CUI-VF-S320-05A-CFS Datasheet
706Kb / 5P
   AC-DC POWER SUPPLY
VF-S320-05A-CFS CUI-VF-S320-05A-CFS Datasheet
712Kb / 5P
   AC-DC POWER SUPPLY
VF-S320-05A-CFS CUI-VF-S320-05A-CFS Datasheet
667Kb / 5P
   AC-DC POWER SUPPLY
04/21/2021
More results

Similar Description - VF-S320-05A

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
SDURD320 SMC-SDURD320 Datasheet
187Kb / 5P
   Switching Power Supply
MBR1080 SMC-MBR1080 Datasheet
252Kb / 6P
   Switching power supply
62CNQ030 SMC-62CNQ030 Datasheet
232Kb / 5P
   Switching power supply
logo
Sparkle Power Inc.
FSP065-AAB SPI-FSP065-AAB Datasheet
115Kb / 7P
   Switching Power Supply
FSP090-1ADC21 SPI-FSP090-1ADC21 Datasheet
130Kb / 7P
   Switching Power Supply
logo
CUI INC
EPSA050120UB CUI-EPSA050120UB Datasheet
204Kb / 4P
   SWITCHING POWER SUPPLY
EPSA050250U_1009 CUI-EPSA050250U_1009 Datasheet
238Kb / 4P
   SWITCHING POWER SUPPLY
EPSA050250UB CUI-EPSA050250UB Datasheet
203Kb / 4P
   SWITCHING POWER SUPPLY
EPSA050250UE CUI-EPSA050250UE Datasheet
196Kb / 4P
   SWITCHING POWER SUPPLY
EPSA120150UB CUI-EPSA120150UB Datasheet
201Kb / 4P
   SWITCHING POWER SUPPLY
EMSA18W CUI-EMSA18W Datasheet
251Kb / 5P
   SWITCHING POWER SUPPLY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com