Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FMP1617DCX Datasheet(PDF) 5 Page - FIDELIX

Part # FMP1617DCX
Description  1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FIDELIX [FIDELIX]
Direct Link  http://www.fidelix.co.kr
Logo FIDELIX - FIDELIX

FMP1617DCX Datasheet(HTML) 5 Page - FIDELIX

  FMP1617DCX Datasheet HTML 1Page - FIDELIX FMP1617DCX Datasheet HTML 2Page - FIDELIX FMP1617DCX Datasheet HTML 3Page - FIDELIX FMP1617DCX Datasheet HTML 4Page - FIDELIX FMP1617DCX Datasheet HTML 5Page - FIDELIX FMP1617DCX Datasheet HTML 6Page - FIDELIX FMP1617DCX Datasheet HTML 7Page - FIDELIX FMP1617DCX Datasheet HTML 8Page - FIDELIX FMP1617DCX Datasheet HTML 9Page - FIDELIX Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
FMP1617DCx
CMOS LPRAM
Revision 0.2
Jul. 2010
5
AC CHARACTERISTICS(VCC=1.7V~1.95V)
Parameter List
Symbol
70ns
Units
Min
Max
Read
Read Cycle Time
tRC
70
20k
ns
Address Access Time
tAA
-
70
ns
Chip Select to Output
tCO
-
70
ns
Output Enable to Valid Output
tOE
-
25
ns
/UB, /LB Access Time
tBA
-
70
ns
Chip Select to Low-Z Output
tLZ
10
-
ns
/UB, /LB Enable to Low-Z Output
tBLZ
10
-
ns
Output Enable to Low-Z Output
tOLZ
5
-
ns
Chip Disable to High- Z Output
tHZ
0
5
ns
/UB, /LB Disable to High- Z Output
tBHZ
0
5
ns
Output Disable to High- Z Output
tOHZ
0
5
ns
Output Hold from Address Change
tOH
5
-
ns
Write
Write Cycle Time
tWC
70
20k
ns
Chip Select to End of Write
tCW
60
-
ns
Address Set-up Time
tAS
0
-
ns
Address Valid to End of Write
tAW
60
-
ns
/UB, /LB Valid to End of Write
tBW
60
-
ns
Write Pulse Width
tWP
50
-
ns
Write Recovery Time
tWR
0
-
ns
Write to Output High-Z
tWHZ
0
5
ns
Data to Write Time Overlap
tDW
20
-
ns
Data Hold from Write Time
tDH
0
-
ns
End Write to Output Low-Z
tOW
5
-
ns
Page
Page Mode Cycle Time
tPC
25
-
ns
Page Mode Address Access Time
tPAA
-
25
ns
Maximum Cycle Time
tMRC
-
20k
ns
/CS High Pulse Width
tCP
10
-
ns
1. /CS High Pulse Width is defined by /CS or (/UB and /LB) because /UB & /LB can make standby mode when /UB=High and /LB=High.


Similar Part No. - FMP1617DCX

ManufacturerPart #DatasheetDescription
logo
FIDELIX
FMP1617DA0 FIDELIX-FMP1617DA0 Datasheet
147Kb / 9P
   1M x 16bit Super Low Power and Low Voltage Full CMOS RAM
FMP1617DAX FIDELIX-FMP1617DAX Datasheet
163Kb / 11P
   1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
More results

Similar Description - FMP1617DCX

ManufacturerPart #DatasheetDescription
logo
FIDELIX
FMP1617DAX FIDELIX-FMP1617DAX Datasheet
163Kb / 11P
   1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
FMP1617CC0 FIDELIX-FMP1617CC0 Datasheet
207Kb / 10P
   1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
CMP1617BAX-E FIDELIX-CMP1617BAX-E Datasheet
220Kb / 12P
   1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
FMP1617CAX FIDELIX-FMP1617CAX Datasheet
220Kb / 12P
   1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
FMP1617CCX FIDELIX-FMP1617CCX Datasheet
220Kb / 12P
   1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
FMP1617CA0 FIDELIX-FMP1617CA0 Datasheet
207Kb / 10P
   1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
logo
Samsung semiconductor
K6F1616U6M SAMSUNG-K6F1616U6M Datasheet
176Kb / 9P
   1M x 16 bit Super Low Power and Low Voltage Full CMOS Static RAM
logo
FIDELIX
FMP1617DA0 FIDELIX-FMP1617DA0 Datasheet
147Kb / 9P
   1M x 16bit Super Low Power and Low Voltage Full CMOS RAM
CMP0817BA8-I FIDELIX-CMP0817BA8-I Datasheet
188Kb / 9P
   512K x 16 bit Super Low Power and Low Voltage Full CMOS RAM
CMP0417AA8-I FIDELIX-CMP0417AA8-I Datasheet
188Kb / 9P
   256K x 16 bit Super Low Power and Low Voltage Full CMOS RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com