Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VF-S250-05A Datasheet(PDF) 1 Page - CUI INC

Part # VF-S250-05A
Description  switching power supply
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VF-S250-05A Datasheet(HTML) 1 Page - CUI INC

  VF-S250-05A Datasheet HTML 1Page - CUI INC VF-S250-05A Datasheet HTML 2Page - CUI INC VF-S250-05A Datasheet HTML 3Page - CUI INC VF-S250-05A Datasheet HTML 4Page - CUI INC VF-S250-05A Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
rev.
page
date
DESCRIPTION: switching power supply
1 of 5
01/2011
20050
SW 112th Ave. Tualatin, Oregon 97062
phone
phone 503.612.2300 fax
www.v-infinity.com
fax 503.612.2383
PART NUMBER: VF-S250-XXA
features
· power factor correction
· power good signal
· short circuit protection
· over load protection
· over voltage protection
· over temperature protection
· providing Peak Power 600W within
500uS duty duration
· approved to UL, CUL, TUV, CE with CB
scheme
· low Leakage Current 500uA @ 240Vac
300uA @ 120Vac
preset
output current
ripple & noise 3, 4
MODEL
voltage
output1, 2
convection5
16 CFM5
regulation3
(Vpp)
efficiency
VF-S250-05A
5V
2 - 5.5 V
20 A
40 A
+/- 1%
1%
75%
VF-S250-09A
9V
6 - 10 V
13.5 A
25 A
+/- 1%
1%
83%
VF-S250-12A
12V
12 - 13.5 V
11.25 A
20.83 A
+/- 1%
1%
80%
VF-S250-15A
15V
13.6 - 15 V
9 A
16.67 A
+/- 1%
1%
83%
VF-S250-18A
18V
16 - 20 V
7.5 A
13.89 A
+/- 1%
1%
83%
VF-S250-24A
24V
21 - 26 V
5.63 A
10.42 A
+/- 1%
1%
83%
VF-S250-28A
28V
27 - 34 V
4.82 A
8.93 A
+/- 1%
1%
83%
VF-S250-36A
36V
35 - 42 V
3.75 A
6.93 A
+/- 1%
1%
83%
VF-S250-48A
48V
43 - 50 V
2.81 A
5.21 A
+/- 1%
1%
83%
VF-S250-54A
54V
51 - 60 V
2.5 A
4.63 A
+/- 1%
1%
83%
notes:
1 Output is fully isolated.
2 Output voltage is measured at output power connector.
3 1% minimum load is required to maintain the ripple and regulation.
4 Ripple and noise is measured from 10 KHz to 20 MHz at output terminals with a 0.1 μF ceramic capacitor and
a 22 μF electrolytic capacitor in parallel.
5 Maximum power must not exceed 135 W with convection cooling or 250 W for forced air. 5 and 9 V models maximum current listed.
E210311
Low leakage option:
“blank” = standard specification
L = low leakage (contact factory)
VF-S250- XX A- X X - CXX
Reserved for custom
configurations
Input/Output connector:
“blank” = Terminal block input / Terminal block output
1 = Molex input / Molex output
2 = Molex input / Terminal block output
3 = Terminal block input / Molex output
Output voltage
CUSTOM CONFIG KEY


Similar Part No. - VF-S250-05A

ManufacturerPart #DatasheetDescription
logo
CUI INC
VF-S250-05A CUI-VF-S250-05A Datasheet
221Kb / 5P
   passive power factor correction
VF-S250-05A CUI-VF-S250-05A Datasheet
670Kb / 5P
   AC-DC POWER SUPPLY
04/26/2021
VF-S250-05A-CF CUI-VF-S250-05A-CF Datasheet
336Kb / 5P
   AC-DC POWER SUPPLY
More results

Similar Description - VF-S250-05A

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
SDURD320 SMC-SDURD320 Datasheet
187Kb / 5P
   Switching Power Supply
MBR1080 SMC-MBR1080 Datasheet
252Kb / 6P
   Switching power supply
62CNQ030 SMC-62CNQ030 Datasheet
232Kb / 5P
   Switching power supply
logo
Sparkle Power Inc.
FSP065-AAB SPI-FSP065-AAB Datasheet
115Kb / 7P
   Switching Power Supply
FSP090-1ADC21 SPI-FSP090-1ADC21 Datasheet
130Kb / 7P
   Switching Power Supply
logo
CUI INC
EPSA050120UB CUI-EPSA050120UB Datasheet
204Kb / 4P
   SWITCHING POWER SUPPLY
EPSA050250U_1009 CUI-EPSA050250U_1009 Datasheet
238Kb / 4P
   SWITCHING POWER SUPPLY
EPSA050250UB CUI-EPSA050250UB Datasheet
203Kb / 4P
   SWITCHING POWER SUPPLY
EPSA050250UE CUI-EPSA050250UE Datasheet
196Kb / 4P
   SWITCHING POWER SUPPLY
EPSA120150UB CUI-EPSA120150UB Datasheet
201Kb / 4P
   SWITCHING POWER SUPPLY
EMSA18W CUI-EMSA18W Datasheet
251Kb / 5P
   SWITCHING POWER SUPPLY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com