Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FM25Q32 Datasheet(PDF) 13 Page - FIDELIX

Part # FM25Q32
Description  32M-BIT Serial Flash Memory with 4KB Sectors, Dual and Quad I/O SPI
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FIDELIX [FIDELIX]
Direct Link  http://www.fidelix.co.kr
Logo FIDELIX - FIDELIX

FM25Q32 Datasheet(HTML) 13 Page - FIDELIX

Back Button FM25Q32 Datasheet HTML 9Page - FIDELIX FM25Q32 Datasheet HTML 10Page - FIDELIX FM25Q32 Datasheet HTML 11Page - FIDELIX FM25Q32 Datasheet HTML 12Page - FIDELIX FM25Q32 Datasheet HTML 13Page - FIDELIX FM25Q32 Datasheet HTML 14Page - FIDELIX FM25Q32 Datasheet HTML 15Page - FIDELIX FM25Q32 Datasheet HTML 16Page - FIDELIX FM25Q32 Datasheet HTML 17Page - FIDELIX Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 61 page
background image
preliminary(Aug.18.2010)
13
FM25Q32
11. CONTROL AND STATUS REGISTER
The Read Status Register instruction can be used to provide status on the availability of the Flash
memory array, if the device is write enabled or disabled, the state of write protection and the Quad
SPI setting. The Write Status Register instruction can be used to configure the devices write
protection features and Quad SPI setting. Write access to the Status Register is controlled by in
some cases of the /WP pin.
11.1 STATUS REGISTER
11.1.1 BUSY
BUSY is a read only bit in the status register (S0) that is set to a 1 state when the device is
executing a Page Program, Sector Erase, Block Erase, Chip Erase or Write Status Register
instruction. During this time the device will ignore further instruction except for the Read Status
Register and Erase Suspend instruction (see tW, tPP, tSE, tBE1, tBE2 and tCE in AC
Characteristics). When the program, erase or write status register instruction has completed, the
BUSY bit will be cleared to a 0 state indicating the device is ready for further instructions.
11.1.2 Write Enable Latch (WEL)
Write Enable Latch (WEL) is a read only bit in the status register (S1) that is set to a 1 after
executing a Write Enable instruction. The WEL status bit is cleared to a 0, When device is write
disabled.
A write disable state occurs upon power-up or after any of the following instructions:
Write Disable, Page Program, Sector Erase, Block Erase, Chip Erase and Write Status Register.
11.1.3 Block Protect Bits (BP2, BP1, BP0)
The Block Protect Bits (BP2, BP1, BP0) are non-volatile read/write bits in the status register (S4,
S3, and S2) that provide write protection control and status. Block protect bits can be set using the
Write Status Register Instruction (see tW in AC characteristics). All none or a portion of the memory
array can be protected from Program and Erase instructions (see Status Register Memory
Protection table). The factory default setting for the Block Protection Bits is 0, none of the array
protected.
11.1.4 Top/Bottom Block protect (TB)
The non-volatile Top/Bottom bit (TB) controls if the Block Protect Bits (BP2, BP1, BP0) protect from
the Top (TB=0) or the Bottom (TB=1) of the array as shown in the Status Register Memory
Protection table. The factory default setting is TB=0. The TB bit can be set with the Write Status
Register Instruction depending on the state of the SRP0, SRP1 and WEL bits.
11.1.5 Sector/Block Protect (SEC)
The non-volatile Sector protect bit (SEC) controls if the Block Protect Bits (BP2, BP1, BP0) protect
4KB Sectors (SEC=1)or 64KB Blocks (SEC=0) in the Top (TB=0) or the Bottom (TB=1) of the array
as shown in the Status Register Memory protection table. The default setting is SEC=0.


Similar Part No. - FM25Q32

ManufacturerPart #DatasheetDescription
logo
FIDELIX
FM25Q08 FIDELIX-FM25Q08 Datasheet
2Mb / 62P
   8M-BIT Serial Flash Menory with 4KB Sectors, Dual and Quad I/O SPI
FM25Q16 FIDELIX-FM25Q16 Datasheet
2Mb / 62P
   16M-BIT Serial Flash memory with 4KB Sectors, Dual and Quad I/O SPI
FM25Q64 FIDELIX-FM25Q64 Datasheet
2Mb / 61P
   64M-BIT Serial Flash Memory with 4KB Sectors, Dual and Quad I/O SPI
More results

Similar Description - FM25Q32

ManufacturerPart #DatasheetDescription
logo
FIDELIX
FM25Q16 FIDELIX-FM25Q16 Datasheet
2Mb / 62P
   16M-BIT Serial Flash memory with 4KB Sectors, Dual and Quad I/O SPI
FM25Q64 FIDELIX-FM25Q64 Datasheet
2Mb / 61P
   64M-BIT Serial Flash Memory with 4KB Sectors, Dual and Quad I/O SPI
logo
Winbond
W25X40CLUXIG-TR WINBOND-W25X40CLUXIG-TR Datasheet
1Mb / 53P
   SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
W25X32A WINBOND-W25X32A Datasheet
1Mb / 45P
   32M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X32BV WINBOND-W25X32BV Datasheet
1Mb / 45P
   32M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X05CLUXIG-TR WINBOND-W25X05CLUXIG-TR Datasheet
1Mb / 47P
   1M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
W25X20CLUXIG-TR WINBOND-W25X20CLUXIG-TR Datasheet
1Mb / 50P
   2M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
W25Q40CL WINBOND-W25Q40CL Datasheet
3Mb / 65P
   SERIAL FLASH MEMORY WITH 4KB SECTORS, DUAL AND QUAD SPI
W25X40BL WINBOND-W25X40BL Datasheet
780Kb / 55P
   2.5V 4M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
logo
FIDELIX
FM25Q08 FIDELIX-FM25Q08 Datasheet
2Mb / 62P
   8M-BIT Serial Flash Menory with 4KB Sectors, Dual and Quad I/O SPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com