Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FM25Q32 Datasheet(PDF) 11 Page - FIDELIX

Part # FM25Q32
Description  32M-BIT Serial Flash Memory with 4KB Sectors, Dual and Quad I/O SPI
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FIDELIX [FIDELIX]
Direct Link  http://www.fidelix.co.kr
Logo FIDELIX - FIDELIX

FM25Q32 Datasheet(HTML) 11 Page - FIDELIX

Back Button FM25Q32 Datasheet HTML 7Page - FIDELIX FM25Q32 Datasheet HTML 8Page - FIDELIX FM25Q32 Datasheet HTML 9Page - FIDELIX FM25Q32 Datasheet HTML 10Page - FIDELIX FM25Q32 Datasheet HTML 11Page - FIDELIX FM25Q32 Datasheet HTML 12Page - FIDELIX FM25Q32 Datasheet HTML 13Page - FIDELIX FM25Q32 Datasheet HTML 14Page - FIDELIX FM25Q32 Datasheet HTML 15Page - FIDELIX Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 61 page
background image
preliminary(Aug.18.2010)
11
FM25Q32
10.
FUNCTIONAL DESCRIPTION
10.1 SPI OPERATIONS
10.1.1 Standard SPI Instructions
The FM25Q32 is accessed through an SPI compatible bus consisting of four signals: Serial Clock
(CLK). Chip Select (/CS), Serial Data Input (DI) and Serial Data Output (DO). Standard SPI
instructions use the DI input pin to serially write instructions, addresses or data to the device on the
rising edge of CLK. The DO output pin is used to read data or status from the device on the falling
edge of CLK.
SPI bus operation Modes 0 (0, 0) and 3 (1, 1) are supported. The primary difference between
Mode 0 and Mode 3 concerns the normal state of the CLK signal when the SPI bus master is in
standby and data is not being transferred to the Serial Flash. For Mode 0 the CLK signal is
normally low on the falling and rising edges of /CS. For Mode 3 the CLK signal is normally high on
the falling and rising edges of /CS.
10.1.2 Dual SPI Instructions
The FM25Q32 supports Dual SPI operation when using the “Fast Read Dual I/O” (BB hex)
instruction. This instruction allows data to be transferred to or from the device at three to four the
rate ordinary Serial Flash devices. The Dual Read instruction is ideal for quickly downloading code
to RAM upon power-up (code-shadowing) or for executing non-speed-critical code directly from the
SPI bus (XIP). When using Dual SPI instructions the DI and DO pins become bidirectional I/0 pins;
IO0 and IO1.
10.1.3 Quad SPI Instructions
The FM25Q32 supports Quad SPI operation when using the “Fast Read Quad I/O” (EB hex). This
instruction allows data to be transferred to or from the device six to seven times the rate of ordinary
Serial Flash. The Quad Read instruction offers a significant improvement in continuous and
random access transfer rates allowing fast code-shadowing to RAM or execution directly from the
SPI bus (XIP). When using Quad SPI instruction the DI and DO pins become bidirectional IO0 and
IO1, and the /WP and /HOLD pins become IO2 and IO3 respectively. Quad SPI instructions require
the non-volatile Quad Enable bit (QE) in Status Register-2 to be set.
10.1.4 Hold Function
The /HOLD pin is used to pause a serial sequence of the SPI flash memory without resetting the
clocking sequence. To activate the /HOLD mode, the /CS must be in active low state. The /HOLD
mode begins when the CLK in active low state coincides with the falling edge of the /HOLD signal.
The HOLD mode ends when the /HOLD signal’s rising edge coincides with the CLK in active low
state.
If the falling edge of the /HOLD signal does not coincide with the CLK in active low state, then the
device enters HOLD mode when the CLK reaches the next active low state. Similarly, if the rising
edge of the /HOLD signal does not coincide with the CLK in active low state, then the device exits
in HOLD mode when the CLK reaches the next active low state. See Figure.2 for HOLD condition
waveform.
If /CS is driven active high during a HOLD condition, it resets the internal logic of the device. As
long as /HOLD signal is low, the memory remains in the HOLD condition. To resume
communication with the device, /HOLD must be driven active high, and /CS must be driven active
low. See 12.11 for HOLD timing.


Similar Part No. - FM25Q32

ManufacturerPart #DatasheetDescription
logo
FIDELIX
FM25Q08 FIDELIX-FM25Q08 Datasheet
2Mb / 62P
   8M-BIT Serial Flash Menory with 4KB Sectors, Dual and Quad I/O SPI
FM25Q16 FIDELIX-FM25Q16 Datasheet
2Mb / 62P
   16M-BIT Serial Flash memory with 4KB Sectors, Dual and Quad I/O SPI
FM25Q64 FIDELIX-FM25Q64 Datasheet
2Mb / 61P
   64M-BIT Serial Flash Memory with 4KB Sectors, Dual and Quad I/O SPI
More results

Similar Description - FM25Q32

ManufacturerPart #DatasheetDescription
logo
FIDELIX
FM25Q16 FIDELIX-FM25Q16 Datasheet
2Mb / 62P
   16M-BIT Serial Flash memory with 4KB Sectors, Dual and Quad I/O SPI
FM25Q64 FIDELIX-FM25Q64 Datasheet
2Mb / 61P
   64M-BIT Serial Flash Memory with 4KB Sectors, Dual and Quad I/O SPI
logo
Winbond
W25X40CLUXIG-TR WINBOND-W25X40CLUXIG-TR Datasheet
1Mb / 53P
   SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
W25X32A WINBOND-W25X32A Datasheet
1Mb / 45P
   32M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X32BV WINBOND-W25X32BV Datasheet
1Mb / 45P
   32M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X05CLUXIG-TR WINBOND-W25X05CLUXIG-TR Datasheet
1Mb / 47P
   1M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
W25X20CLUXIG-TR WINBOND-W25X20CLUXIG-TR Datasheet
1Mb / 50P
   2M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
W25Q40CL WINBOND-W25Q40CL Datasheet
3Mb / 65P
   SERIAL FLASH MEMORY WITH 4KB SECTORS, DUAL AND QUAD SPI
W25X40BL WINBOND-W25X40BL Datasheet
780Kb / 55P
   2.5V 4M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
logo
FIDELIX
FM25Q08 FIDELIX-FM25Q08 Datasheet
2Mb / 62P
   8M-BIT Serial Flash Menory with 4KB Sectors, Dual and Quad I/O SPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com