Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RB551V-30 Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # RB551V-30
Description  SURFACE MOUNT SCHOTTKY DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

RB551V-30 Datasheet(HTML) 2 Page - Pan Jit International Inc.

  RB551V-30 Datasheet HTML 1Page - Pan Jit International Inc. RB551V-30 Datasheet HTML 2Page - Pan Jit International Inc. RB551V-30 Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PAGE . 2
REV.0.2-MAR.11.2010
RB551V-30
ELECTRICAL CHARACTERISTICS TJ=25oC unless otherwise noted
P a ramete r
S ymb ol
Conditions
Min
Typ
Max
Units
Forward Voltage (Note 2)
VF
I F=100mA
I F=500mA
--
0.36
0.47
V
Reverse Leakage Current
I R
VR=20V
-
-
100
μ
A
Total Capacitance
CT
0Vdc Bias, f = 1MHz
10Vdc Bias, f = 1MHz
--
85
20
pF
Note 2. Short duration pulse test to avoid self-heating effect
1
10
100
0
5
10
15
20
25
30
35
Reverse Voltage, V
R (V )
f = 1MHz
0.001
0.01
0.1
1
10
100
1000
0
0.1
0.2
0.3
0.4
0.5
Forw ard Voltage, V
F (V )
T
J = 25°C
T
J = 75°C
T
J = 125°C
0.01
0.1
1
10
100
0
1020
3040
Reverse Voltage, V
R (V )
T
J = 25°C
T
J = 75°C
T
J = 125°C
Fig.
3. Typical Capacitance
Fig.
2. Typical Reverse Characteristics
Fig.
1. Typical Forward Characteristics
TYPICAL CHARACTERISTIC CURVES


Similar Part No. - RB551V-30

ManufacturerPart #DatasheetDescription
logo
Rohm
RB551V-30 ROHM-RB551V-30 Datasheet
57Kb / 2P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30 Datasheet
996Kb / 4P
   Schottky barrier Diode
logo
Jiangsu High diode Semi...
RB551V-30 HDSEMI-RB551V-30 Datasheet
1Mb / 4P
   SOD323 Plastic-Encapsulate Diodes
logo
List of Unclassifed Man...
RB551V-30 ETC-RB551V-30 Datasheet
75Kb / 1P
   Schottky Diodes
logo
Micro Commercial Compon...
RB551V-30 MCC-RB551V-30 Datasheet
167Kb / 2P
   500 mA Schottky Barrier Diode 30 Volts
More results

Similar Description - RB551V-30

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMBD330W PANJIT-MMBD330W Datasheet
58Kb / 4P
   SURFACE MOUNT SCHOTTKY DIODE
PJRB461F PANJIT-PJRB461F Datasheet
89Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODE
logo
Central Semiconductor C...
CMHSH-3 CENTRAL-CMHSH-3 Datasheet
51Kb / 2P
   SURFACE MOUNT SCHOTTKY DIODE
logo
Comchip Technology
BAS54 COMCHIP-BAS54 Datasheet
63Kb / 2P
   Surface Mount Schottky Diode
logo
Pan Jit International I...
MMBD301 PANJIT-MMBD301_13 Datasheet
186Kb / 5P
   SURFACE MOUNT SCHOTTKY DIODE
logo
Shanghai Leiditech Elec...
1SS357 LEIDITECH-1SS357 Datasheet
435Kb / 2P
   Surface mount schottky diode
logo
Pan Jit International I...
RB520S30 PANJIT-RB520S30 Datasheet
111Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODE
RB551V30 PANJIT-RB551V30 Datasheet
107Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODE
logo
Unisonic Technologies
RB501V-40 UTC-RB501V-40 Datasheet
131Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODE
logo
Central Semiconductor C...
CMWSH-4 CENTRAL-CMWSH-4 Datasheet
114Kb / 2P
   SURFACE MOUNT SCHOTTKY DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com