Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZLDO330T8 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # ZLDO330T8
Description  3.3 VOLT ULTRA LOW DROPOUT REGULATOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZLDO330T8 Datasheet(HTML) 6 Page - Diodes Incorporated

  ZLDO330T8 Datasheet HTML 1Page - Diodes Incorporated ZLDO330T8 Datasheet HTML 2Page - Diodes Incorporated ZLDO330T8 Datasheet HTML 3Page - Diodes Incorporated ZLDO330T8 Datasheet HTML 4Page - Diodes Incorporated ZLDO330T8 Datasheet HTML 5Page - Diodes Incorporated ZLDO330T8 Datasheet HTML 6Page - Diodes Incorporated ZLDO330T8 Datasheet HTML 7Page - Diodes Incorporated ZLDO330T8 Datasheet HTML 8Page - Diodes Incorporated ZLDO330T8 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
ZLDO330
1). Simple 3.3V Supply
Using a circuit such as Figure 1, the ZLDO330
can easily provide a 3.3V logic supply from an
available 5V rail where most standard
regulators could not guarantee correct
operation. Although this approach is not
particularly energy efficient, if the load taken
at 3.3V is not too large, then the added
complexity and cost of a 3.3V switching
converter may not be justifiable and so this
linear solution can be preferable. This circuit
will also give far less noise than a switching
regulator which can be important when
handling low level analogue signals or low
voltage measurements.
2). Post Converter Regulation
A common problem with multiple output
switch mode converters is that only one output
can be used in the feedback control loop of the
switching regulator. Thus only one output is
fully regulated. All other outputs are prone to
tracking errors that occur if the load on any
output changes significantly. By ensuring
close coupling of all transformer windings and
minimising the impedance of all outputs,
these errors can be reduced but never
eliminated. A simple way round this problem
is to wind the switching regulator transformer
to give a slightly higher voltage than required
and regulate down from this to the desired
voltage with a linear regulator. This is
indicated in Figure 2. To keep losses low and
so maintain the advantages of a switch mode
supply, it is important that the voltage drop
across this regulator is kept as low as possible,
i.e. just high enough to compensate for the
poor output impedance of the switching
power supply but no higher. The low dropout
voltage of the ZLDO330 allows this circuit
technique to be implemented very effectively,
giving a highly stable and accurate low noise
supply.
APPLICATIONS
Spg
D/C
Vout
LBF
SC
Vin
N/C
Gnd
IC1
ZLDO330
C2
1uF
C1
10pF
C3
100nF
+5V In
+5V Out
+3.3V Out
0V Out
0V In
Figure 1
Spg
D/C
Vout
LBF
SC
Vin
N/C
Gnd
ZLDO330
C2
1uF
C1
10pF
+ 5V Out
0V Out
C4
220uF
C5
220uF
+ 3.3V Out
TR1
Feedback
Switching
Regulator
Voltage
D1
D2
Figure 2
4-67


Similar Part No. - ZLDO330T8

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZLDO330T8 ZETEX-ZLDO330T8 Datasheet
86Kb / 9P
   3.3 VOLT ULTRA LOW DROPOUT REGULATOR
logo
Diodes Incorporated
ZLDO330T8TA DIODES-ZLDO330T8TA Datasheet
99Kb / 9P
   3.3 VOLT ULTRA LOW DROPOUT REGULATOR
ZLDO330T8TA DIODES-ZLDO330T8TA Datasheet
99Kb / 9P
   3.3 VOLT ULTRA LOW DROPOUT REGULATOR
More results

Similar Description - ZLDO330T8

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZLDO330T8TA DIODES-ZLDO330T8TA Datasheet
99Kb / 9P
   3.3 VOLT ULTRA LOW DROPOUT REGULATOR
ZLDO330T8TA DIODES-ZLDO330T8TA Datasheet
99Kb / 9P
   3.3 VOLT ULTRA LOW DROPOUT REGULATOR
logo
Zetex Semiconductors
ZLDO330 ZETEX-ZLDO330 Datasheet
86Kb / 9P
   3.3 VOLT ULTRA LOW DROPOUT REGULATOR
ZLDO485 ZETEX-ZLDO485 Datasheet
114Kb / 9P
   4.85 VOLT ULTRA LOW DROPOUT REGULATOR
logo
Diodes Incorporated
ZLDO285 DIODES-ZLDO285 Datasheet
84Kb / 9P
   2.85 VOLT ULTRA LOW DROPOUT REGULATOR
ZLDO485 DIODES-ZLDO485 Datasheet
127Kb / 9P
   4.85 VOLT ULTRA LOW DROPOUT REGULATOR
ZLDO300 DIODES-ZLDO300 Datasheet
243Kb / 9P
   3.0 VOLT ULTRA LOW DROPOUT REGULATOR
ZLDO270 DIODES-ZLDO270 Datasheet
86Kb / 9P
   2.70 VOLT ULTRA LOW DROPOUT REGULATOR
logo
Zetex Semiconductors
ZLDO285 ZETEX-ZLDO285 Datasheet
83Kb / 9P
   2.85 VOLT ULTRA LOW DROPOUT REGULATOR
ZLDO300 ZETEX-ZLDO300 Datasheet
242Kb / 9P
   3.0 VOLT ULTRA LOW DROPOUT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com