Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RB411D Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # RB411D
Description  Schottky Barrier Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

RB411D Datasheet(HTML) 2 Page - Pan Jit International Inc.

  RB411D Datasheet HTML 1Page - Pan Jit International Inc. RB411D Datasheet HTML 2Page - Pan Jit International Inc. RB411D Datasheet HTML 3Page - Pan Jit International Inc. RB411D Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RB411D
Symbol
Min.
Typ.
Max.
Units
ELECTRICAL CHARACTERISTICS (TA=25 )
-
16
V
uA
VR= 10V
VR= 10V, f=1MHz
Junction Capacitance
CJ
Reverse Current
IR
-
-
Parameter
Conditions
-
-
0.5
-
pF
V
IF= 10mA
-
0.3
30
IF= 500mA
VF
Forward Voltage
-
8/02/2006
Page 2
www.panjit.com


Similar Part No. - RB411D

ManufacturerPart #DatasheetDescription
logo
Rohm
RB411D ROHM-RB411D Datasheet
55Kb / 2P
   Schottky barrier diode
logo
Micro Commercial Compon...
RB411D MCC-RB411D Datasheet
137Kb / 2P
   20 to 40 Volts 0.5 Amp Surface Mount Schottky Barrier Diode
logo
Rohm
RB411D ROHM-RB411D Datasheet
208Kb / 4P
   Schottky barrier diode
logo
Guangdong Kexin Industr...
RB411D KEXIN-RB411D Datasheet
36Kb / 1P
   Schottky Barrier Diode
logo
Rohm
RB411D ROHM-RB411D Datasheet
1,008Kb / 4P
   Schottky Barrier Diode
More results

Similar Description - RB411D

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com