Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZHCS750 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZHCS750
Description  SOT23 SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE ?쏶uperBAT?
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZHCS750 Datasheet(HTML) 2 Page - Diodes Incorporated

  ZHCS750 Datasheet HTML 1Page - Diodes Incorporated ZHCS750 Datasheet HTML 2Page - Diodes Incorporated ZHCS750 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
75
125
110
100
030
1.2
0
030
VF - Forward Voltage (V)
IF v VF
0.01
10
1.2
0
TC - Case Temperature (°C)
IF(av) v TC
125
75
VR - Reverse Voltage (V)
Ta v VR
+50°C
+25°C
+100°C
10n
VR - Reverse Voltage (V)
IR v VR
0.5
0
IF(av) Average Forward Current (A)
PF(av) v IF(av)
200
100
0
VR - Reverse Voltage (V)
CD v VR
Rth=100° C/W
-55°C
+125°C
10
20
+25°C
+125°C
0.1
1
00.4
0.8
0.2
0.6
10
20
-55°C
0.4
0.8
85
95
105
115
DC
D=0.5
D=0.2
D=0.1
D=0.05
DC
D=0.5
D=0.2
D=0.1
D=0.05
0.4
0.3
0.2
0.1
0.4
0.8
Rth=200°C/W
Rth=300° C/W
100
100n
10µ
100µ
1m
10m
100m
Typical
Typical
Tj=125°C
Typical
TYPICAL CHARACTERISTICS
Typical
p
t
1
t
1
D=t /t
p
I
F(pk)
I F(av)=D x I
F(pk)
F(av)
P
F(av)
=I
x V
F
p
t
1
t
1
D=t /t
p
I
F(pk)
I F(av)=D x I
F(pk)
ZHCS750


Similar Part No. - ZHCS750

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZHCS750 ZETEX-ZHCS750 Datasheet
165Kb / 3P
   SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE ?쏶uperBAT?
ZHCS750 ZETEX-ZHCS750 Datasheet
357Kb / 14P
   LED DRIVER SOLUTION FOR LCD BACKLIGHTING
logo
Diodes Incorporated
ZHCS750 DIODES-ZHCS750 Datasheet
277Kb / 16P
   LED DRIVER SOLUTION FOR LCD BACKLIGHTING
ZHCS750 DIODES-ZHCS750 Datasheet
211Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
ZHCS750TA DIODES-ZHCS750TA Datasheet
211Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results

Similar Description - ZHCS750

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZHCS756 DIODES-ZHCS756 Datasheet
173Kb / 3P
   SOT23 SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE ?쏶uperBAT?
ZHCS506 DIODES-ZHCS506 Datasheet
112Kb / 3P
   SOT23 SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE ?쏶uperBAT?
logo
Zetex Semiconductors
ZHCS756 ZETEX-ZHCS756 Datasheet
161Kb / 3P
   SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE ?쏶uperBAT?
ZHCS400 ZETEX-ZHCS400 Datasheet
50Kb / 3P
   SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE ?쏶uperBAT?
ZHCS500 ZETEX-ZHCS500 Datasheet
102Kb / 3P
   SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE ?쏶uperBAT?
ZHCS506 ZETEX-ZHCS506 Datasheet
101Kb / 3P
   SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE ?쏶uperBAT?
ZHCS750 ZETEX-ZHCS750 Datasheet
165Kb / 3P
   SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE ?쏶uperBAT?
ZHCS400 ZETEX-ZHCS400_07 Datasheet
127Kb / 6P
   SOD323 SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE ?쏶uperBAT?
logo
Diodes Incorporated
ZHCS1000 DIODES-ZHCS1000 Datasheet
174Kb / 3P
   SOT23 SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE ?쒾uperBAT?
logo
Fairchild Semiconductor
ZHCS1006TA FAIRCHILD-ZHCS1006TA Datasheet
177Kb / 3P
   SOT23 SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE ?쒾uperBAT?
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com