Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4N60 Datasheet(PDF) 4 Page - Estek Electronics Co. Ltd

Part # 4N60
Description  4 Amps竊?00Volts N-Channel MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESTEK [Estek Electronics Co. Ltd]
Direct Link  http://www.estek.com.cn/en/index.asp
Logo ESTEK - Estek Electronics Co. Ltd

4N60 Datasheet(HTML) 4 Page - Estek Electronics Co. Ltd

  4N60 Datasheet HTML 1Page - Estek Electronics Co. Ltd 4N60 Datasheet HTML 2Page - Estek Electronics Co. Ltd 4N60 Datasheet HTML 3Page - Estek Electronics Co. Ltd 4N60 Datasheet HTML 4Page - Estek Electronics Co. Ltd 4N60 Datasheet HTML 5Page - Estek Electronics Co. Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
■ Typical Characteristics (Continued)
Figure 9-2. Maximum Safe Operating Area
for TO220F
Figure 9-1. Maximum Safe Operating Area
for TO220
Figure 9-3. Maximum Safe Operating Area
for TO251, TO252
Figure 10. Maximum Drain Current
vs Case Temperature
TO220,TO220F
TO251,TO252
4
BEIJING ESTEK ELECTRONICS CO.,LTD
4N60


Similar Part No. - 4N60

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
4N60 UTC-4N60 Datasheet
152Kb / 8P
   4 Amps, 600 Volts N-CHANNEL POWER MOSFET
logo
ARTSCHIP ELECTRONICS CO...
4N60 ARTSCHIP-4N60 Datasheet
987Kb / 7P
   N-Channel Power MOSFET
logo
Unisonic Technologies
4N60 UTC-4N60 Datasheet
397Kb / 8P
   4 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
logo
VBsemi Electronics Co.,...
4N60 VBSEMI-4N60 Datasheet
1Mb / 9P
   N-Channel 650 V (D-S) MOSFET
logo
Unisonic Technologies
4N60 UTC-4N60 Datasheet
376Kb / 8P
   4A, 600V N-CHANNEL POWER MOSFET
More results

Similar Description - 4N60

ManufacturerPart #DatasheetDescription
logo
Estek Electronics Co. L...
2N60 ESTEK-2N60 Datasheet
573Kb / 5P
   N2 Amps竊?00Volts N-Channel MOSFET
7N60 ESTEK-7N60 Datasheet
470Kb / 5P
   7 Amps竊?00Volts N-Channel MOSFET
ET740 ESTEK-ET740 Datasheet
434Kb / 5P
   10.5 Amps竊?00Volts N-Channel MOSFET
ET730 ESTEK-ET730 Datasheet
423Kb / 5P
   6 Amps竊?00Volts N-Channel MOSFET
ET630 ESTEK-ET630 Datasheet
646Kb / 5P
   9 Amps竊?00Volts N-CHANNEL MOSFET
ET840 ESTEK-ET840 Datasheet
447Kb / 5P
   9 Amps竊?00Volts
ET830 ESTEK-ET830 Datasheet
448Kb / 5P
   5 Amps竊?00Volts
ET50N06 ESTEK-ET50N06 Datasheet
455Kb / 4P
   50 Amps竊?0Volts N-CHANNEL MOSFET
logo
Unisonic Technologies
4N90 UTC-4N90 Datasheet
165Kb / 6P
   4 Amps, 900 Volts N-CHANNEL MOSFET
logo
KIA Semiconductor Techn...
730H KIA-730H Datasheet
280Kb / 6P
   6Amps竊?00V N-CHANNEL MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com