Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY29973 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY29973
Description  3.3 V 125 MHz Multi-Output Zero Delay Buffer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY29973 Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY29973_11 Datasheet HTML 1Page - Cypress Semiconductor CY29973_11 Datasheet HTML 2Page - Cypress Semiconductor CY29973_11 Datasheet HTML 3Page - Cypress Semiconductor CY29973_11 Datasheet HTML 4Page - Cypress Semiconductor CY29973_11 Datasheet HTML 5Page - Cypress Semiconductor CY29973_11 Datasheet HTML 6Page - Cypress Semiconductor CY29973_11 Datasheet HTML 7Page - Cypress Semiconductor CY29973_11 Datasheet HTML 8Page - Cypress Semiconductor CY29973_11 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
CY29973
3.3 V 125 MHz Multi-Output
Zero Delay Buffer
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 38-07291 Rev. *E
Revised February 5, 2011
3.3 V 125 MHz Multi-Output Zero Delay Buffer
Features
Output Frequency up to 125 MHz
12 Clock Outputs: Frequency Configurable
350 ps max. Output to Output Skew
Configurable Output Disable
Two Reference Clock Inputs for Dynamic Toggling
Oscillator or PECL Reference Input
Spread Spectrum Compatible
Glitch-free Output Clocks Transitioning
3.3 V Power Supply
Pin Compatible with MPC973
Industrial Temperature Range: –40 °C to +85 °C
52-pin TQFP Package
Table 1. Frequency Table[1]
VC0_SEL
FB_SEL2
FB_SEL1
FB_SEL0
FVC0
00
00
8x
00
01
12x
00
10
16x
00
11
20x
01
00
16x
01
01
24x
01
10
32x
01
11
40x
10
00
4x
10
01
6x
10
10
8x
10
11
10x
11
00
8x
11
01
12x
11
10
16x
11
11
20x
Note
1. x = reference input frequency, 200 MHz < FVCO < 480 MHz.
[+] Feedback


Similar Part No. - CY29973_11

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY29973 CYPRESS-CY29973_12 Datasheet
438Kb / 10P
   3.3 V 125 MHz Multi-Output Zero Delay Buffer
More results

Similar Description - CY29973_11

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY29973 CYPRESS-CY29973_12 Datasheet
438Kb / 10P
   3.3 V 125 MHz Multi-Output Zero Delay Buffer
CY29972 CYPRESS-CY29972_12 Datasheet
425Kb / 13P
   3.3 V, 125-MHz Multi-Output Zero Delay Buffer
CY29972 CYPRESS-CY29972_11 Datasheet
370Kb / 13P
   3.3 V, 125-MHz Multi-Output Zero Delay Buffer Output frequency up to 125 MHz
Z9973 CYPRESS-Z9973 Datasheet
97Kb / 9P
   3.3V, 125-MHz, Multi-Output Zero Delay Buffer
Z9974 CYPRESS-Z9974 Datasheet
93Kb / 7P
   3.3V, 125-MHz, Multi-Output Zero Delay Buffer
CY29972 CYPRESS-CY29972_05 Datasheet
85Kb / 8P
   3.3V, 125-MHz Multi-Output Zero Delay Buffer
CY29976 CYPRESS-CY29976_08 Datasheet
279Kb / 9P
   3.3V, 125-MHz, Multi-Output Zero Delay Buffer
CY29973 CYPRESS-CY29973 Datasheet
164Kb / 8P
   3.3V 125-MHz Multi-Output Zero Delay Buffer
Z9972 CYPRESS-Z9972 Datasheet
87Kb / 9P
   3.3V, 125-MHz, Multi-Output Zero Delay Buffer
CY29973 CYPRESS-CY29973_08 Datasheet
254Kb / 9P
   3.3V 125-MHz Multi-Output Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com