Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PJSR05TB4 Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # PJSR05TB4
Description  LOW CAPACITANCE TVS AND DIODE ARRAY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJSR05TB4 Datasheet(HTML) 2 Page - Pan Jit International Inc.

  PJSR05TB4 Datasheet HTML 1Page - Pan Jit International Inc. PJSR05TB4 Datasheet HTML 2Page - Pan Jit International Inc. PJSR05TB4 Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PAGE . 2
REV.0.1-JAN.5.2010
PJSR05TB4 SERIES
ELECTRICAL CHARACTERISTICS(TJ=25oC) unless otherwise noted
PJSR05TB4
Marking R5
Parameter
Symbol
Condition
Min.
Typ.
Max.
Units
Reverse Stand-Off Voltage
VRWM
--
5
V
Reverse Breakdown Voltage
VBR
I BR=1mA
6.2
-
-
V
Reverse Leakage Current
I R
VR=5V
-
-
1
μ
A
Clamping Voltage (8/20μs)
VC
I PP=1A
-
-
9
V
Clamping Voltage (8/20μs)
VC
I PP=5A
-
-
12
V
Off State Junction Capacitance
CJ
0 Vdc Bias f=1MHZ
Between I/O pins and GND
-0.9
1.2
pF
Off State Junction Capacitance
CJ
0 Vdc Bias f=1MHz
Between I/O pins
-0.5
0.6
pF
PJSR12TB4
Marking R2
Parameter
Symbol
Condition
Min.
Typ.
Max.
Units
Reverse Stand-Off Voltage
VRWM
--
12
V
Reverse Breakdown Voltage
VBR
I BR=1mA
13.3
-
-
V
Reverse Leakage Current
I R
VR=12V
-
-
1
μ
A
Clamping Voltage (8/20μs)
VC
I PP=1A
-
-
18
V
Clamping Voltage (8/20μs)
VC
I PP=5A
-
-
22
V
Off State Junction Capacitance
CJ
0 Vdc Bias f=1MHZ
Between I/O pins and GND
-0.9
1.2
pF
Off State Junction Capacitance
CJ
0 Vdc Bias f=1MHz
Between I/O pins
-0.5
0.6
pF
APPLICATION EXAMPLE
D+
USB2.0 Connector
USB
Controller
D-
Vbus+


Similar Part No. - PJSR05TB4

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJSR05 PANJIT-PJSR05 Datasheet
71Kb / 3P
   Low Capacitance TVS and Diode Array
PJSR05 PANJIT-PJSR05_06 Datasheet
168Kb / 3P
   Low Capacitance TVS and Diode Array
More results

Similar Description - PJSR05TB4

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJUSBLC6-2 PANJIT-PJUSBLC6-2 Datasheet
55Kb / 3P
   Low Capacitance TVS and Diode Array
PJSR05 PANJIT-PJSR05_06 Datasheet
168Kb / 3P
   Low Capacitance TVS and Diode Array
PJSRV05W-4 PANJIT-PJSRV05W-4_06 Datasheet
587Kb / 4P
   Low Capacitance TVS and Diode Array
PJSR12 PANJIT-PJSR12 Datasheet
163Kb / 3P
   Low Capacitance TVS and Diode Array
PJSRV05W-4 PANJIT-PJSRV05W-4 Datasheet
95Kb / 3P
   Low Capacitance TVS and Diode Array
PJSR05 PANJIT-PJSR05 Datasheet
71Kb / 3P
   Low Capacitance TVS and Diode Array
PJSRV05-4 PANJIT-PJSRV05-4 Datasheet
67Kb / 3P
   Low Capacitance TVS and Diode Array
PJUSBLC6-2 PANJIT-PJUSBLC6-2_08 Datasheet
69Kb / 3P
   Low Capacitance TVS and Diode Array
PJSRV05-4 PANJIT-PJSRV05-4_06 Datasheet
595Kb / 4P
   Low Capacitance TVS and Diode Array
logo
Torex Semiconductor
XBP1001 TOREX-XBP1001 Datasheet
183Kb / 5P
   Low Capacitance TVS Diode Array
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com