Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZDT1053 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZDT1053
Description  SM-8 DUAL NPN MEDIUM POWER HIGH GAIN TRANSISTORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZDT1053 Datasheet(HTML) 2 Page - Diodes Incorporated

  ZDT1053 Datasheet HTML 1Page - Diodes Incorporated ZDT1053 Datasheet HTML 2Page - Diodes Incorporated ZDT1053 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SM-8 DUAL NPN MEDIUM POWER
HIGH GAIN TRANSISTORS
ISSUE 1 - NOVEMBER 1995
PARTMARKING DETAIL – T1053
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Base Voltage
VCBO
150
V
Collector-Emitter Voltage
VCEO
75
V
Emitter-Base Voltage
VEBO
5V
Peak Pulse Current
ICM
20
A
Continuous Collector Current
IC
5A
Base Current
IB
500
mA
Operating and Storage Temperature Range
Tj:Tstg
-55 to +150
°C
THERMAL CHARACTERISTICS
PARAMETER
SYMBOL
VALUE
UNIT
Total Power Dissipation at Tamb = 25°C*
Any single die “on”
Both die “on” equally
Ptot
2.25
2.75
W
W
Derate above 25°C*
Any single die “on”
Both die “on” equally
18
22
mW/ °C
mW/ °C
Thermal Resistance - Junction to Ambient*
Any single die “on”
Both die “on” equally
55.6
45.5
°C/ W
°C/ W
* The power which can be dissipated assuming the device is mounted in a typical manner
on a PCB with copper equal to 2 inches square.
ZDT1053
SM-8
(8 LEAD SOT223)
C1
C1
C2
C2
B1
E1
B2
E2
*Measured under pulsed conditions. Pulse width=300µs. Duty cycle ≤2%
ELECTRICAL CHARACTERISTICS (at Tamb= 25°C unless otherwise stated).
PARAMETER
SYMBOL MIN.
TYP.
MAX.
UNIT
CONDITIONS.
Collector-Base
Breakdown Voltage
V(BR)CBO 150
245
V
IC=100µA
Collector-Emitter
Breakdown Voltage
VCES
150
245
V
IC=100µA
Collector-Emitter
Breakdown Voltage
VCEO
75
100
V
IC=10mA
Collector-Emitter
Breakdown Voltage
VCEV
150
245
V
IC=100µA, VEB=1V
Emitter-Base
Breakdown Voltage
V(BR)EBO 58.8
V
IE=100µA
Collector Cutoff Current
ICBO
0.3
10
nA
VCB=120V
Emitter Cutoff Current
IEBO
0.3
10
nA
VEB=4V
Collector Emitter Cutoff
Current
ICES
0.3
10
nA
VCES=120V
Collector-Emitter Saturation
Voltage
VCE(sat)
17
70
120
150
300
25
100
150
200
440
mV
mV
mV
mV
mV
IC=0.2A, IB=20mA*
IC=1A, IB=50mA*
IC=1A, IB=10mA*
IC=2A, IB=50mA*
IC=5A, IB=250mA*
Base-Emitter
Saturation Voltage
VBE(sat)
1100
1200
mV
IC=5A, IB=250mA*
Base-Emitter Turn-On
Voltage
VBE(on)
1000
1100
mV
IC=5A, VCE=2V*
Static Forward Current
Transfer Ratio
hFE
260
300
150
30
420
450
220
50
15
1200
IC=10mA, VCE=2V*
IC=1A, VCE=2V*
IC=2A, VCE=2V*
IC=5A, VCE=2V*
IC=10A, VCE=2V*
Transition Frequency
fT
140
MHz
IC=50mA, VCE=10V
f=100MHz
Output Capacitance
Cobo
21
30
pF
VCB=10V, f=1MHz
Switching Times
ton
90
ns
IC=2A, IB=20mA, VCC=50V
toff
750
ns
IC=2A, IB=±20mA, VCC=50V
ZDT1053
3 - 363
3 - 364


Similar Part No. - ZDT1053

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZDT1053 ZETEX-ZDT1053 Datasheet
78Kb / 3P
   DUAL NPN MEDIUM POWER HIGH GAIN TRANSISTORS
logo
List of Unclassifed Man...
ZDT1053 ETC2-ZDT1053 Datasheet
79Kb / 3P
   SM-8 DUAL NPN MEDIUM POWER HIGH GAIN TRANSISTORS
logo
Diodes Incorporated
ZDT1053 DIODES-ZDT1053_15 Datasheet
577Kb / 7P
   75V DUAL NPN HIGH GAIN MEDIUM POWER TRANSISTOR IN SM-8
More results

Similar Description - ZDT1053

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZDT1048 DIODES-ZDT1048_15 Datasheet
345Kb / 6P
   SM-8 Dual NPN medium power high gain transistors
ZDT1049 DIODES-ZDT1049_15 Datasheet
72Kb / 3P
   SM-8 DUAL NPN MEDIUM POWER HIGH GAIN TRANSISTORS
ZDT1049 DIODES-ZDT1049 Datasheet
72Kb / 3P
   SM-8 DUAL NPN MEDIUM POWER HIGH GAIN TRANSISTORS
ZDT694 DIODES-ZDT694 Datasheet
70Kb / 3P
   SM-8 DUAL NPN MEDIUM POWER HIGH GAIN TRANSISTORS
logo
Zetex Semiconductors
ZDT1048 ZETEX-ZDT1048_07 Datasheet
335Kb / 6P
   SM-8 Dual NPN medium power high gain transistors
logo
Zilog, Inc.
ZDT694TA ZILOG-ZDT694TA Datasheet
70Kb / 3P
   SM-8 DUAL NPN MEDIUM POWER HIGH GAIN TRANSISTORS
logo
Diodes Incorporated
ZDT1048 DIODES-ZDT1048 Datasheet
345Kb / 6P
   SM-8 Dual NPN medium power high gain transistors
ZDT694TA DIODES-ZDT694TA Datasheet
70Kb / 3P
   SM-8 DUAL NPN MEDIUM POWER HIGH GAIN TRANSISTORS
logo
List of Unclassifed Man...
ZDT1053 ETC2-ZDT1053 Datasheet
79Kb / 3P
   SM-8 DUAL NPN MEDIUM POWER HIGH GAIN TRANSISTORS
logo
Diodes Incorporated
ZDT6790 DIODES-ZDT6790 Datasheet
40Kb / 3P
   SM-8 COMPLEMENTARY MEDIUM POWER HIGH GAIN TRANSISTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com