Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZDT1048 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZDT1048
Description  SM-8 Dual NPN medium power high gain transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZDT1048 Datasheet(HTML) 2 Page - Diodes Incorporated

  ZDT1048 Datasheet HTML 1Page - Diodes Incorporated ZDT1048 Datasheet HTML 2Page - Diodes Incorporated ZDT1048 Datasheet HTML 3Page - Diodes Incorporated ZDT1048 Datasheet HTML 4Page - Diodes Incorporated ZDT1048 Datasheet HTML 5Page - Diodes Incorporated ZDT1048 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ZDT1048
Issue 2 - December 2007
2
www.zetex.com
© Zetex Semiconductors plc 2007
Absolute maximum ratings
Thermal Characteristics
* The power which can be dissipated assuming the device is mounted in a typical manner on a PCB with copper equal to
2 inches square.
Parameter
Symbol
Value
Unit
Collector-base voltage
VCBO
50
V
Collector-emitter voltage
VCEO
17.5
V
Emitter-base voltage
VEBO
5
V
Peak pulse current
ICM
20
A
Continuous collector current
IC
5
A
Base current
IB
500
mA
Operating and storage temperature range
Tj:Tstg
-55 to +150
°C
Parameter
Symbol
Value
Unit
Total power dissipation at Tamb = 25°C*
Any single die “on”
Both die “on” equally
Ptot
2.25
2.75
W
W
Derate above 25°C*
Any single die “on”
Both die “on” equally
18
22
V
mW/°C
mW/°C
Thermal resistance - junction to ambient*
Any single die “on”
Both die “on” equally
55.6
45.5
°C/W
°C/W


Similar Part No. - ZDT1048

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZDT1048 ZETEX-ZDT1048 Datasheet
57Kb / 3P
   DUAL NPN MEDIUM POWER HIGH GAIN TRANSISTORS
ZDT1048 ZETEX-ZDT1048 Datasheet
335Kb / 6P
   SM-8 Dual NPN medium power high gain transistors
ZDT1048TA ZETEX-ZDT1048TA Datasheet
335Kb / 6P
   SM-8 Dual NPN medium power high gain transistors
ZDT1048 ZETEX-ZDT1048_07 Datasheet
335Kb / 6P
   SM-8 Dual NPN medium power high gain transistors
logo
Diodes Incorporated
ZDT1048 DIODES-ZDT1048_15 Datasheet
345Kb / 6P
   SM-8 Dual NPN medium power high gain transistors
More results

Similar Description - ZDT1048

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZDT1048 DIODES-ZDT1048_15 Datasheet
345Kb / 6P
   SM-8 Dual NPN medium power high gain transistors
ZDT1049 DIODES-ZDT1049_15 Datasheet
72Kb / 3P
   SM-8 DUAL NPN MEDIUM POWER HIGH GAIN TRANSISTORS
ZDT1049 DIODES-ZDT1049 Datasheet
72Kb / 3P
   SM-8 DUAL NPN MEDIUM POWER HIGH GAIN TRANSISTORS
ZDT694 DIODES-ZDT694 Datasheet
70Kb / 3P
   SM-8 DUAL NPN MEDIUM POWER HIGH GAIN TRANSISTORS
ZDT1053 DIODES-ZDT1053 Datasheet
87Kb / 3P
   SM-8 DUAL NPN MEDIUM POWER HIGH GAIN TRANSISTORS
logo
Zetex Semiconductors
ZDT1048 ZETEX-ZDT1048_07 Datasheet
335Kb / 6P
   SM-8 Dual NPN medium power high gain transistors
logo
Zilog, Inc.
ZDT694TA ZILOG-ZDT694TA Datasheet
70Kb / 3P
   SM-8 DUAL NPN MEDIUM POWER HIGH GAIN TRANSISTORS
logo
Diodes Incorporated
ZDT694TA DIODES-ZDT694TA Datasheet
70Kb / 3P
   SM-8 DUAL NPN MEDIUM POWER HIGH GAIN TRANSISTORS
logo
List of Unclassifed Man...
ZDT1053 ETC2-ZDT1053 Datasheet
79Kb / 3P
   SM-8 DUAL NPN MEDIUM POWER HIGH GAIN TRANSISTORS
logo
Diodes Incorporated
ZDT6790 DIODES-ZDT6790 Datasheet
40Kb / 3P
   SM-8 COMPLEMENTARY MEDIUM POWER HIGH GAIN TRANSISTORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com