Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV431 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # TLV431
Description  1.24V COST EFFECTIVE SHUNT REGULATOR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

TLV431 Datasheet(HTML) 2 Page - Diodes Incorporated

  TLV431 Datasheet HTML 1Page - Diodes Incorporated TLV431 Datasheet HTML 2Page - Diodes Incorporated TLV431 Datasheet HTML 3Page - Diodes Incorporated TLV431 Datasheet HTML 4Page - Diodes Incorporated TLV431 Datasheet HTML 5Page - Diodes Incorporated TLV431 Datasheet HTML 6Page - Diodes Incorporated TLV431 Datasheet HTML 7Page - Diodes Incorporated TLV431 Datasheet HTML 8Page - Diodes Incorporated TLV431 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
TLV431
TLV431
Document number: DS32088 Rev. 4 - 2
2 of 14
www.diodes.com
November 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Absolute Maximum Ratings (Voltages to GND Unless Otherwise Stated)
Symbol
Parameter
Rating
Unit
VKA
Cathode Voltage
20
V
IKA
Continuous Cathode Current
-20 to 20
mA
IREF
Reference Input Current Range
-0.050 to 3
mA
VIN
Input Supply Voltage (Relative to Ground)
-0.03 to 18
V
ESD Susceptibility
HBM
Human Body Model
4
kV
MM
Machine Model
400
V
CDM
Charged Device Model
1
kV
(Semiconductor devices are ESD sensitive and may be damaged by exposure to ESD events. Suitable ESD precautions should be taken when handling and
transporting these devices.)
Parameter
Rating
Unit
Operating Junction Temperature
-40 to 150
°C
Storage Temperature
-65 to 150
°C
Operation above the absolute maximum rating may cause device failure.
Operation at the absolute maximum ratings, for extended periods, may reduce device reliability.
Unless otherwise stated voltages specified are relative to the ANODE pin.
These are stress ratings only. Operation outside the absolute maximum ratings may cause device failure.
Recommended Operating Conditions
Min
Max
Units
VKA Cathode Voltage
VREF
18
V
IKA Cathode Current
0.1
15
mA
TA Operating Ambient
Temperature Range
-40
125
°C
Package Thermal Data
Package
θ
JA
PDIS
TA =25°C, TJ = 150°C
SOT23
380°C/W
330 mW
SOT25
250°C/W
500 mW
SC70-6
380°C/W
330 mW


Similar Part No. - TLV431

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV431 TI-TLV431 Datasheet
232Kb / 34P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
TLV431 TI-TLV431 Datasheet
787Kb / 31P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Zetex Semiconductors
TLV431 ZETEX-TLV431 Datasheet
813Kb / 16P
   1.24V Cost effective shunt regulator
logo
Texas Instruments
TLV431 TI-TLV431 Datasheet
985Kb / 36P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
TLV431 TI-TLV431 Datasheet
1,013Kb / 38P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
More results

Similar Description - TLV431

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
TLV431 ZETEX-TLV431_08 Datasheet
813Kb / 16P
   1.24V Cost effective shunt regulator
ZTLV431 ZETEX-ZTLV431 Datasheet
199Kb / 8P
   1.24V Cost effective shunt regulator
logo
Diodes Incorporated
ZTLV431 DIODES-ZTLV431 Datasheet
296Kb / 8P
   1.24V Cost effective shunt regulator
logo
Zetex Semiconductors
ZTLV431 ZETEX-ZTLV431_07 Datasheet
224Kb / 8P
   1.24V Cost effective shunt regulator
logo
Diodes Incorporated
ZTL431 DIODES-ZTL431_17 Datasheet
445Kb / 12P
   COST EFFECTIVE ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Zetex Semiconductors
ZTL431 ZETEX-ZTL431 Datasheet
422Kb / 12P
   Cost effective adjustable precision shunt regulator
ZTL431 ZETEX-ZTL431_08 Datasheet
433Kb / 12P
   Cost effective adjustable precision shunt regulator
logo
Diodes Incorporated
ZTL431 DIODES-ZTL431 Datasheet
170Kb / 9P
   COST EFFECTIVE ADJUSTABLE PRECISION SHUNT REGULATOR
logo
List of Unclassifed Man...
B431L ETC1-B431L Datasheet
292Kb / 8P
   1.24V Adjustable Shunt Regulator
logo
Diodes Incorporated
TLV431Q DIODES-TLV431Q_18 Datasheet
1Mb / 14P
   AUTOMOTIVE-COMPLIANT 1.24V SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com