Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FZT7053 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # FZT7053
Description  100V NPN Darlington transistor in SOT223
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FZT7053 Datasheet(HTML) 2 Page - Diodes Incorporated

  FZT7053 Datasheet HTML 1Page - Diodes Incorporated FZT7053 Datasheet HTML 2Page - Diodes Incorporated FZT7053 Datasheet HTML 3Page - Diodes Incorporated FZT7053 Datasheet HTML 4Page - Diodes Incorporated FZT7053 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
FZT7053
Document Number DS31895 Rev. 2 - 2
2 of 5
www.diodes.com
August 2009
© Diodes Incorporated
A Product Line of
Diodes Incorporated
FZT7053
10 0V NP N Darli ng t on tr a nsi s t o r in SO T 2 2 3
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
VCBO
100
V
Collector-Emitter Voltage
VCEO
100
V
Emitter-Base Voltage
VEBO
12
V
Continuous Collector Current
IC
1.5
A
Peak Pulse Current
ICM
1.8
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation at TA = 25°C (Note 1)
Linear derating factor
PD
1.0
8.0
W
mW /
°C
Power Dissipation at TA = 25°C (Note 2)
Linear derating factor
PD
1.25
10
W
mW /
°C
Power Dissipation at TA = 25°C (Note 3)
Linear derating factor
PD
6.25
50
W
mW /
°C
Thermal Resistance, Junction to Ambient (Note 1)
RθJA
125
°C/W
Thermal Resistance, Junction to Ambient (Note 2)
RθJA
100
°C/W
Thermal Resistance, Junction to Lead (Note 3)
RθJL
20
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Notes:
1. For a device surface mounted on 15mm X 15mm X 1.6mm FR4 PCB with high coverage of single sided 1 oz copper, in still air conditions
2. Mounted on 25mm X 25mm X 1.6mm FR4 PCB with high coverage of single sided 1 oz copper, in still air conditions.
3. Junction to lead (collector Tab). Typical.
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Collector-Base Breakdown Voltage
V(BR)CBO
100
V
IC = 100µA
Collector-Emitter Breakdown Voltage (Note 4)
V(BR)CEO
100
V
IC = 100mA
Emitter-Base Breakdown Voltage
V(BR)EBO
12
V
IE = 100µA
Collector-Base Cutoff Current
ICBO
<1
100
0.5
nA
µA
VCB = 80V
VCB = 80V, Tamb = 100°C
Collector-Emitter Cutoff Current
ICES
<1
200
0.5
nA
µA
VCB = 80V
VCB = 80V, Tamb = 100°C
Emitter Cutoff Current
IEBO
<1
100
nA
VEB = 7V
DC Current Gain (Note 4)
hFE
10000
1000
IC = 100mA, VCE = 5V
IC = 1A, VCE = 5V
Collector-Emitter Saturation Voltage (Note 4)
VCE(SAT)
1.5
V
IC = 100mA, IB = 0.1mA
Base-Emitter Turn-On Voltage (Note 4)
VBE(ON)
2.0
mV
IC = 100mA, VCE = 5V
Output Capacitance (Note 4)
Cobo
6.0
8.0
pF
VCB = 10V. f = 1MHz
Current Gain-Bandwidth Product (Note 4)
fT
200
MHz
VCE = 5V, IC = 100mA
Turn-On Time
ton
0.7
µs
VCC = 10V, IC = 100µA
IB1 = -IB2 = 0.1mA
Turn-Off Time
toff
2.5
µs
Notes:
1. For a device surface mounted on 15mm X 15mm X 1.6mm FR4 PCB with high coverage of single sided 1 oz copper, in still air conditions
2. Mounted on 25mm X 25mm X 1.6mm FR4 PCB with high coverage of single sided 1 oz copper, in still air conditions.
3. Junction to lead (collector Tab). Typical.
4. Measured under pulsed conditions. Pulse width = 300 µs. Duty cycle
≤ 2%


Similar Part No. - FZT7053

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FZT705 ZETEX-FZT705 Datasheet
55Kb / 2P
   PNP SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTOR
logo
Diodes Incorporated
FZT705 DIODES-FZT705 Datasheet
66Kb / 2P
   SOT223 PNP SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTOR
FZT705 DIODES-FZT705 Datasheet
66Kb / 2P
   SOT223 PNP SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTOR
logo
List of Unclassifed Man...
FZT705 ETC2-FZT705 Datasheet
66Kb / 2P
   SOT223 PNP SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTOR
logo
Diodes Incorporated
FZT705TA DIODES-FZT705TA Datasheet
66Kb / 2P
   SOT223 PNP SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTOR
More results

Similar Description - FZT7053

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FZT605 DIODES-FZT605_13 Datasheet
424Kb / 7P
   120V NPN DARLINGTON TRANSISTOR IN SOT223
FZT853TA DIODES-FZT853TA Datasheet
249Kb / 7P
   100V NPN MEDIUM POWER TRANSISTOR IN SOT223
FZT653 DIODES-FZT653_15 Datasheet
667Kb / 7P
   100V NPN HIGH PERFORMANCE TRANSISTOR IN SOT223
ZXTN25100DG DIODES-ZXTN25100DG Datasheet
338Kb / 8P
   100V NPN high gain transistor in SOT223
FZT493 DIODES-FZT493_15 Datasheet
655Kb / 7P
   100V NPN MEDIUM POWER TRANSISTOR IN SOT223
FZT853 DIODES-FZT853_15 Datasheet
485Kb / 7P
   100V NPN MEDIUM POWER TRANSISTOR IN SOT223
FMMT634 DIODES-FMMT634_15 Datasheet
623Kb / 7P
   100V NPN DARLINGTON TRANSISTOR IN SOT23
FMMT634Q DIODES-FMMT634Q Datasheet
612Kb / 7P
   100V NPN DARLINGTON TRANSISTOR IN SOT23
Rev. 2 - 2 October 2019
FMMT634TA DIODES-FMMT634TA Datasheet
296Kb / 7P
   100V NPN DARLINGTON TRANSISTOR IN SOT23
FMMT634Q DIODES-FMMT634Q_15 Datasheet
636Kb / 7P
   100V NPN DARLINGTON TRANSISTOR IN SOT23
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com