Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PJSD05TM Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # PJSD05TM
Description  ESD PROTECTION DIODES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJSD05TM Datasheet(HTML) 2 Page - Pan Jit International Inc.

  PJSD05TM Datasheet HTML 1Page - Pan Jit International Inc. PJSD05TM Datasheet HTML 2Page - Pan Jit International Inc. PJSD05TM Datasheet HTML 3Page - Pan Jit International Inc. PJSD05TM Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PAGE . 2
July 20.2010-REV.00
PJSD03TM ~ PJSD15TM
ELECTRICAL CHARACTERISTICS (TA=25oC unless otherwise noted, VF=1.1V Max.@I F=10mA)
ELECTRICAL CHARACTERISTICS (TA=25oC unless
otherwise noted)
Parameter
Symbol
Maximum Reverse Peak Pulse Current
I PP
Clamping Voltage@I PP
VC
Working Peak Reverse Voltage
VRWM
Maximum Reverse Leakage Current@VRWM
I R
Breakdown Voltage @ I T
VBR
Test Current
I T
Forward Current
I F
Forward Voltage@I F
VF
Peak Pulse Power Dissipation
PPP
Max.Capacitance@VR=0 and f=1MHz
CJ
Note : 2.VBR is measured with a pulse test current IT at an ambinet temperature of 25oC
3.Capacitance at f=1MHz, VR=0V, TA=25oC
Part Number
V RWM
I R@V RWM
V BR@I T
(Note 2)
C J
(Note 3)
V C
I PP
I T
Marking
Ma x.
Ma x.
Mi n.
Ma x.
Ma x P e r
8x2 0
μs
V
μAV
p F
V
A
mA
PJSD03TM
3.3
2.5
5.4
50
10
6
1.0
h
PJSD05TM
5
1
6.2
35
12
5
1.0
b
PJSD07TM
7
5
7.5
30
15
4
1.0
c
PJSD12TM
12
1
13.3
18
23
3
1.0
d
PJSD15TM
15
1
17.0
15
30
2
1.0
e


Similar Part No. - PJSD05TM

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJSD05TG PANJIT-PJSD05TG Datasheet
179Kb / 5P
   SINGLE LINE TVS DIODE FOR ESD PROTECTION PORTABLE ELECTRONICS
PJSD05TG PANJIT-PJSD05TG Datasheet
191Kb / 5P
   SINGLE LINE TVS DIODE FOR ESD PROTECTION PORTABLE ELECTRONICS
PJSD05TS PANJIT-PJSD05TS Datasheet
45Kb / 3P
   120W, LOW CLAMPING VOLTAGE TVS FOR PROTECTION IN PORTABLE ELECTRONICS
PJSD05TS PANJIT-PJSD05TS Datasheet
53Kb / 3P
   120W, LOW CLAMPING VOLTAGE TVS FOR PROTECTION IN PORTABLE ELECTRONICS
PJSD05TS PANJIT-PJSD05TS Datasheet
101Kb / 5P
   SINGLE LINE TVS DIODE FOR ESD PROTECTION PORTABLE ELECTRONICS
More results

Similar Description - PJSD05TM

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ESD1L001 ONSEMI-ESD1L001 Datasheet
457Kb / 6P
   ESD Protection Diodes
May, 2017 ??Rev. 0
ESD7551 ONSEMI-ESD7551 Datasheet
71Kb / 5P
   ESD Protection Diodes
November, 2016 ??Rev. 0
ESD7321 ONSEMI-ESD7321_16 Datasheet
130Kb / 5P
   ESD Protection Diodes
May, 2016 ??Rev. 2
ESD8011 ONSEMI-ESD8011 Datasheet
270Kb / 8P
   ESD Protection Diodes
September, 2015 ??Rev. 3
ESD8101 ONSEMI-ESD8101 Datasheet
153Kb / 8P
   ESD Protection Diodes
August, 2015 ??Rev. 1
ESD8351 ONSEMI-ESD8351_16 Datasheet
286Kb / 9P
   ESD Protection Diodes
May, 2016 ??Rev. 8
ESD5381 ONSEMI-ESD5381_16 Datasheet
93Kb / 5P
   ESD Protection Diodes
May, 2016 ??Rev. 6
logo
Diodes Incorporated
D2V8F4U8MR DIODES-D2V8F4U8MR Datasheet
412Kb / 5P
   ESD PROTECTION DIODES
Rev. 2 - 2 August 2022
logo
Pan Jit International I...
PJSD05MLTM PANJIT-PJSD05MLTM Datasheet
80Kb / 3P
   ESD PROTECTION DIODES
logo
ON Semiconductor
SRV05-4 ONSEMI-SRV05-4 Datasheet
147Kb / 9P
   ESD Protection Diodes
November, 2011 ??Rev. 1
ESD8351P2 ONSEMI-ESD8351P2 Datasheet
282Kb / 8P
   ESD Protection Diodes
April, 2017 ??Rev. 3
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com